Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC1G79-Q1 Datasheet (PDF) - Texas Instruments

SN74LVC1G79-Q1 Datasheet PDF - Texas Instruments
Part # SN74LVC1G79-Q1
Download  SN74LVC1G79-Q1 Download
File Size   1038.81 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74LVC1G79-Q1 Single Positive-Edge-Triggered D-Type Flip-Flop

SN74LVC1G79-Q1 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74LVC1G79-Q1 Datasheet PDF - Texas Instruments

Part # SN74LVC1G79-Q1
Download  SN74LVC1G79-Q1 Click to download

File Size   1038.81 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74LVC1G79-Q1 Single Positive-Edge-Triggered D-Type Flip-Flop

SN74LVC1G79-Q1 Datasheet (HTML) - Texas Instruments


SN74LVC1G79-Q1 Product details

1 Features
1• Qualified for Automotive Applications
• AEC-Q100 Qualified With the Following Results:
– ±4000-V Human-Body Model (HBM) ESD
Classification Level 3A
– ±1000-V Charged-Device Model (CDM) ESD
Classification Level C5
• Supports 5-V VCC Operation
• Inputs Accept Voltages to 5.5 V
• Supports Down Translation to VCC
• Max tpd of 6 ns at 3.3 V and 50 pF load
• Low Power Consumption, 10-μA Max ICC
• ±24-mA Output Drive at 3.3 V
• Ioff supports Partial-Power-Down Mode and Back-
Drive Protection

2 Applications
• Automotive Infotainment
• Automotive Cluster
• Automotive ADAS
• Automotive Body Electronics
• Automotive HEV/EV Powertrain

3 Description
This automotive AEC-Q100 qualified single positiveedge-
triggered D-type flip-flop is designed for 1.65-V
to 5.5-V VCC operation.
When data at the data (D) input meets the setup time
requirement, the data is transferred to the Q output
on the positive-going edge of the clock pulse. Clock
triggering occurs at a voltage level and is not directly
related to the rise time of the clock pulse. Following
the hold-time interval, data at the D input can be
changed without affecting the level at the output.
This device is fully specified for partial-power-down
applications using Ioff. The Ioff circuitry disables the
outputs, preventing damaging current backflow
through the device when it is powered down.




Similar Part No. - SN74LVC1G79-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G79-Q1 TI1-SN74LVC1G79-Q1 Datasheet
904Kb / 22P
Single Positive-Edge-Triggered D-Type Flip-Flop
SN74LVC1G79-Q1 TI2-SN74LVC1G79-Q1 Datasheet
1Mb / 32P
SN74LVC1G79 Single Positive-Edge-Triggered D-Type Flip-Flop
REVISED APRIL 2017
More results


Similar Description - SN74LVC1G79-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G79 TI-SN74LVC1G79 Datasheet
431Kb / 14P
SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
STMicroelectronics
74V1T79 STMICROELECTRONICS-74V1T79 Datasheet
111Kb / 9P
SINGLE POSITIVE EDGE TRIGGERED D-TYPE FLIP-FLOP
Apr-2004
74V1G80 STMICROELECTRONICS-74V1G80 Datasheet
200Kb / 10P
SINGLE POSITIVE EDGE TRIGGERED D-TYPE FLIP-FLOP
2001-Jul
logo
Texas Instruments
SN74AUC1G74 TI-SN74AUC1G74_08 Datasheet
637Kb / 15P
SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
Renesas Technology Corp
RD74LVC1G79 RENESAS-RD74LVC1G79 Datasheet
2Mb / 9P
Single Positive Edge-triggered D-type Flip Flop
HD74ALVC1G80 RENESAS-HD74ALVC1G80 Datasheet
97Kb / 11P
Single Positive Edge-triggered D-type Flip Flop
logo
Texas Instruments
SN74LVC1G79-EP TI1-SN74LVC1G79-EP Datasheet
373Kb / 11P
SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
Unisonic Technologies
U74LVC1G79 UTC-U74LVC1G79 Datasheet
192Kb / 7P
SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
Renesas Technology Corp
HD74ALVC1G79 RENESAS-HD74ALVC1G79_15 Datasheet
118Kb / 13P
Single Positive Edge-triggered D-type Flip Flop
logo
Texas Instruments
SN74LVC1G80-Q1 TI1-SN74LVC1G80-Q1 Datasheet
881Kb / 23P
Single Positive-Edge-Triggered D-Type Flip-Flop
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com