Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB5D2H Datasheet (PDF) - Texas Instruments

TB5D2H Datasheet PDF - Texas Instruments
Part # TB5D2H
Download  TB5D2H Download
File Size   1023.49 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description QUAD DIFFERENTIAL PECL DRIVERS

TB5D2H Datasheet (PDF)

Go To PDF Page Download Datasheet
TB5D2H Datasheet PDF - Texas Instruments

Part # TB5D2H
Download  TB5D2H Click to download

File Size   1023.49 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description QUAD DIFFERENTIAL PECL DRIVERS

TB5D2H Datasheet (HTML) - Texas Instruments


TB5D2H Product details

1FEATURES
· Functional Replacements for the Agere
BDG1A, BPNGA and BDGLA
· Pin-Equivalent to the General-Trade 26LS31
Device
· 2.0 ns Maximum Propagation Delays
· 0.15 ns Output Skew Typical Between Pairs
· Capable of Driving 50-Ω Loads
· 5.0-V or 3.3-V Supply Operation
· TB5D1M Includes Surge Protection on
Differential Outputs
· TB5D2H No Line Loading When VCC = 0
· Third State Output Capability
· -40C to 85C Operating Temp Range
· ESD Protection HBM > 3 kV and CDM > 2 kV
· Available in Gull-Wing SOIC (JEDEC MS-013,
DW) and SOIC (D) Packages

APPLICATIONS
· Digital Data or Clock Transmission Over
Balanced Transmission Lines

DESCRIPTION
These quad differential drivers are TTL input to
pseudo-ECL differential output used for digital data
transmission over balanced transmission lines.
The TB5D1M device is a pin and functional
replacement for the Agere systems BDG1A and
BPNGA quad differential drivers. The TB5D1M has a built-in lightning protection circuit to absorb large
transitions on the transmission lines without
destroying the device. When the circuit is powered
down it loads the transmission line, because of the
protection circuit.
The TB5D2H device is a pin and functional
replacement for the Agere systems BDG1A and BDGLA quad differential drivers. Upon power down
the TB5D2H output circuit appears as an open circuit
and does not load the transmission line.
Both drivers feature a 3-state output with a third-state
level of less than 0.1 V.
The packaging options available for these quad
differential line drivers include a 16-pin SOIC
gull-wing (DW) and a 16-pin SOIC (D) package.
Both drivers are characterized for operation from
-40C to 85C
The logic inputs of this device include internal pull-up
resistors of approximately 40 kΩ that are connected
to VCC to ensure a logical high level input if the inputs
are open circuited.




Similar Part No. - TB5D2H

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TB5D2H TI-TB5D2H Datasheet
354Kb / 16P
QUAD DIFFERENTIAL PECL DRIVERS
TB5D2H TI1-TB5D2H Datasheet
707Kb / 21P
QUAD DIFFERENTIAL PECL DRIVERS
TB5D2H TI1-TB5D2H Datasheet
697Kb / 21P
QUAD DIFFERENTIAL PECL DRIVERS
TB5D2H TI2-TB5D2H Datasheet
1Mb / 23P
QUAD DIFFERENTIAL PECL DRIVERS
REVISED JANUARY 2008
TB5D2HD TI-TB5D2HD Datasheet
354Kb / 16P
QUAD DIFFERENTIAL PECL DRIVERS
More results


Similar Description - TB5D2H

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TB5R1 TI-TB5R1 Datasheet
327Kb / 11P
QUAD DIFFERENTIAL PECL RECEIVERS
TB5D2H TI-TB5D2H Datasheet
354Kb / 16P
QUAD DIFFERENTIAL PECL DRIVERS
TB3R1 TI-TB3R1 Datasheet
267Kb / 11P
QUAD DIFFERENTIAL PECL RECEIVERS
TB5R3 TI-TB5R3 Datasheet
627Kb / 15P
QUAD DIFFERENTIAL PECL RECEIVERS
TB3R2DR TI-TB3R2DR Datasheet
767Kb / 13P
QUAD DIFFERENTIAL PECL RECEIVERS
TB5R1DR TI-TB5R1DR Datasheet
894Kb / 16P
QUAD DIFFERENTIAL PECL RECEIVERS
TB5R1DWR TI-TB5R1DWR Datasheet
894Kb / 16P
QUAD DIFFERENTIAL PECL RECEIVERS
TB5D1M TI1-TB5D1M Datasheet
707Kb / 21P
QUAD DIFFERENTIAL PECL DRIVERS
TB5D1M TI1-TB5D1M_17 Datasheet
697Kb / 21P
QUAD DIFFERENTIAL PECL DRIVERS
TB5R1 TI1-TB5R1_17 Datasheet
909Kb / 16P
QUAD DIFFERENTIAL PECL RECEIVERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com