Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCA5405RUGR Datasheet (PDF) - Texas Instruments

TCA5405RUGR Datasheet PDF - Texas Instruments
Part # TCA5405RUGR
Download  TCA5405RUGR Download
File Size   1062.1 Kbytes
Page   14 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Low Voltage 5-Bit Self-Timed, Single-Wire Output Expander

TCA5405RUGR Datasheet (PDF)

Go To PDF Page Download Datasheet
TCA5405RUGR Datasheet PDF - Texas Instruments

Part # TCA5405RUGR
Download  TCA5405RUGR Click to download

File Size   1062.1 Kbytes
Page   14 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Low Voltage 5-Bit Self-Timed, Single-Wire Output Expander

TCA5405RUGR Datasheet (HTML) - Texas Instruments


TCA5405RUGR Product details

1FEATURES
• Operating Power-Supply Voltage Range of 1.65
V to 3.6 V
• Five Independent Push-Pull Outputs
• Single Input (DIN) Controls State of All
Outputs
• High-Current Drive Outputs Maximum
Capability for Directly Driving LEDs
• Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
• ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 1000-V Charged-Device Model (C101)

APPLICATIONS
• Cell Phones
• PDAs
• Portable Media Players
• MP3 Players
• Portable Instrumentation

DESCRIPTION
The TCA5405 is a 5-bit output expander controlled using a single wire input. This device is ideal for portable
applications as it has a wide VCC range of 1.65V to 3.6 V. The TCA5405 uses a self-timed serial data protocol
with a single data input driven by a master device synchronized to an internal clock of that device. During a
Setup phase, the bit period is sampled, then the TCA5405 generates its own internal clock synchronized to that
of the Master device to sample the input over a five-bit-period Data Transfer phase and writes the bit states on
the parallel outputs after the last bit is sampled. The TCA5405 is available in an 8-pin 1.5mm x 1.5mm RUG
uQFN package.




Similar Part No. - TCA5405RUGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA5405RUGR TI1-TCA5405RUGR Datasheet
501Kb / 13P
Low Voltage 5-Bit Self-Timed, Single-Wire Output Expander
MARCH2011
TCA5405RUGR TI-TCA5405RUGR Datasheet
512Kb / 13P
Low Voltage 5-Bit Self-Timed, Single-Wire Output Expander
More results


Similar Description - TCA5405RUGR

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT6999 PTC-PT6999 Datasheet
44Kb / 3P
Output Expander
logo
National Instruments Co...
NI670X NI-NI670X Datasheet
349Kb / 4P
Software-Timed Analog Output-16-Bit, 16 or 32 Channels
logo
Texas Instruments
TCA5405 TI1-TCA5405 Datasheet
501Kb / 13P
Low Voltage 5-Bit Self-Timed, Single-Wire Output Expander
MARCH2011
TCA5405 TI-TCA5405 Datasheet
512Kb / 13P
Low Voltage 5-Bit Self-Timed, Single-Wire Output Expander
logo
ATMEL Corporation
AT28C16 ATMEL-AT28C16_14 Datasheet
179Kb / 12P
Self-Timed Byte Write Cycle
AT28C17 ATMEL-AT28C17_14 Datasheet
201Kb / 12P
Self-Timed Byte Write Cycle
logo
Integrated Silicon Solu...
IS61LPS51236B ISSI-IS61LPS51236B Datasheet
1Mb / 33P
Internal self-timed write cycle
logo
Texas Instruments
TCA6408A-Q1 TI1-TCA6408A-Q1 Datasheet
1Mb / 40P
Low-Voltage 8-Bit I2C and SMBus I/O Expander With Interrupt Output
logo
Micross Components
AS5SS256K18 MICROSS-AS5SS256K18 Datasheet
644Kb / 14P
Interally self-timed WRITE cycle
AS5SS256K36 MICROSS-AS5SS256K36 Datasheet
798Kb / 17P
Internally self-timed WRITE cycle
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com