Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9539PW Datasheet (PDF) - Nexperia B.V. All rights reserved

PCA9539PW Datasheet PDF - Nexperia B.V. All rights reserved
Part # PCA9539PW
Download  PCA9539PW Download
File Size   440.34 Kbytes
Page   31 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Low-voltage 16-bit I²C and SMBus low-power I/O expander with interrupt output, reset pin and configuration registers

PCA9539PW Datasheet (PDF)

Go To PDF Page Download Datasheet
PCA9539PW Datasheet PDF - Nexperia B.V. All rights reserved

Part # PCA9539PW
Download  PCA9539PW Click to download

File Size   440.34 Kbytes
Page   31 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Low-voltage 16-bit I²C and SMBus low-power I/O expander with interrupt output, reset pin and configuration registers

PCA9539PW Datasheet (HTML) - Nexperia B.V. All rights reserved


PCA9539PW Product details

General description
The PCA9539 provides 16 bits of General Purpose Input/Output (GPIO) expansion with interrupt and reset for I²C-bus/SMBus applications. It is designed for a wide voltage range of 2.3 V to 5.5 V. Nexperia GPIO expanders provide an elegant solution when additional IOs are needed while keeping the interconnections to a minimum, for example, in ACPI power switches, sensors, push buttons, LEDs and fan control. The PCA9539 contains a set of 8 bit Input, Output, Configuration and Polarity Inversion registers. At power up all IOs default to inputs. Each IO can be configured as either input or output by changing the corresponding bit in the configuration register. The data for each input or output is stored in the corresponding input or output register. The polarity inversion register can be programmed to invert the polarity of the read register. The PCA9539 has an opendrain interrupt output which is activated when any one of the GPIO changes from its corresponding input port register state. INT can be connected to the interrupt input of a microcontroller. By sending an interrupt signal on this line, the remote I/O can inform the microcontroller if there is incoming data on its ports without having to communicate via the I²C-bus. Thus, PCA9539 can remain a simple slave. The power on reset sets the registers to default values and initializes the device state machine. The RESET pin can be used to achieve same reset functionality without power down/up cycling by keeping active low. The state machine and the registers are in their default state until the RESET input is once again HIGH. This input requires pull up to VCC. The PCA9539 has two address pins A0 and A1 which can be used to configure the I²C bus slave address of the device. It allows up-to four devices to share the same I²C-bus/SMBus.

Features and benefits
• I²C-bus to parallel port expander
• Operating power supply voltage range of 2.3 V to 5.5 V
• Ultra low standby current consumption:
• 1 μA (maximum)
• Schmitt-trigger action allows slow input transition and better switching noise immunity at the SCL and SDA inputs
• Vhys = 0.10 × VCC (typical)
• Noise filter on SCL and SDA inputs
• 5 V tolerant I/Os
• 16 I/O pins which power up configured in input state
• Open-drain active LOW interrupt output (INT)
• Reset input (RESET) for resetting PCA9539 to default values
• 400 kHz Fast-mode I²C-bus
• Internal power-on reset
• No glitch on power-up
• Latched outputs with 25 mA drive maximum capability for directly driving LEDs
• Latch-up performance exceeds 100 mA per JESD78, Class II
• ESD protection:
• HBM ANSI/ESDA/JEDEC JS-001 Class 2 exceeds 2000 V
• CDM ANSI/ESDA/JEDEC JS-002 Class C3 exceeds 1000 V
• TSSOP24 package: plastic thin shrink small outline package; 24 leads; body width 4.4 mm
• Specified from -40 °C to +85 °C




Similar Part No. - PCA9539PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9539PW PHILIPS-PCA9539PW Datasheet
168Kb / 21P
16-bit I2C and SMBus, low power I/O port with interrupt and reset
2004 Sep 30
logo
Texas Instruments
PCA9539PW TI-PCA9539PW Datasheet
777Kb / 34P
REMOTE 16-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
logo
NXP Semiconductors
PCA9539PW NXP-PCA9539PW Datasheet
191Kb / 31P
16-bit I2C-bus and SMBus low power I/O port with interrupt and reset
Rev. 05-28 July 2008
logo
Texas Instruments
PCA9539PW TI1-PCA9539PW Datasheet
1Mb / 42P
SMBus Low-Power I/O Expander
PCA9539PWE4 TI-PCA9539PWE4 Datasheet
777Kb / 34P
REMOTE 16-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
More results


Similar Description - PCA9539PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA9539 TI1-TCA9539_16 Datasheet
1Mb / 46P
Low Voltage 16-Bit I2C and SMBus Low-Power I/O Expander with Interrupt Output, Reset Pin, and Configuration Registers
TCA9539-Q1 TI1-TCA9539-Q1 Datasheet
1Mb / 41P
Low Voltage 16-Bit I2C and SMBus Low-Power I/O Expander with Interrupt Output, Reset Pin, and Configuration Registers
logo
Nexperia B.V. All right...
NCA9555-Q100 NEXPERIA-NCA9555-Q100 Datasheet
490Kb / 31P
Low-voltage 16-bit I²C and SMBus I/O expander with interrupt output and configuration registers
Rev. 2 - 30 March 2023
NCA9555 NEXPERIA-NCA9555 Datasheet
451Kb / 31P
Low-voltage 16-bit I²C and SMBus I/O expander with interrupt output and configuration registers
Rev. 2 - 30 March 2023
NCA9535-Q100 NEXPERIA-NCA9535-Q100 Datasheet
463Kb / 29P
Low-voltage 16-bit I²C and SMBus low-power I/O expander with interrupt output and configuration registers
Rev. 1 - 31 March 2023
NCA9535 NEXPERIA-NCA9535 Datasheet
423Kb / 29P
Low-voltage 16-bit I²C and SMBus low-power I/O expander with interrupt output and configuration registers
Rev. 1 - 31 March 2023
NCA9539-Q100 NEXPERIA-NCA9539-Q100 Datasheet
483Kb / 31P
Low-voltage 16-bit I²C and SMBus low-power I/O expander with interrupt output, reset pin and configuration registers
Rev. 1 - 31 March 2023
NCA9539 NEXPERIA-NCA9539 Datasheet
443Kb / 31P
Low-voltage 16-bit I²C and SMBus low-power I/O expander with interrupt output, reset pin and configuration registers
Rev. 1 - 31 March 2023
NCA9555-Q100 NEXPERIA-NCA9555-Q100_V01 Datasheet
492Kb / 31P
Low-voltage 16-bit I²C and SMBus I/O expander with interrupt output and configuration registers
Rev. 3 - 24 April 2023
NCA9555 NEXPERIA-NCA9555_V01 Datasheet
454Kb / 31P
Low-voltage 16-bit I²C and SMBus I/O expander with interrupt output and configuration registers
Rev. 3 - 24 April 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com