Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV3501AIDR Datasheet (PDF) - Texas Instruments

TLV3501AIDR Datasheet PDF - Texas Instruments
Part # TLV3501AIDR
Download  TLV3501AIDR Download
File Size   1015.06 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLV350x 4.5-ns, Rail-to-Rail, High-Speed Comparator in Microsize Packages

TLV3501AIDR Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV3501AIDR Datasheet PDF - Texas Instruments

Part # TLV3501AIDR
Download  TLV3501AIDR Click to download

File Size   1015.06 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLV350x 4.5-ns, Rail-to-Rail, High-Speed Comparator in Microsize Packages

TLV3501AIDR Datasheet (HTML) - Texas Instruments


TLV3501AIDR Product details

1 Features
1• High Speed: 4.5 ns
• Rail-to-Rail I/O
• Supply Voltage: 2.7 V to 5.5 V
• Push-Pull CMOS Output Stage
• Shutdown (TLV3501 Only)
• Micro Packages: 6-Pin SOT-23 (Single), 8-Pin
SOT-23 (Dual)
• Low Supply Current: 3.2 mA

2 Applications
• Automatic Test Equipment
• Wireless Base Stations
• Threshold Detectors
• Zero-Crossing Detectors
• Window Comparators

3 Description
The TLV350x family of push-pull output comparators
feature a fast 4.5-ns propagation delay and operation
from 2.7 V to 5.5 V. Beyond-the-rails input commonmode
range makes it an ideal choice for low-voltage
applications. The rail-to-rail output directly drives
either CMOS or TTL logic.
Microsize packages provide options for portable and
space-restricted applications. The single (TLV3501) is
available in 6-pin SOT-23 and 8-pin SO packages.
The dual (TLV3502) comes in the 8-pin SOT-23 and
8-pin SO packages.




Similar Part No. - TLV3501AIDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV3501AIDR TI-TLV3501AIDR Datasheet
381Kb / 15P
4.5ns Rail-to-Rail, High-Speed Comparator in Microsize Packages
TLV3501AIDR TI1-TLV3501AIDR Datasheet
780Kb / 21P
4.5ns Rail-to-Rail, High-Speed Comparator in Microsize Packages
TLV3501AIDR TI-TLV3501AIDR Datasheet
763Kb / 21P
4.5ns Rail-to-Rail, High-Speed Comparator in Microsize Packages
TLV3501AIDRG4 TI-TLV3501AIDRG4 Datasheet
381Kb / 15P
4.5ns Rail-to-Rail, High-Speed Comparator in Microsize Packages
TLV3501AIDRG4 TI-TLV3501AIDRG4 Datasheet
763Kb / 21P
4.5ns Rail-to-Rail, High-Speed Comparator in Microsize Packages
More results


Similar Description - TLV3501AIDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV3501 TI-TLV3501 Datasheet
381Kb / 15P
4.5ns Rail-to-Rail, High-Speed Comparator in Microsize Packages
TLV3501A-Q1 TI1-TLV3501A-Q1 Datasheet
653Kb / 18P
4.5-ns Rail-to-Rail, High-Speed Comparator in Microsize Packages
TLV3502-Q1 TI1-TLV3502-Q1 Datasheet
575Kb / 17P
4.5-ns RAIL-TO-RAIL HIGH-SPEED COMPARATOR
TLV3502AIDCNTG4 TI-TLV3502AIDCNTG4 Datasheet
818Kb / 21P
4.5ns Rail-to-Rail, High-Speed Comparator in Microsize Packages
TLV3502AIDG4 TI1-TLV3502AIDG4 Datasheet
780Kb / 21P
4.5ns Rail-to-Rail, High-Speed Comparator in Microsize Packages
TLV3502AIDG4 TI-TLV3502AIDG4 Datasheet
763Kb / 21P
4.5ns Rail-to-Rail, High-Speed Comparator in Microsize Packages
TLV3502-Q1 TI-TLV3502-Q1_15 Datasheet
957Kb / 23P
TLV3502-Q1, 4.5-ns Rail-to-Rail High-Speed Comparator
TLV3501A-Q1 TI1-TLV3501A-Q1_15 Datasheet
998Kb / 22P
Rail-to-Rail, High-Speed Comparator in Microsize Packages
logo
ON Semiconductor
NCS2250 ONSEMI-NCS2250 Datasheet
255Kb / 12P
Comparator, High Speed 50 ns, Low Voltage Rail-to-Rail
June, 2018 ??Rev. 5
NCS2250 ONSEMI-NCS2250_V01 Datasheet
418Kb / 13P
Comparator, High Speed, 50 ns, Low Voltage, Rail-to-Rail
June, 2022 ??Rev. 6
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com