Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP390 Datasheet (PDF) - Texas Instruments

TMP390 Datasheet PDF - Texas Instruments
Part # TMP390
Download  TMP390 Download
File Size   1026.31 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TMP390-Q1 Ultra-Small, Dual-Channel (Hot and Cold Trip), 0.5-μA, Resistor- Programmable Temperature Switch

TMP390 Datasheet (PDF)

Go To PDF Page Download Datasheet
TMP390 Datasheet PDF - Texas Instruments

Part # TMP390
Download  TMP390 Click to download

File Size   1026.31 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TMP390-Q1 Ultra-Small, Dual-Channel (Hot and Cold Trip), 0.5-μA, Resistor- Programmable Temperature Switch

TMP390 Datasheet (HTML) - Texas Instruments


TMP390 Product details

1 Features
• AEC-Q100 qualified with the following results:
– Temperature grade 1: –40°C to +125°C
operating temperature range
– Extended operating temperature range: −55°C
to +130°C
• Functional Safety-Capable
– Documentation available to aid functional safety
system design
• Resistor programmable temperature trip points
and hysteresis options
– Resistor tolerances contribute zero error
– Hysteresis options: 5°C, 10°C and 20°C
• Separate outputs for overtemperature or
undertemperature detection
– Channel A (overtemperature): +30 to +124°C,
2°C steps
– Channel B (undertemperature): –50 to +25°C,
5°C steps
• Accuracy without calibration
– ±1.5°C (maximum) from 0°C to +70°C
– ±3.0°C (maximum) from −55°C to +130°C
• Ultra-low power consumption: 0.5 μA typical at
25°C
• Supply voltage: 1.62 to 5.5 V
• Open-drain outputs
• Trip test function enables in-system testing
• Available in a SOT-563 (1.60-mm × 1.20-mm),
6-pin package

2 Applications
• Automotive infotainment systems
– USB chargers
– Instrument clusters
– Media interface
• Cameras
• Radar/Lidar

3 Description
The TMP390-Q1 device is part of a family of ultralow
power, dual channel, resistor programmable
temperature switches that enable protection and
detection of system thermal events from –55°C
to 130°C. The TMP390-Q1 offers independent
overtemperature (hot) and undertemperature (cold)
detection . The trip temperatures (TTRIP) and thermal
hysteresis (THYST) options are programmed by two
E96-series resistors (1% tolerance) on the SETA and
SETB pins. Channel A resistors can range from 1.05
KΩ to 909 KΩ, representing one of 48 unique values.
Channel B resistors can range from 10.5 KΩ to 909
KΩ
The value of the resistor to ground on SETA input
sets the TTRIP threshold of Channel A. The value
of the resistor to ground on SETB input sets the
TTRIP threshold of Channel B, as well as the THYST
options of 5°C, or 10°C for both channels, to prevent
undesired digital output switching. When the SETB
input is connected to ground, Channel A operates with
20°C hysteresis. Resistors accuracy has no impact to
TTRIP accuracy.
To enable customer board-level manufacturing, the
TMP390-Q1 supports a trip test function where the
digital outputs are activated by exercising the SETA or
SETB pin.




Similar Part No. - TMP390

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP390 TI1-TMP390 Datasheet
995Kb / 28P
Ultra-Small, Dual-Channel, 0.5-關A, Resistor-Programmable Temperature Switch
TMP390 TI1-TMP390 Datasheet
1Mb / 27P
TMP392 Ultra-Small, Dual-Channel (Hot and Warm Trip), 0.5-關A, Resistor-Programmable Temperature Switch
TMP390 TI1-TMP390 Datasheet
1Mb / 27P
TMP390-Q1 Ultra-Small, Dual-Channel, 0.5-關A, Resistor-Programmable Hot and Cold Trip Temperature Switch
TMP390 TI2-TMP390 Datasheet
612Kb / 27P
TMP392 Ultra-Small, Dual-Channel (Hot and Warm Trip), 0.5-μA, Resistor-Programmable Temperature Switch
NOVEMBER 2019
TMP390 TI2-TMP390 Datasheet
838Kb / 27P
TMP390 Ultra-Small, Dual-Channel (Hot and Cold Trip), 0.5-μA, Resistor- Programmable Temperature Switch
REVISED AUGUST 2020
More results


Similar Description - TMP390

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TMP300 BURR-BROWN-TMP300 Datasheet
448Kb / 14P
1.8V, Resistor-Programmable TEMPERATURE SWITCH and
logo
National Semiconductor ...
LM57 NSC-LM57 Datasheet
572Kb / 18P
Resistor-Programmable Temperature Switch and Analog Temperature Sensor
logo
Texas Instruments
LM57-Q1 TI-LM57-Q1 Datasheet
1Mb / 38P
LM57-Q1 Resistor-Programmable Temperature Switch and Analog Temperature Sensor
TMP300 TI1-TMP300_16 Datasheet
965Kb / 20P
Resistor-Programmable Temperature Switch
LM57 TI1-LM57 Datasheet
1Mb / 40P
Resistor-Programmable Temperature Switch and Analog Temperature Sensor
LM57-Q1 TI1-LM57-Q1 Datasheet
1Mb / 38P
Resistor-Programmable Temperature Switch and Analog Temperature Sensor
TMP390 TI1-TMP390 Datasheet
995Kb / 28P
Ultra-Small, Dual-Channel, 0.5-關A, Resistor-Programmable Temperature Switch
TMP390-Q1 TI1-TMP390-Q1 Datasheet
516Kb / 24P
TMP390-Q1 Ultra-Small, Dual-Channel, 0.5-關A, Resistor-Programmable Hot and Cold Trip Temperature Switch
TMP392 TI1-TMP392 Datasheet
1Mb / 27P
TMP392 Ultra-Small, Dual-Channel (Hot and Warm Trip), 0.5-關A, Resistor-Programmable Temperature Switch
TMP390-Q1 TI1-TMP390-Q1_V01 Datasheet
1Mb / 27P
TMP390-Q1 Ultra-Small, Dual-Channel, 0.5-關A, Resistor-Programmable Hot and Cold Trip Temperature Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com