Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV809K33DBZR Datasheet (PDF) - Texas Instruments

TLV809K33DBZR Datasheet PDF - Texas Instruments
Part # TLV809K33DBZR
Download  TLV809K33DBZR Download
File Size   1028.81 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLV809 3-Pin Supply Voltage Supervisor

TLV809K33DBZR Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV809K33DBZR Datasheet PDF - Texas Instruments

Part # TLV809K33DBZR
Download  TLV809K33DBZR Click to download

File Size   1028.81 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLV809 3-Pin Supply Voltage Supervisor

TLV809K33DBZR Datasheet (HTML) - Texas Instruments


TLV809K33DBZR Product details

1 Features
• Precision supply voltage monitor:
2.5 V, 3 V, 3.3 V, 5 V
• Power-on reset generator with a
fixed delay time of 200 ms
• Supply current: 9 μA (typical)
• Temperature range: –40°C to +85°C
• 3-Pin SOT-23 package
• Pin-for-pin compatible with the MAX809

2 Applications
• Factory automation
• Portable and battery-powered equipment
• Set-top boxes
• Servers
• Appliances
• Electricity meters
• Building automation

3 Description
The TLV809 family of supervisory circuits provides
circuit initialization and timing supervision, primarily
for digital signal processors (DSPs) and processorbased
systems. The newer TLV809E device is a pinto-
pin compatible alternative.
During power-on, RESET is asserted when the supply
voltage (VDD) becomes greater than 1.1 V. Thereafter,
the supervisory circuit monitors VDD and keeps
RESET active as long as VDD remains below the
threshold voltage, VIT. An internal timer delays the
return of the output to the inactive state (high) to
ensure proper system reset. The delay time (td(typ) =
200 ms) starts after VDD rises above the threshold
voltage, VIT. When the supply voltage drops below the
VIT threshold voltage, the output becomes active (low)
again. No external components are required. All
devices in this family have a fixed sense-threshold
voltage (VIT) set by an internal voltage divider.
This product family is designed for supply voltages of
2.5 V, 3 V, 3.3 V, and 5 V. The circuits are available in
a 3-pin SOT-23 package. The TLV809 devices are
characterized for operation over a temperature range
of –40°C to +85°C.




Similar Part No. - TLV809K33DBZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV809K33DBZR TI1-TLV809K33DBZR Datasheet
691Kb / 16P
3-Pin Supply Voltage Supervisors
TLV809K33DBZR TI1-TLV809K33DBZR Datasheet
929Kb / 20P
3-Pin Supply Voltage Supervisor
More results


Similar Description - TLV809K33DBZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL7700 TI-TL7700 Datasheet
144Kb / 11P
SUPPLY-VOLTAGE SUPERVISOR
logo
Toshiba Semiconductor
TA8505P TOSHIBA-TA8505P Datasheet
213Kb / 6P
SUPPLY VOLTAGE SUPERVISOR
logo
IMP, Inc
IMP809 IMP-IMP809 Datasheet
167Kb / 7P
3-Pin Microcontroller Power Supply Supervisor
logo
Alliance Semiconductor ...
ASM809 ALSC-ASM809 Datasheet
220Kb / 10P
3 Pin Microcontroller Power Supply Supervisor
logo
IMP, Inc
IMP6303 IMP-IMP6303 Datasheet
144Kb / 8P
3-Pin Microcontroller Power Supply Supervisor
logo
Texas Instruments
TL7700 TI-TL7700_06 Datasheet
266Kb / 15P
SUPPLY-VOLTAGE SUPERVISOR
logo
A1 PROs co., Ltd.
IMP809 A1PROS-IMP809 Datasheet
170Kb / 7P
3-Pin Microcontroller Power Supply Supervisor
1998
logo
PulseCore Semiconductor
PCS809 PULSECORE-PCS809 Datasheet
521Kb / 8P
3-Pin 關P Voltage Supervisor
logo
Texas Instruments
TLV809 TI1-TLV809 Datasheet
929Kb / 20P
3-Pin Supply Voltage Supervisor
TL7700 TI1-TL7700_16 Datasheet
1Mb / 23P
SUPPLY-VOLTAGE SUPERVISOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com