Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS22860 Datasheet (PDF) - Texas Instruments

TPS22860 Datasheet PDF - Texas Instruments
Part # TPS22860
Download  TPS22860 Download
File Size   1051.27 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS22860 Ultra-Low Leakage Load Switch

TPS22860 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS22860 Datasheet PDF - Texas Instruments

Part # TPS22860
Download  TPS22860 Click to download

File Size   1051.27 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS22860 Ultra-Low Leakage Load Switch

TPS22860 Datasheet (HTML) - Texas Instruments


TPS22860 Product details

1 Features
1• Integrated Single Channel Load Switch
• Bias Voltage Range (V BIAS): 1.65 V to 5.5 V
• Input Voltage Range: 0 V to VBIAS
• ON-Resistance (RON)
– R ON = 0.73 Ω at VIN = 5 V (VBIAS = 5 V)
– RON = 0.68 Ω at VIN = 3.3 V (VBIAS = 5 V) space–
RON = 0.63 Ω at VIN = 1.8 V (VBIAS = 5 V)
• 200 mA Maximum Continuous Switch Current
• Ultra-Low Leakage Current
– VIN Leakage Current = 2 nA
– VBIAS Leakage Current at 5.5 V = 10 nA
• 6-pin SOT-23 or SC70 Package
• ESD Performance Tested per JESD 22
– 2 kV HBM and 1 kV CDM

2 Applications
• Wearables
• Internet of Things
• Wireless Sensor Networks

3 Description
The TPS22860 is a small, ultra-low leakage current,
single channel load switch. The device requires a
VBIAS voltage and can operate over an input voltage
range of 0 V to VBIAS. It can support a maximum
continuous current of 200 mA. The switch is
controlled by an on/off input (ON), which is capable of
interfacing directly with low-voltage control signals.
The TPS22860 is available in two small, space–
saving 6-pin SOT-23 and SC70 packages. The
device is characterized for operation over the free-air
temperature range of –40°C to 85°C.




Similar Part No. - TPS22860

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22860 TI1-TPS22860 Datasheet
895Kb / 18P
Ultra-Low Leakage Load Switch
TPS22860 TI2-TPS22860 Datasheet
553Kb / 18P
TPS22860 Ultra-Low Leakage Load Switch
APRIL 2015
TPS22860DBVR TI1-TPS22860DBVR Datasheet
895Kb / 18P
Ultra-Low Leakage Load Switch
TPS22860DBVR TI2-TPS22860DBVR Datasheet
553Kb / 18P
TPS22860 Ultra-Low Leakage Load Switch
APRIL 2015
TPS22860DBVR.B TI2-TPS22860DBVR.B Datasheet
553Kb / 18P
TPS22860 Ultra-Low Leakage Load Switch
APRIL 2015
More results


Similar Description - TPS22860

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22930 TI-TPS22930 Datasheet
895Kb / 19P
ULTRA SMALL, LOW RESISTANCE LOAD SWITCH
logo
Global Mixed-mode Techn...
G5198 GMT-G5198 Datasheet
34Kb / 1P
Ultra-Low Loss Load Switch
logo
Texas Instruments
TPS22860 TI1-TPS22860 Datasheet
895Kb / 18P
Ultra-Low Leakage Load Switch
TPS22916 TI1-TPS22916 Datasheet
330Kb / 21P
1 V??.5-V, 2-A, 60-m(ohm) Ultra-Low Leakage Load Switch
TPS22916 TI1-TPS22916_17 Datasheet
1Mb / 29P
1-V ??5.5-V, 2-A, 60-m(ohm) Ultra-Low Leakage Load Switch
TPS22917 TI1-TPS22917 Datasheet
203Kb / 14P
1 V??.5-V, 2-A, 80-m(ohm) Ultra-Low Leakage Load Switch
TPS22917 TI1-TPS22917_18 Datasheet
1Mb / 27P
1 V??.5-V, 2-A, 80-m(ohm) Ultra-Low Leakage Load Switch
logo
Vishay Siliconix
SIP32431 VISHAY-SIP32431_V01 Datasheet
394Kb / 15P
10 pA, Ultra Low Leakage and Quiescent Current, Load Switch with Reverse Blocking
06-Jul-2020
SIP32432 VISHAY-SIP32432_V01 Datasheet
434Kb / 13P
10 pA, Ultra Low Leakage and Quiescent Current,
29-Oct-2018
logo
Diodes Incorporated
AP22916 DIODES-AP22916 Datasheet
4Mb / 32P
1.3V-5.5V, 2A, 60mΩ ULTRA-LOW LEAKAGE LOAD SWITCH
March 2022 Rev. 1 - 2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com