Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS22918DBVT Datasheet (PDF) - Texas Instruments

TPS22918DBVT Datasheet PDF - Texas Instruments
Part # TPS22918DBVT
Download  TPS22918DBVT Download
File Size   1013.43 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS22918 5.5-V, 2-A, 52-mΩ On-Resistance Load Switch

TPS22918DBVT Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS22918DBVT Datasheet PDF - Texas Instruments

Part # TPS22918DBVT
Download  TPS22918DBVT Click to download

File Size   1013.43 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS22918 5.5-V, 2-A, 52-mΩ On-Resistance Load Switch

TPS22918DBVT Datasheet (HTML) - Texas Instruments


TPS22918DBVT Product details

1 Features
1• Integrated Single Channel Load Switch
• Ambient Operating Temperature: –40°C to
+105°C
• Input Voltage Range: 1 V to 5.5 V
• On-Resistance (RON)
– RON = 52 mΩ (typical) at VIN = 5 V
– RON = 53 mΩ (typical) at VIN = 3.3 V
• 2-A Maximum Continuous Switch Current
• Low Quiescent Current
– 8.3 μA (typical) at VIN = 3.3 V
• Low-Control Input-Threshold Enables Use of 1 V
or Higher GPIO
• Adjustable Quick-Output Discharge (QOD)
• Configurable Rise Time With CT Pin
• Small SOT23-6 Package (DBV)
– 2.90-mm × 2.80-mm, 0.95-mm Pitch,
1.45 mm Height (with leads)
• ESD Performance Tested per JESD 22
– ±2-kV HBM and ±1-kV CDM

2 Applications
• Industrial Systems
• Set Top Box
• Blood Glucose Meters
• Electronic Point of Sale

3 Description
The TPS22918 is a single-channel load switch with
configurable rise time and configurable quick output
discharge. The device contains an N-channel
MOSFET that can operate over an input voltage
range of 1 V to 5.5 V and can support a maximum
continuous current of 2 A. The switch is controlled by
an on and off input, which is capable of interfacing
directly with low-voltage control signals.
The configurable rise time of the device greatly
reduces inrush current caused by large bulk load
capacitances, thereby reducing or eliminating power
supply droop. The TPS22918 features a configurable
quick output discharge (QOD) pin, which controls the
fall time of the device to allow design flexibility for
power down and sequencing.
The TPS22918 is available in a small, leaded SOT-23
package (DBV) which allows visual inspection of
solder joints. The device is characterized for
operation over the free-air temperature range of
–40°C to +105°C.




Similar Part No. - TPS22918DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22918DBVT TI1-TPS22918DBVT Datasheet
1Mb / 30P
5.5-V, 2-A, 52-m(ohm) On-Resistance Load Switch
TPS22918DBVT TI2-TPS22918DBVT Datasheet
1,019Kb / 30P
TPS22918 5.5-V, 2-A, 52-mΩ On-Resistance Load Switch
REVISED JULY 2017
TPS22918DBVT.A TI2-TPS22918DBVT.A Datasheet
1,019Kb / 30P
TPS22918 5.5-V, 2-A, 52-mΩ On-Resistance Load Switch
REVISED JULY 2017
TPS22918DBVTG4 TI2-TPS22918DBVTG4 Datasheet
1,019Kb / 30P
TPS22918 5.5-V, 2-A, 52-mΩ On-Resistance Load Switch
REVISED JULY 2017
TPS22918DBVTG4.A TI2-TPS22918DBVTG4.A Datasheet
1,019Kb / 30P
TPS22918 5.5-V, 2-A, 52-mΩ On-Resistance Load Switch
REVISED JULY 2017
More results


Similar Description - TPS22918DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22968-Q1 TI1-TPS22968-Q1 Datasheet
2Mb / 32P
5.5-V, 4-A, 27Ohm On-Resistance Load Switch
TPS22914B TI1-TPS22914B Datasheet
1Mb / 26P
5.5-V, 2-A, 37m(ohm) On-Resistance Load Switch
TPS22918 TI1-TPS22918_16 Datasheet
1Mb / 30P
5.5-V, 2-A, 52-m(ohm) On-Resistance Load Switch
TPS22918-Q1 TI1-TPS22918-Q1 Datasheet
1Mb / 30P
5.5-V, 2-A, 52-m(ohm) On-Resistance Load Switch
TPS22995H-Q1 TI-TPS22995H-Q1 Datasheet
1Mb / 22P
TPS22995H-Q1 5.5-V, 3-A, 16-mΩ On-Resistance Automotive Load Switch
JUNE 2022
TPS22995 TI-TPS22995 Datasheet
882Kb / 26P
TPS22995 5.5-V, 3.8-A, 18-mΩ On-Resistance Load Switch with Adjustable Rise Time
DECEMBER 2022
TPS22995H-Q1 TI-TPS22995H-Q1_V01 Datasheet
898Kb / 24P
TPS22995H-Q1 5.5-V, 3-A, 19-mΩ On-Resistance Automotive Load Switch
REVISED DECEMBER 2022
TPS22995 TI-TPS22995_V01 Datasheet
1Mb / 30P
TPS22995 5.5-V, 3.8-A, 18-mΩ On-Resistance Load Switch with Adjustable Rise Time
DECEMBER 2022
TPS22997 TI-TPS22997 Datasheet
1,013Kb / 25P
TPS22997 5.5-V, 10-A, 4-mΩ On-Resistance Load Switch with Adjustable Rise Time
DECEMBER 2022
TPS22996 TI1-TPS22996 Datasheet
1Mb / 29P
TPS22996 5.5-V, 4-A, 14-mΩ On-Resistance Dual-Channel Load Switch
DECEMBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com