Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS22913B Datasheet (PDF) - Texas Instruments

TPS22913B Datasheet PDF - Texas Instruments
Part # TPS22913B
Download  TPS22913B Download
File Size   1034.4 Kbytes
Page   37 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS2291xx Ultra-small, Low On Resistance Load Switch With Controlled Turn-on

TPS22913B Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS22913B Datasheet PDF - Texas Instruments

Part # TPS22913B
Download  TPS22913B Click to download

File Size   1034.4 Kbytes
Page   37 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS2291xx Ultra-small, Low On Resistance Load Switch With Controlled Turn-on

TPS22913B Datasheet (HTML) - Texas Instruments


TPS22913B Product details

1 Features
1• Integrated Single Load Switch
• Four Pin Wafer-Chip-Scale Package (Nom)
– 0.9 mm × 0.9 mm, 0.5-mm Pitch, 0.5-mm
Height (YZV)
• Input Voltage Range: 1.4 V to 5.5 V low•
Low ON-Resistance
– rON = 60 mΩ at VIN = 5 V
– rON = 61 mΩ at VIN = 3.3 V
– rON = 74 mΩ at VIN = 1.8 V
– rON = 84 mΩ at VIN = 1.5 V
• 2-A Maximum Continuous Switch Current
• Low Threshold Control Input power•
Controlled Slew-rate
• Under-Voltage Lock Out
• Full-Time Reverse Current Protection
• Quick Output Discharge Transistor (TPS22913B/C
Devices)

2 Applications
• Notebook Computer and Ultrabook™
• Tablets and Set-Top-Boxes
• Portable Industrial / Medical Equipment
• Portable Media Players
• Point Of Sale Pins
• GPS Navigation Devices
• Digital Cameras
• Portable Instrumentation
• Smartphones / Wireless Handsets

3 Description
The TPS22910A, TPS22912C, and TPS22913B/C
are small, low rON load switches with controlled turn on. The device contains a P-channel MOSFET that
can operate over an input voltage range of 1.4 V to
5.5 V. The switch is controlled by an on/off input
(ON), which is capable of interfacing directly with low•
voltage GPIO control signals.
The TPS22910A, TPS22912C, and TPS22913B/C
devices provide reverse current protection in ON and
OFF states. An internal reverse voltage comparator
disables the power-switch when the output voltage
(VOUT) is driven higher than the input voltage (VIN), by
VRCP, to quickly (10 μs typ) stop the flow of current towards the input side of the switch. Reverse current
protection is always active, even when the power•
switch is disabled. Additionally, under-voltage lockout
(UVLO) protection turns the switch off if the input voltage is too low.
The TPS22913B/C contains a 150-Ω on-chip load
resistor for quick output discharge when the switch is turned off.
This family of devices have various slew rate options
to avoid inrush current (see Device Comparison
Table for details), are available in an ultra-small,
space-saving 4-pin WCSP packages, and are
characterized for operation over the free-air
temperature range of –40°C to 85°C.




Similar Part No. - TPS22913B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22913B TI1-TPS22913B Datasheet
864Kb / 22P
Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
TPS22913B TI1-TPS22913B Datasheet
864Kb / 22P
Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
TPS22913BYZVR TI1-TPS22913BYZVR Datasheet
864Kb / 22P
Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
TPS22913BYZVR TI1-TPS22913BYZVR Datasheet
864Kb / 22P
Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
TPS22913BYZVT TI1-TPS22913BYZVT Datasheet
864Kb / 22P
Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
More results


Similar Description - TPS22913B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22912 TI1-TPS22912 Datasheet
744Kb / 20P
Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
TPS22910A TI1-TPS22910A Datasheet
729Kb / 20P
Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
TPS22913B TI1-TPS22913B Datasheet
864Kb / 22P
Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
TPS22929D TI1-TPS22929D Datasheet
746Kb / 21P
Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
TPS22913 TI1-TPS22913 Datasheet
864Kb / 22P
Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
logo
Global Mixed-mode Techn...
G5016 GMT-G5016 Datasheet
107Kb / 1P
Dual Ultra-Low On-Resistance Load Switch with Controlled Turn-On
logo
Texas Instruments
TPS22930 TI1-TPS22930_16 Datasheet
975Kb / 23P
Ultra Small, Low On-Resistance Load Switch With Controlled Turn-on
logo
Advanced Power Electron...
APE8937 A-POWER-APE8937_16 Datasheet
1Mb / 14P
ULTRA LOW ON RESISTANCE 6A LOAD SWITCH WITH CONTROLLED TURN ON
APE8998A A-POWER-APE8998A Datasheet
702Kb / 8P
ULTRA LOW ON RESISTANCE 3A LOAD SWITCH WITH CONTROLLED TURN ON
APE8998B A-POWER-APE8998B_16 Datasheet
575Kb / 8P
ULTRA LOW ON RESISTANCE 4A LOAD SWITCH WITH CONTROLLED TURN ON
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com