Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS76032DBVR Datasheet (PDF) - Texas Instruments

TPS76032DBVR Datasheet PDF - Texas Instruments
Part # TPS76032DBVR
Download  TPS76032DBVR Download
File Size   1008.47 Kbytes
Page   17 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS

TPS76032DBVR Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS76032DBVR Datasheet PDF - Texas Instruments

Part # TPS76032DBVR
Download  TPS76032DBVR Click to download

File Size   1008.47 Kbytes
Page   17 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS

TPS76032DBVR Datasheet (HTML) - Texas Instruments


TPS76032DBVR Product details

50-mA Low-Dropout Regulator
Fixed Output Voltage Options: 5 V, 3.8 V,
3.3 V, 3.2 V, and 3 V
Dropout Typically 120 mV at 50 mA
Thermal Protection
Less Than 1-μA Quiescent Current in
Shutdown
–40°C to 125°C Operating Junction
Temperature Range
5-Pin SOT-23 Package
ESD Protection Verified to 1.5 kV Human
Body Model (HBM) per MIL-STD-883C

description
The TPS760xx is a 50 mA, low dropout (LDO) voltage regulator designed specifically for battery-powered
applications. A proprietary BiCMOS fabrication process allows the TPS760xx to provide outstanding
performance in all specifications critical to battery-powered operation.
The TPS760xx is available in a space-saving SOT–23 package and operates over a junction temperature range
of –40°C to 125°C.




Similar Part No. - TPS76032DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76032DBVR TI-TPS76032DBVR Datasheet
216Kb / 11P
LOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS76032DBVR TI1-TPS76032DBVR Datasheet
666Kb / 16P
LOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS76032DBVRG4 TI1-TPS76032DBVRG4 Datasheet
666Kb / 16P
LOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
More results


Similar Description - TPS76032DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76030 TI-TPS76030 Datasheet
216Kb / 11P
LOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS77001 TI-TPS77001 Datasheet
230Kb / 16P
ULTRA LOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS79015 TI-TPS79015 Datasheet
315Kb / 17P
ULTRALOW-POWER LOW-NOISE 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS77033-Q1 TI1-TPS77033-Q1 Datasheet
343Kb / 15P
ULTRALOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS76030 TI1-TPS76030_11 Datasheet
666Kb / 16P
LOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS77025DBVRG4 TI-TPS77025DBVRG4 Datasheet
925Kb / 24P
ULTRALOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS77033DBVTG4 TI-TPS77033DBVTG4 Datasheet
863Kb / 24P
ULTRALOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS770 TI-TPS770 Datasheet
887Kb / 24P
ULTRALOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS790 TI-TPS790_15 Datasheet
463Kb / 20P
ULTRALOW-POWER LOW-NOISE 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS76301 TI1-TPS76301_16 Datasheet
1Mb / 25P
LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com