Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS51218 Datasheet (PDF) - Texas Instruments

TPS51218 Datasheet PDF - Texas Instruments
Part # TPS51218
Download  TPS51218 Download
File Size   1004.94 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description HIGH PERFORMANCE, SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER SUPPLY

TPS51218 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS51218 Datasheet PDF - Texas Instruments

Part # TPS51218
Download  TPS51218 Click to download

File Size   1004.94 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description HIGH PERFORMANCE, SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER SUPPLY

TPS51218 Datasheet (HTML) - Texas Instruments


TPS51218 Product details

1FEATURES
2• Wide Input Voltage Range: 3 V to 28 V
• Output Voltage Range: 0.7 V to 2.6 V
• Wide Output Load Range: 0 to 20A+
• Built-in 0.5% 0.7 V Reference
• D-CAP™ Mode with 100-ns Load Step
Response
• Adaptive On Time Control Architecture With 4
Selectable Frequency Setting
• 4700 ppm/°C RDS(on) Current Sensing
• Internal 1-ms Voltage Servo Softstart
• Pre-Charged Start-up Capability
• Built in Output Discharge
• Power Good Output
• Integrated Boost Switch
• Built-in OVP/UVP/OCP
• Thermal Shutdown (Non-latch)
• SON-10 (DSC) Package

APPLICATIONS
• Notebook Computers
• I/O Supplies
• System Power Supplies

DESCRIPTION
The TPS51218 is a small-sized single buck controller
with adaptive on-time D-CAP™ mode. The device is
suitable for low output voltage, high current, PC
system power rail and similar point-of-load (POL)
power supply in digital consumer products. A small
package with minimal pin-count saves space on the
PCB, while a dedicated EN pin and pre-set frequency
selections minimize design effort required for new
designs. The skip-mode at light load condition, strong
gate drivers and low-side FET RDS(on) current sensing
supports low-loss and high efficiency, over a broad
load range. The conversion input voltage which is the
high-side FET drain voltage ranges from 3 V to 28 V
and the output voltage ranges from 0.7 V to 2.6 V.
The device requires an external 5-V supply. The TPS51218 is available in a 10-pin SON package
specified from –40°C to 85°C.




Similar Part No. - TPS51218

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51218 TI-TPS51218 Datasheet
1Mb / 27P
HIGH PERFORMANCE, SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER SUPPLY
TPS51218 TI1-TPS51218 Datasheet
1,016Kb / 27P
HIGH PERFORMANCE, SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER SUPPLY
TPS51218 TI2-TPS51218 Datasheet
1,010Kb / 30P
HIGH PERFORMANCE, SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER SUPPLY
REVISED FEBRUARY 2012
TPS51218DSCR TI-TPS51218DSCR Datasheet
1Mb / 27P
HIGH PERFORMANCE, SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER SUPPLY
TPS51218DSCR TI1-TPS51218DSCR Datasheet
1,016Kb / 27P
HIGH PERFORMANCE, SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER SUPPLY
More results


Similar Description - TPS51218

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2630 NSC-LM2630 Datasheet
265Kb / 14P
Synchronous Step-Down Power Supply Controller
LM2631 NSC-LM2631 Datasheet
265Kb / 12P
Synchronous Step-Down Power Supply Controller
logo
Maxim Integrated Produc...
MAX1717 MAXIM-MAX1717 Datasheet
501Kb / 32P
Dynamically Adjustable, Synchronous Step-Down Controller for Notebook CPUs
19-1636; Rev 0; 1/00
logo
Texas Instruments
TPS51217 TI-TPS51217 Datasheet
1,006Kb / 27P
HIGH PERFORMANCE, SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER SUPPLY
TPS51218 TI-TPS51218 Datasheet
1Mb / 27P
HIGH PERFORMANCE, SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER SUPPLY
TPS51211 TI1-TPS51211 Datasheet
677Kb / 26P
HIGH PERFORMANCE, SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER SUPPLY
TPS51211 TI-TPS51211_15 Datasheet
1Mb / 29P
High-Performance, Single Synchronous Step-Down Controller For Notebook Power Supply
TPS51217 TI-TPS51217_15 Datasheet
1Mb / 29P
HIGH PERFORMANCE, SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER SUPPLY
TPS51218 TI1-TPS51218_16 Datasheet
1,016Kb / 27P
HIGH PERFORMANCE, SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER SUPPLY
logo
uPI Group Inc.
UP1537 UPI-UP1537 Datasheet
239Kb / 15P
High Performance, Single Synchronous Step-Down Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com