Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS51313DRCT Datasheet (PDF) - Texas Instruments

TPS51313DRCT Datasheet PDF - Texas Instruments
Part # TPS51313DRCT
Download  TPS51313DRCT Download
File Size   1069.7 Kbytes
Page   17 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 5-V Input or 3.3-V Input, 3-A, Fully Integrated Converter

TPS51313DRCT Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS51313DRCT Datasheet PDF - Texas Instruments

Part # TPS51313DRCT
Download  TPS51313DRCT Click to download

File Size   1069.7 Kbytes
Page   17 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 5-V Input or 3.3-V Input, 3-A, Fully Integrated Converter

TPS51313DRCT Datasheet (HTML) - Texas Instruments


TPS51313DRCT Product details

1FEATURES
234• Input Voltage VIN Range : 3.1 V to 5.5 V
• Bias Voltage VCC Range: 3.1 V to 5.5 V
• Output Voltage Range: 0.6 V to 3.3 V
• 0.6-V, 1% Voltage Reference Accuracy
• Switching Frequency: 1 MHz
• No External Compensation is Required
• Fixed Voltage Servo Soft-Start Function
• Thermal Shutdown

APPLICATIONS
• Discrete Graphics PCIe® PEX Rail
• Low-Voltage Point-of-Load (POL) Rails

DESCRIPTION
The TPS51313 is an easy-to-use, fully integrated, synchronous buck converter for low voltage point-of-
load applications. It is designed to meet the NVIDIA™
OpenVreg Type 0 specifications, including the
package and footprint requirement. It supports 3-A
(maximum) of dc output current at output voltages
from 0.6 V to 3.3 V. The D-CAP2™ mode adaptive,
constant on-time control with 1-MHz switching
frequency allows a small footprint when designed
using all ceramic output capacitors and offers a low
external component count. The device also features
auto-skip function at light load condition, pre-biased
start-up and internally fixed soft-start time. When the
device is disabled, the output capacitor is discharged
through internal resistor. The TPS51313 is available
in a 3 mm x 3 mm, 10-pin DRC package (Green
RoHS compliant and Pb free) and is specified
between –10°C and 85°C.




Similar Part No. - TPS51313DRCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51313DRCT TI-TPS51313DRCT Datasheet
1Mb / 19P
5-V Input or 3.3-V Input, 3-A, Fully Integrated Converter
More results


Similar Description - TPS51313DRCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6440 TI-PT6440 Datasheet
178Kb / 8P
6-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT5521 TI-PT5521 Datasheet
164Kb / 7P
1.5-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT5502 TI-PT5502 Datasheet
174Kb / 2P
3-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PTH04070W TI-PTH04070W_07 Datasheet
436Kb / 16P
3-A, 3.3/5-V INPUT ADJUSTABLE SWITCHING REGULATOR
PT5520 TI1-PT5520 Datasheet
185Kb / 9P
1.5-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
TPS51313 TI-TPS51313 Datasheet
1Mb / 19P
5-V Input or 3.3-V Input, 3-A, Fully Integrated Converter
TPS51313 TI-TPS51313_15 Datasheet
1Mb / 20P
5-V Input or 3.3-V Input, 3-A, Fully Integrated Converter
PTH04070W TI-PTH04070W_15 Datasheet
380Kb / 17P
3-A, 3.3/5-V INPUT ADJUSTABLE SWITCHING REGULATOR
logo
Sanken electric
SLA6845MZ SANKEN-SLA6845MZ_15 Datasheet
702Kb / 12P
CMOS-compatible input (3.3 or 5 V)
logo
Texas Instruments
PT6447 TI1-PT6447 Datasheet
172Kb / 8P
6-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com