Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54110 Datasheet (PDF) - Texas Instruments

TPS54110 Datasheet PDF - Texas Instruments
Part # TPS54110
Download  TPS54110 Download
File Size   1055.37 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 3-V TO 6-V INPUT, 1.5-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)

TPS54110 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS54110 Datasheet PDF - Texas Instruments

Part # TPS54110
Download  TPS54110 Click to download

File Size   1055.37 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 3-V TO 6-V INPUT, 1.5-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)

TPS54110 Datasheet (HTML) - Texas Instruments


TPS54110 Product details

FEATURES
Qualified for Automotive Applications
Integrated MOSFET Switches for High
Efficiency at 1.5-A Continuous Output Source
or Sink Current
0.9-V to 3.3-V Adjustable Output Voltage With
1% Accuracy
Externally Compensated for Design Flexibility
Fast Transient Response
Wide PWM Frequency: Fixed 350 kHz,
550 kHz, or Adjustable 280 kHz to 700 kHz
Load Protected by Peak Current Limit and
Thermal Shutdown
Integrated Solution Reduces Board Area and
Total Cost

APPLICATIONS
Low-Voltage, High-Density Systems With
Power Distributed at 5 V or 3.3 V
Point of Load Regulation for High
Performance DSPs, FPGAs, ASICs, and
Microprocessors
Broadband, Networking, and Optical
Communications Infrastructure
Portable Computing/Notebook PCs

DESCRIPTION
As members of the SWIFT family of dc/dc regulators, the
TPS54110 low-input-voltage high-output-current
synchronous-buck PWM converter integrates all required
active components. Included on the substrate with the
listed features are a true, high-performance, voltage error
amplifier that provides high performance under transient
conditions; an undervoltage-lockout circuit to prevent
start-up until the input voltage reaches 3 V; an internally
and externally set slow-start circuit to limit in-rush currents;
and a power-good output useful for processor/logic reset,
fault signaling, and supply sequencing.
The TPS54110 device is available in a thermally enhanced
20-pin TSSOP (PWP) PowerPAD package, which
eliminates bulky heatsinks. TI provides evaluation
modules and the SWIFT designer software tool to aid in
quickly achieving high-performance power supply designs
to meet aggressive equipment development cycles.




Similar Part No. - TPS54110

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54110 TI-TPS54110 Datasheet
331Kb / 21P
3-V TO 6-V INPUT, 1.5-A OUTPUT SYNCHRONOUS BUCK PWM
TPS54110 TI-TPS54110 Datasheet
71Kb / 4P
SWIFT Converter Product Portfolio
TPS54110 TI1-TPS54110 Datasheet
971Kb / 30P
3-V TO 6-V Input, 1.5-A Output Synchronous-Buck PWM Switcher with Integrated FETs
TPS54110-Q1 TI1-TPS54110-Q1 Datasheet
530Kb / 24P
3-V TO 6-V INPUT, 1.5-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT田?
TPS54110-Q1 TI1-TPS54110-Q1 Datasheet
971Kb / 30P
3-V TO 6-V Input, 1.5-A Output Synchronous-Buck PWM Switcher with Integrated FETs
More results


Similar Description - TPS54110

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54611-Q1 TI-TPS54611-Q1 Datasheet
256Kb / 18P
3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs(SWIFT)
TPS54110-Q1 TI1-TPS54110-Q1 Datasheet
530Kb / 24P
3-V TO 6-V INPUT, 1.5-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT田?
TPS54611-EP TI1-TPS54611-EP Datasheet
789Kb / 21P
3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54611 TI1-TPS54611 Datasheet
1Mb / 24P
3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54610PWPR TI-TPS54610PWPR Datasheet
1,019Kb / 24P
3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54310PWPRG4 TI-TPS54310PWPRG4 Datasheet
739Kb / 21P
3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54616MPWPREP TI-TPS54616MPWPREP Datasheet
1,012Kb / 24P
3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54110 TI-TPS54110_15 Datasheet
898Kb / 30P
3-V TO 6-V Input, 1.5-A Output Synchronous-Buck PWM Switcher with Integrated FETs ( SWIFT??
TPS54110-Q1 TI-TPS54110-Q1_15 Datasheet
981Kb / 27P
3-V TO 6-V INPUT, 1.5-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT田?
TPS54310-EP TI1-TPS54310-EP_16 Datasheet
743Kb / 21P
3-V TO 6-V INPUT, 3-A OUTPUT, SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com