Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS56100 Datasheet (PDF) - Texas Instruments

TPS56100 Datasheet PDF - Texas Instruments
Part # TPS56100
Download  TPS56100 Download
File Size   1068.61 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description HIGH-EFFICIENCY DSP POWER SUPPLY CONTROLLER FOR 5-V INPUT SYSTEMS

TPS56100 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS56100 Datasheet PDF - Texas Instruments

Part # TPS56100
Download  TPS56100 Click to download

File Size   1068.61 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description HIGH-EFFICIENCY DSP POWER SUPPLY CONTROLLER FOR 5-V INPUT SYSTEMS

TPS56100 Datasheet (HTML) - Texas Instruments


TPS56100 Product details

Single-Channel, 5-V Controller
Synchronous-Rectifier Drivers for Greater
Than 90% Efficiency
Useable for All Common DSP Supply
Voltages – Popular Output Voltage Options
Set With Program Pins
EVM Available
Ideal for Applications With Current Ranges
From 3 A to 30 A.
Hysteretic Control Technique Enables Fast
Transient Response — Ideal for ’C6000 or
Multiple ’C5000 Applications
Low Supply Current
− 3 mA in Operation
− 90 μA in Standby
Power Good Output
28-Pin TSSOP PowerPAD Package

description
The TPS56100 is a high-efficiency synchronous-buck regulator controller which provides an accurate
programmable supply voltage to low-voltage digital signal processors, such as the ‘C6x and ‘C54x DSPs. An
internal 5-bit DAC is used to program the reference voltage from 1.3 V to 2.6 V. Higher output voltages can be
implemented using an external input resistive divider. The TPS56100 uses a fast hysteretic control method that
provides a quick transient response. The propagation delay from the comparator input to the output driver is




Similar Part No. - TPS56100

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS56100 TI-TPS56100 Datasheet
370Kb / 27P
HIGH-EFFICIENCY DSP POWER SUPPLY CONTROLLER FOR 5-V INPUT SYSTEMS
TPS56100 TI1-TPS56100 Datasheet
535Kb / 30P
HIGH-EFFICIENCY DSP POWER SUPPLY CONTROLLER FOR 5-V INPUT SYSTEMS
TPS56100PWP TI-TPS56100PWP Datasheet
370Kb / 27P
HIGH-EFFICIENCY DSP POWER SUPPLY CONTROLLER FOR 5-V INPUT SYSTEMS
TPS56100PWP TI1-TPS56100PWP Datasheet
535Kb / 30P
HIGH-EFFICIENCY DSP POWER SUPPLY CONTROLLER FOR 5-V INPUT SYSTEMS
TPS56100PWPG4 TI1-TPS56100PWPG4 Datasheet
535Kb / 30P
HIGH-EFFICIENCY DSP POWER SUPPLY CONTROLLER FOR 5-V INPUT SYSTEMS
More results


Similar Description - TPS56100

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5602 TI-TPS5602 Datasheet
739Kb / 24P
DUAL, FAST, HIGH EFFICIENCY CONTROLLER FOR DSP POWER
TPS56100 TI-TPS56100 Datasheet
370Kb / 27P
HIGH-EFFICIENCY DSP POWER SUPPLY CONTROLLER FOR 5-V INPUT SYSTEMS
TPS5602IDBT TI1-TPS5602IDBT Datasheet
954Kb / 27P
DUAL, FAST, HIGH EFFICIENCY CONTROLLER FOR DSP POWER
logo
List of Unclassifed Man...
TS81000 ETC2-TS81000 Datasheet
705Kb / 8P
High Efficiency Receiver Controller for Wireless Power Systems
TS81001 ETC2-TS81001 Datasheet
602Kb / 7P
High Efficiency Receiver Controller for Wireless Power Systems
logo
Semtech Corporation
TS80000 SEMTECH-TS80000 Datasheet
728Kb / 37P
High Efficiency Transmitter Controller for Wireless Power Systems
TS81001 SEMTECH-TS81001 Datasheet
1Mb / 16P
High Efficiency Receiver Controller for Wireless Power Systems
logo
Texas Instruments
TPS56100 TI1-TPS56100_16 Datasheet
535Kb / 30P
HIGH-EFFICIENCY DSP POWER SUPPLY CONTROLLER FOR 5-V INPUT SYSTEMS
logo
Semtech Corporation
TS80002 SEMTECH-TS80002 Datasheet
1Mb / 16P
High-Efficiency Transmit Controller for Wireless Power Systems
TS80003 SEMTECH-TS80003 Datasheet
3Mb / 27P
High Efficiency Transmirrer Controller for Wireless Power Systems
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com