Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65149 Datasheet (PDF) - Texas Instruments

TPS65149 Datasheet PDF - Texas Instruments
Part # TPS65149
Download  TPS65149 Download
File Size   996.7 Kbytes
Page   50 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LCD Bias Solution for Monitors

TPS65149 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS65149 Datasheet PDF - Texas Instruments

Part # TPS65149
Download  TPS65149 Click to download

File Size   996.7 Kbytes
Page   50 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LCD Bias Solution for Monitors

TPS65149 Datasheet (HTML) - Texas Instruments


TPS65149 Product details

1FEATURES
• 3 V to 6 V Input Voltage Range
• Boost Converter With 4 A Switch Current Limit
• Boost Converter Output Voltages up to 18 V
• Boost Converter Overvoltage Protection
• Selectable Switching Frequency (640 kHz or
1.2 MHz)
• Programmable Boost Converter Soft-Start
• Temperature-Compensated Positive Charge
Pump Controller
• Negative Charge Pump Controller
• Eight Channel Level Shifter
• Two Panel Discharge Signals
• XAO Reset Signal
• Digitally Programmable VCOM Buffer
• Thermal Shutdown
• 56-Pin 7×7 mm QFN Package

APPLICATIONS
• LCD Monitors using ASG/GIP Technology

DESCRIPTION
The TPS65149 provides a highly integrated LCD bias
solution, primarily intended for monitor applications
using ASG/GIP technology.
The device integrates a boost converter to generate
the source driver supply voltage (VAVDD), positive and
negative charge pump controllers to generate gate
driver ON (VGH) and OFF (VGL) voltages, a
programmable VCOM generator, and an 8-channel
level shifter in a single IC. The positive charge pump
controller supports temperature compensation to
reduce VGH at high temperatures.
In addition to the above functions, the TPS65149 generates two signals to discharge the display panel
during power-down, plus an additional active-low
XAO reset output.
Supply sequencing during power-up can be controlled
by an externally generated enable signal.




Similar Part No. - TPS65149

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65149 TI1-TPS65149 Datasheet
158Kb / 7P
PACKAGE OPTION ADDENDUM
TPS65149RSHR TI1-TPS65149RSHR Datasheet
158Kb / 7P
PACKAGE OPTION ADDENDUM
TPS65149RSHT TI1-TPS65149RSHT Datasheet
158Kb / 7P
PACKAGE OPTION ADDENDUM
More results


Similar Description - TPS65149

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXSC310 ZETEX-ZXSC310 Datasheet
357Kb / 14P
LED DRIVER SOLUTION FOR LCD BACKLIGHTING
logo
Texas Instruments
TPS61199 TI-TPS61199 Datasheet
812Kb / 25P
White LED Driver for LCD Monitors Backlighting
TPS65155 TI1-TPS65155 Datasheet
675Kb / 36P
LCD Bias Solution with Level Shifters for GOA Panels
TPS65642 TI-TPS65642 Datasheet
3Mb / 70P
LCD Bias with Integrated Gamma Reference for Notebook PCs, Tablet PCs and Monitors
TPS61199PWPR TI-TPS61199PWPR Datasheet
1Mb / 25P
White LED Driver for LCD Monitors Backlighting
logo
Anpec Electronics Corop...
APW7276 ANPEC-APW7276 Datasheet
377Kb / 21P
PMIC for LCD Bias Power
logo
Texas Instruments
TPS65642A TI1-TPS65642A Datasheet
3Mb / 77P
LCD Bias With Integrated Gamma Reference for Notebook PCs, Tablet PCs and Monitors
logo
Global Mixed-mode Techn...
AT5517 GMT-AT5517 Datasheet
87Kb / 1P
Integrated Power Solution for TFT-LCD
logo
Lowpower Semiconductor ...
LP6282 POWER-LP6282 Datasheet
276Kb / 9P
LCD Bias Power for Panel
logo
Digital View Ltd
HE-1400 DIGITALVIEW-HE-1400 Datasheet
806Kb / 2P
LCD Controller for Industrial Monitors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com