Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65197B Datasheet (PDF) - Texas Instruments

TPS65197B Datasheet PDF - Texas Instruments
Part # TPS65197B
Download  TPS65197B Download
File Size   1066.29 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS65197x: 8-Channel Level-Shifter Supporting No, 2-Channel and 3-Channel Charge-Sharing with Panel Discharge to VGH during Shut-Down

TPS65197B Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS65197B Datasheet PDF - Texas Instruments

Part # TPS65197B
Download  TPS65197B Click to download

File Size   1066.29 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS65197x: 8-Channel Level-Shifter Supporting No, 2-Channel and 3-Channel Charge-Sharing with Panel Discharge to VGH during Shut-Down

TPS65197B Datasheet (HTML) - Texas Instruments


TPS65197B Product details

1 Features
1• 8-Channel Level-Shifter (STV, RESET, 6 × CLK)
• High Output-Voltage Level 16.5 V to 45 V (VGH)
• Low Output-Voltage Level Down to –20 V (VGL)
• Selectable Charge-Sharing
– No Charge-Sharing
– 2-Channel Charge-Sharing
– 3-Channel Charge-Sharing
• 2-Channel Panel Discharge
• T-CON Failure Detection
– TPS65197: Logic Resets by STV Pulse
– TPS65197B: No Reset of the Logic
• Latched Shut-Down Detection (Clocks to VGH)
• Supports 100-kHz Clock Operating Frequency
• 28-Pin 4-mm × 4-mm QFN Package

2 Applications
• Gate-in-Panel (GIP) LCD
– Notebook
– Monitor
– TV

3 Description
The TPS65197/B is an 8-channel level-shifter with
discharge function intended for use in LCD display
applications such as Notebooks, Monitors and TVs.
The device converts the timing-controller (T-CON)
logic-level signals to the high-level signals needed by
the gate-in-panel (GIP) display.
The clock outputs, CLKOUTx, support normal level
shifting operation and 2-channel or 3-channel chargesharing,
which can be used to improve picture quality
and power consumption. At power down, all outputs
follow their input signals as long as possible; when
the discharge function is used, the outputs are pulled
high (VGH).
The TPS65197 implements a logic reset to ignore
wrong T-CON signals after the rising STV edge which
forces all 6 output clocks to VGL1. The next CLKIN1
rising edge unlocks the logic and enables normal
operation. The TPS65197B does not have the logic
reset and always follows its input signals.




Similar Part No. - TPS65197B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65197B TI1-TPS65197B Datasheet
768Kb / 12P
8-Channel Level-Shifter Supporting No, 2-Channel and 3-Channel Charge-Sharing with Panel Discharge to VGH during Shut-Down
TPS65197BRUYR TI1-TPS65197BRUYR Datasheet
768Kb / 12P
8-Channel Level-Shifter Supporting No, 2-Channel and 3-Channel Charge-Sharing with Panel Discharge to VGH during Shut-Down
TPS65197BRUYT TI1-TPS65197BRUYT Datasheet
768Kb / 12P
8-Channel Level-Shifter Supporting No, 2-Channel and 3-Channel Charge-Sharing with Panel Discharge to VGH during Shut-Down
More results


Similar Description - TPS65197B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG4051A VISHAY-DG4051A Datasheet
251Kb / 14P
8-Channel, Dual 4-Channel, Triple 2-Channel Multiplexers, with 0.5 pC Charge Injection
21-Apr-08
logo
Texas Instruments
TPS65192 TI-TPS65192 Datasheet
1Mb / 25P
9-Channel Level Shifter With Gate Voltage Shaping and Discharge Functions
TPS65190 TI-TPS65190 Datasheet
775Kb / 18P
10-Channel Level Shifter and VCOM Buffer
TPS65197 TI1-TPS65197 Datasheet
301Kb / 7P
8-Channel Level-Shifter Supporting Different Charge-Sharing Methods and Panel
logo
ON Semiconductor
NLHV18T3244 ONSEMI-NLHV18T3244 Datasheet
202Kb / 10P
18-Channel Level Shifter
May, 2013 ??Rev. 0
logo
Texas Instruments
TPS65197 TI1-TPS65197_16 Datasheet
768Kb / 12P
8-Channel Level-Shifter Supporting No, 2-Channel and 3-Channel Charge-Sharing with Panel Discharge to VGH during Shut-Down
logo
MagnaChip Semiconductor...
MSI6000 MGCHIP-MSI6000 Datasheet
443Kb / 9P
11-Channel Level Shifter with Gate Voltage Shaping and Discharge Functions
logo
Lowpower Semiconductor ...
LP6297B POWER-LP6297B Datasheet
354Kb / 12P
10-Channel Level-Shift with Charge Sharing for GOP Panel
logo
Dialog Semiconductor
SLG7NT4249 DIALOG-SLG7NT4249 Datasheet
1Mb / 13P
GreenPAK 3??DISCHARGE, PGOOD MONITOR AND LEVEL SHIFTER
logo
Silicon Mitus, Inc.
SM4106 SILICONMITUS-SM4106 Datasheet
155Kb / 1P
Monitor LCD Panel PMIC with AVDD Boost, VGH Boost, Negative Charge-Pump, VCOM Calibrator and Level-shifter
Februay 2018- Rev. 0.0.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com