Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS92001DR.A Datasheet (PDF) - Texas Instruments

TPS92001DR.A Datasheet PDF - Texas Instruments
Part # TPS92001DR.A
Download  TPS92001DR.A Download
File Size   1029.17 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description GENERAL PURPOSE LED LIGHTING PWM CONTROLLER

TPS92001DR.A Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS92001DR.A Datasheet PDF - Texas Instruments

Part # TPS92001DR.A
Download  TPS92001DR.A Click to download

File Size   1029.17 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description GENERAL PURPOSE LED LIGHTING PWM CONTROLLER

TPS92001DR.A Datasheet (HTML) - Texas Instruments


TPS92001DR.A Product details

1FEATURES
• Ideal for Single Stage Designs
• Supports Isolated and Non-Isolated
Topologies
• Phase-Cut TRIAC Dimmable
• Few External Components Mode Operation
• Wide Duty Cycle Range for Wide-Input Voltage
or Dimming Range
• Convenient 5-V Reference Output
• Undervoltage Lockout for Safe Operation
• Operation to 1-MHz
• 0.4-A Source/0.8-A Sink FET Driver
• Low 100-μA Startup Current

APPLICATIONS
• Residential LED Lighting Drivers for A19
E12/E26/27, GU10, MR16, PAR30/38 Integral
Lamps
• Drivers for Wall Sconces, Pathway Lighting
and Overhead Lighting
• Drivers for Wall Washing, Architectural and Display Lighting

DESCRIPTION
The TPS92001/2 family of general LED lighting PWM
controllers contains control and drive circuitry
required for off-line isolated or non-isolated LED
lighting applications.
The controllers can support Phase Cut TRIAC
dimming with minimal external components. The
controllers can also be implemented for stage
conversion where the power factor (PF) exceeds
regulatory requirements for lighting. These controllers
also have an accessible 5-V reference that could be
used to power a microcontroller or other low power
peripheral components. The controllers operate in
fixed frequency current mode switching with minimal
external parts count. Internally implemented circuits
include undervoltage lockout featuring startup current
less than 100 μA, logic to ensure latched operation, a
PWM comparator, and a totem pole output stage to
sink or source peak current. The output stage,
suitable for driving N-Channel MOSFETs, is low in
the off state. Oscillator frequency and maximum duty
cycle are programmed with two resistors and a
capacitor.
The TPS92001/2 family also features full cycle soft start. The family offers UVLO thresholds and
hysteresis levels for off-line and DC-to-DC systems.
The TPS92001/2 is offered in the 8-pin MSOP (DGK)
and 8-pin SOIC (D) packages. The small MSOP
package makes the device ideally suited for
applications where board space and height are at a
premium.




Similar Part No. - TPS92001DR.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92001DR TI-TPS92001DR Datasheet
722Kb / 14P
GENERAL PURPOSE LED LIGHTING PWM CONTROLLER
More results


Similar Description - TPS92001DR.A

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8805 RICHTEK-RT8805 Datasheet
377Kb / 15P
Two Phase General Purpose PWM Controller
RT8805C RICHTEK-RT8805C Datasheet
380Kb / 18P
Two Phase General Purpose PWM Controller
logo
Texas Instruments
TPS92001 TI-TPS92001 Datasheet
722Kb / 14P
GENERAL PURPOSE LED LIGHTING PWM CONTROLLER
logo
Renesas Technology Corp
R2A20134SP RENESAS-R2A20134SP Datasheet
112Kb / 11P
LED Lighting Power Controller
R2A20134SP RENESAS-R2A20134SP_15 Datasheet
112Kb / 11P
LED Lighting Power Controller
logo
ON Semiconductor
NCL30086 ONSEMI-NCL30086 Datasheet
378Kb / 28P
Controller for LED Lighting
February, 2015 ??Rev. 2
logo
Texas Instruments
UCC28810 TI1-UCC28810_15 Datasheet
1Mb / 34P
LED LIGHTING POWER CONTROLLER
logo
Renesas Technology Corp
R2A20134ASP RENESAS-R2A20134ASP_16 Datasheet
735Kb / 14P
LED Lighting Power Controller
R2A20135SP RENESAS-R2A20135SP_16 Datasheet
290Kb / 12P
LED Lighting Power Controller
R2A20134ASP RENESAS-R2A20134ASP Datasheet
734Kb / 14P
LED Lighting Power Controller
Jan 08, 2016
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com