Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC284AMS8GE Datasheet (PDF) - Analog Devices

HMC284AMS8GE Datasheet PDF - Analog Devices
Part # HMC284AMS8GE
Download  HMC284AMS8GE Download
File Size   481.98 Kbytes
Page   6 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description SPDT Non-Reflective Switch DC - 3.5 GHz

HMC284AMS8GE Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC284AMS8GE Datasheet PDF - Analog Devices

Part # HMC284AMS8GE
Download  HMC284AMS8GE Click to download

File Size   481.98 Kbytes
Page   6 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description SPDT Non-Reflective Switch DC - 3.5 GHz

HMC284AMS8GE Datasheet (HTML) - Analog Devices


HMC284AMS8GE Product details

Typical Applications
The HMC284AMS8G / HMC284AMS8GE is ideal for:
• Cellular/PCS Base Stations
• 2.4 GHz ISM
• 3.5 GHz Wireless Local Loop

Features
High Isolation: >45 dB
Positive control: 0/+5V
Non-Reflective Design
Ultra Small Package: MSOP8G




Similar Part No. - HMC284AMS8GE

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC284AMS8GE AD-HMC284AMS8GE Datasheet
309Kb / 6P
Non-Reflective Design
More results


Similar Description - HMC284AMS8GE

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC284MS8G HITTITE-HMC284MS8G Datasheet
208Kb / 6P
SPDT NON-REFLECTIVE SWITCH, DC - 3.5 GHz
HMC435MS8G HITTITE-HMC435MS8G Datasheet
189Kb / 6P
SPDT NON-REFLECTIVE SWITCH, DC - 4.0 GHz
HMC284MS8G HITTITE-HMC284MS8G_07 Datasheet
249Kb / 6P
SPDT NON-REFLECTIVE SWITCH, DC - 3.5 GHz
HMC435MS8G HITTITE-HMC435MS8G_07 Datasheet
210Kb / 6P
SPDT NON-REFLECTIVE SWITCH, DC - 4.0 GHz
HMC435MS8G HITTITE-HMC435MS8G_10 Datasheet
165Kb / 4P
SPDT NON-REFLECTIVE SWITCH, DC - 4 GHz
logo
List of Unclassifed Man...
HMC284MS8GE ETC2-HMC284MS8GE Datasheet
221Kb / 6P
SPDT NON-REFLECTIVE SWITCH, DC - 3.5 GHz
logo
Custom MMIC Design Serv...
CMD196 MMIC-CMD196 Datasheet
216Kb / 9P
DC-28 GHz SPDT Non-reflective Switch
CMD196C3 MMIC-CMD196C3 Datasheet
257Kb / 9P
DC-28 GHz SPDT Non-reflective Switch
CMD195C3 MMIC-CMD195C3 Datasheet
252Kb / 9P
DC-18 GHz SPDT Non-reflective Switch
logo
Analog Devices
HMC435AMS8G AD-HMC435AMS8G Datasheet
472Kb / 5P
SPDT NON-REFLECTIVE SWITCH, DC - 4 GHz
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com