Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8410A Datasheet (PDF) - Analog Devices

AD8410A Datasheet PDF - Analog Devices
Part # AD8410A
Download  AD8410A Download
File Size   1617.27 Kbytes
Page   25 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description −2 V to 70 V Wide Input Voltage Range, 2.2 MHz High Bandwidth, Current-Sense Amplifier with PWM Rejection and Gain 20 V/V

AD8410A Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8410A Datasheet PDF - Analog Devices

Part # AD8410A
Download  AD8410A Click to download

File Size   1617.27 Kbytes
Page   25 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description −2 V to 70 V Wide Input Voltage Range, 2.2 MHz High Bandwidth, Current-Sense Amplifier with PWM Rejection and Gain 20 V/V

AD8410A Datasheet (HTML) - Analog Devices


AD8410A Product details

FEATURES
► 2.2 MHz small signal, −3 dB bandwidth
► In-package Trim Core (DigiTrim™)
► Precision without chopping and/or autozero
► Typical ±0.21 µV/°C offset drift
► Maximum ±200 µV voltage-offset over temperature range
► Typical DC CMRR: 142 dB
► Typical AC CMRR at 50 kHz: 96 dB
► Wide common-mode input voltage range
► −2 V to +70 V, continuous operation
► −20 V to +85 V, continuous survival
► Initial gain: 20 V/V
► Wide operating temperature range: −40°C to +125°C
► Bidirectional operation
► 2.9 V to 5.5 V power-supply operating range
► Available in 8-lead, SOIC_N package and 8-lead, MSOP package
► AEC-Q100 qualified for automotive applications

APPLICATIONS
► In-phase or High-side current sensing in
► Motor control in BLDC motors, Low-inductance motors
► Bidirectional 48 V to 12 V DC-DC converters
► Solenoid controls
► Power rail monitoring
► Low-side current sensing

GENERAL DESCRIPTION
The AD8410A1
is a high voltage, high bandwidth current-sense
amplifier. The device features an initial gain of 20 V/V, with a 2.2
MHz bandwidth with a maximum ±0.13% gain error over the entire
temperature range. The buffered output voltage directly interfaces
with any typical converter. The AD8410A has a minimum DC
common-mode rejection ratio (CMRR) of 123 dB from −2 V to
+70 V. The AD8410A performs bidirectional current measurements
across a shunt resistor in a variety of industrial and automotive
applications.
The AD8410A offers breakthrough performance throughout the
−40°C to +125°C temperature range. The device features an
in-package trim core, which leads to a typical offset drift of
±0.21 µV/°C (based on Box Method, see Figure 56) throughout
the operating temperature range and the common-mode voltage
range without the need for chopping and autozero clocks (which
could lead to intermodulation in the application). The device includes circuitry to achieve a wide input common-mode range and
balanced input bias currents, regardless of input differential voltage
or common-mode voltage, and circuitry to achieve ultra-low CMRR
drift. The device also includes circuitry to enable output accuracy
in the presence of pulse-width modulation (PWM) type input common-mode voltages. The AD8410A is available in 8-lead, SOIC_N
package and 8-lead, MSOP package.




Similar Part No. - AD8410A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8410A AD-AD8410A Datasheet
1Mb / 23P
−2 V to 70 V Wide Input Voltage Range, 2.2 MHz High Bandwidth, Current-Sense Amplifier with PWM Rejection
Rev. 0
AD8410AR-EVALZ AD-AD8410AR-EVALZ Datasheet
1Mb / 23P
−2 V to 70 V Wide Input Voltage Range, 2.2 MHz High Bandwidth, Current-Sense Amplifier with PWM Rejection
Rev. 0
AD8410ARM-EVALZ AD-AD8410ARM-EVALZ Datasheet
1Mb / 7P
Evaluating the AD8410A, −2 V to 70 V Wide Input Voltage Range, 2.2 MHz High Bandwidth, Current-Sense Amplifier with PWM Rejection
Rev. A
AD8410AWBRZ AD-AD8410AWBRZ Datasheet
1Mb / 23P
−2 V to 70 V Wide Input Voltage Range, 2.2 MHz High Bandwidth, Current-Sense Amplifier with PWM Rejection
Rev. 0
AD8410AWBRZ-RL AD-AD8410AWBRZ-RL Datasheet
1Mb / 23P
−2 V to 70 V Wide Input Voltage Range, 2.2 MHz High Bandwidth, Current-Sense Amplifier with PWM Rejection
Rev. 0
More results


Similar Description - AD8410A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA281 TI-INA281 Datasheet
1Mb / 28P
INA281, ??-V to 110-V, 1.3-MHz Current-Sense Amplifier
INA241A TI-INA241A Datasheet
1Mb / 27P
INA241x ??-V to 110-V, Bidirectional, Ultra-Precise Current Sense Amplifier With Enhanced PWM Rejection
MARCH 2022
INA241A TI-INA241A_V01 Datasheet
2Mb / 32P
INA241x –5 V to 110 V, Bidirectional, Ultra-Precise Current Sense Amplifier With Enhanced PWM Rejection
REVISED AUGUST 2022
INA241A TI-INA241A_V02 Datasheet
2Mb / 34P
INA241x –5 V to 110 V, Bidirectional, Ultra-Precise Current Sense Amplifier With Enhanced PWM Rejection
REVISED AUGUST 2022
logo
Analog Devices
AD8410A AD-AD8410A Datasheet
1Mb / 23P
−2 V to 70 V Wide Input Voltage Range, 2.2 MHz High Bandwidth, Current-Sense Amplifier with PWM Rejection
Rev. 0
logo
Texas Instruments
INA241A-Q1 TI-INA241A-Q1 Datasheet
2Mb / 37P
INA241x-Q1 AEC-Q100, –5 V to 110 V, Bidirectional, Ultra-Precise Current Sense Amplifier With Enhanced PWM Rejection
FEBRUARY 2023
INA241A-Q1 TI-INA241A-Q1_V02 Datasheet
2Mb / 38P
INA241x-Q1 AEC-Q100, –5 V to 110 V, Bidirectional, Ultra-Precise Current Sense Amplifier With Enhanced PWM Rejection
FEBRUARY 2023
logo
Analog Devices
AD8411A AD-AD8411A Datasheet
1Mb / 23P
−2 V to 70 V Wide Input Voltage Range, 2.7 MHz High Bandwidth, Current-Sense Amplifier with PWM Rejection and Gain 50 V/V
Rev. 0
logo
Texas Instruments
INA241A TI1-INA241A_V03 Datasheet
2Mb / 39P
INA241x –5 V to 110 V, Bidirectional, Ultra-Precise Current Sense Amplifier With Enhanced PWM Rejection
REVISED JULY 2023
INA241A TI-INA241A_V04 Datasheet
2Mb / 43P
INA241x –5 V to 110 V, Bidirectional, Ultra-Precise Current Sense Amplifier With Enhanced PWM Rejection
REVISED OCTOBER 2023
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com