Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC111 Datasheet (PDF) - Texas Instruments

AIC111 Datasheet PDF - Texas Instruments
Part # AIC111
Download  AIC111 Download
File Size   1090.2 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description IC DESIGN SPECIFICATION 1.3-V microPower™ DSP/μC VOICE BAND AUDIO CODEC

AIC111 Datasheet (PDF)

Go To PDF Page Download Datasheet
AIC111 Datasheet PDF - Texas Instruments

Part # AIC111
Download  AIC111 Click to download

File Size   1090.2 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description IC DESIGN SPECIFICATION 1.3-V microPower™ DSP/μC VOICE BAND AUDIO CODEC

AIC111 Datasheet (HTML) - Texas Instruments


AIC111 Product details

1FEATURES
2• Single Channel Codec
• Noise Shaped Delta Sigma ADC and DAC
Technology
• Low Supply Voltage and Current:
– 1.3-V Typical Power Supply
– 350-μA Typical Supply Current Drain
• Power Supply Up Monitor and Low Battery
Monitor That Also Automatically Shuts Off H-
Bridge Output When Battery Decays Below
1.05 V in a Nontransient Manner
• Typical 2.4-μVrms Input Referred Noise With
0.01% Total Harmonic Distortion for Front End
and 108-dB Dynamic Range
• ADC Has 87-dB Dynamic Range With 73-dB
Total Harmonic Distortion 100 Hz-10 kHz, 40-
kHz Sampling Rate
• Typical 55-dB PSRR 100 Hz to 10 kHz for
Analog Front End
• Low Noise Programmable Gain
Amplifier/Compressor Front End With
Programmable Fast and Slow Attack and
Decay Rates With Dual or Single Attack and
Decay Rate Option
• Typical Output Noise of 12 μVrms With 0.05%
Total Harmonic Distortion for Delta Sigma DAC
and H-Bridge Output Driver
• Low Jitter Oscillator That Generates all
Internal Clocks and Generates 5-MHz Output
DSP/μC Clock
• Regulated Bandgap Voltage Reference
• Programmable Functionality via Digital Serial
Interface
– McBSP Interface, DSP Protocol
– TI TMS320VC54x™, TMS320VC55x™ DSPs
– SPI Interface, Microcontroller Protocol
– TI MSP430xx
• External Chip Power Down and Reset
• Available in:
– - 32-Pin QFN 5×5-mm Plastic Package
– - 32-Pad Bumped Die in Waffle Pack (wafer
scale packaging)

APPLICATIONS
• Hearing Instruments
• Personal Medical Devices
• Hearing Protection
• Aural Processing
• Low-Power Headsets

DESCRIPTION
The AIC111 IC design specification serves to provide
product development teams with a guideline for how
the AIC111 IC is specified and programmable options that are available. The document outlines a top-level
block description of the IC along with system
specifications and functions. Individual block
descriptions and target specifications are also
outlined.
The Texas Instruments AIC111 is a TI μPower DSP
compatible, or microcontroller compatible audio
codec product, or analog interface circuit. The
AIC111 is part of a comprehensive family of DSP/μC
based high-performance analog interface solutions.
The AIC111 is targeted primarily at personal medical devices, such as hearing instruments, aural
preprocessing applications, and low-power headset
applications. The AIC111 is used in any design
requiring a programmable time constant
PGA/compressor interface, high dynamic range
analog-to-digital converter, an external DSP/μC
handling signal processing, or a low distortion digital- to-analog converter with a balanced H-Bridge
speaker driver. It supports a CMOS digital interface
tailored for TI DSPs with the McBSP protocol such as
TMS320VC54x™ DSP family and SPI-based
controllers such as TI MSP430x family of microcontrollers. The AIC111 also has an external
microphone or sensor supply and bias and power
supply up low-battery monitor indicator.




Similar Part No. - AIC111

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AIC111 TI-AIC111 Datasheet
230Kb / 29P
IC DESIGN SPECIFICATION 1.3-V microPower DSP/uC VOICE BAND AUDIO CODEC
AIC111 TI1-AIC111 Datasheet
322Kb / 33P
IC DESIGN SPECIFICATION 1.3-V microPower??DSP/關C VOICE BAND AUDIO CODEC
logo
Analog Intergrations Co...
AIC1117 AIC-AIC1117 Datasheet
111Kb / 7P
800mA Low Dropout Positive Adjustable Regulator
AIC1117 AIC-AIC1117 Datasheet
260Kb / 12P
800mA Low Dropout Positive Regulator
AIC1117-18 AIC-AIC1117-18 Datasheet
260Kb / 12P
800mA Low Dropout Positive Regulator
More results


Similar Description - AIC111

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GM0936TQ HYNIX-GM0936TQ Datasheet
125Kb / 21P
Voice-Band Audio CODEC for CDMA
logo
Texas Instruments
AIC111 TI-AIC111 Datasheet
230Kb / 29P
IC DESIGN SPECIFICATION 1.3-V microPower DSP/uC VOICE BAND AUDIO CODEC
logo
HuaXinAn Electronics CO...
AK4961ECB HUAXINAN-AK4961ECB Datasheet
311Kb / 4P
Low-Power CODEC with Audio/Voice DSP
logo
Asahi Kasei Microsystem...
AK4961ECB AKM-AK4961ECB Datasheet
198Kb / 4P
Low-Power CODEC with Audio/Voice DSP
logo
Texas Instruments
AIC111 TI-AIC111_15 Datasheet
291Kb / 33P
IC DESIGN SPECIFICATION 1.3-V microPower??DSP/關C VOICE BAND AUDIO CODEC
logo
Asahi Kasei Microsystem...
AK4962ECB AKM-AK4962ECB Datasheet
246Kb / 7P
Low-Power CODEC with Audio/Voice DSP
logo
Texas Instruments
AIC111 TI1-AIC111_16 Datasheet
322Kb / 33P
IC DESIGN SPECIFICATION 1.3-V microPower??DSP/關C VOICE BAND AUDIO CODEC
logo
Wolfson Microelectronic...
WM5102 WOLFSON-WM5102 Datasheet
3Mb / 334P
Audio Hub CODEC with Voice Processor DSP
logo
Asahi Kasei Microsystem...
AK4961 AKM-AK4961 Datasheet
198Kb / 4P
Low-Power CODEC with Audio/Voice DSP
AK4962 AKM-AK4962 Datasheet
246Kb / 7P
Low-Power CODEC with Audio/Voice DSP
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com