Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8509IBDB Datasheet (PDF) - Texas Instruments

ADS8509IBDB Datasheet PDF - Texas Instruments
Part # ADS8509IBDB
Download  ADS8509IBDB Download
File Size   1097.39 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER

ADS8509IBDB Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS8509IBDB Datasheet PDF - Texas Instruments

Part # ADS8509IBDB
Download  ADS8509IBDB Click to download

File Size   1097.39 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER

ADS8509IBDB Datasheet (HTML) - Texas Instruments


ADS8509IBDB Product details

1FEATURES
2• 250-kHz Sampling Rate
• 4-V, 5-V, 10-V, ±3.33-V, ±5-V, and ±10-V Input
Ranges
• ±2 LSB Max INL
• ±1 LSB Max DNL, 16-Bit No Missing Codes
• SPI Compatible Serial Output with Daisy-Chain
(TAG) Feature
• Single 5-V Supply
• Pin-Compatible with ADS7809 (Low Speed)
and 12-Bit ADS8508/7808
• Uses Internal or External Reference
• 70-mW Typ Power Dissipation at 250 KSPS
• 20-Pin SO and 28-Pin SSOP Packages
• Simple DSP Interface

APPLICATIONS
• Industrial Process Control
• Data Acquisition Systems
• Digital Signal Processing
• Medical Equipment
• Instrumentation

DESCRIPTION
The ADS8509 is a complete 16-bit sampling
analog-to-digital (A/D) converter using state-of-the-art
CMOS structures. It contains a complete 16-bit,
capacitor-based, successive approximation register (SAR) A/D converter with sample-and-hold,
reference, clock, and a serial data interface. Data can
be output using the internal clock or can be
synchronized to an external data clock. The ADS8509
also provides an output synchronization pulse for ease of use with standard DSP processors.
The ADS8509 is specified at a 250-kHz sampling rate
over the full temperature range. Precision resistors
provide various input ranges including ±10 V and 0 V
to 5 V, while the innovative design allows operation
from a single +5-V supply with power dissipation
under 100 mW.
The ADS8509 is available in 20-pin SO and 28-pin
SSOP packages, both fully specified for operation
over the industrial -40°C to 85°C temperature range.




Similar Part No. - ADS8509IBDB

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS8509IBDB BURR-BROWN-ADS8509IBDB Datasheet
693Kb / 26P
16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8509IBDB TI1-ADS8509IBDB Datasheet
1Mb / 32P
16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8509IBDBG4 TI1-ADS8509IBDBG4 Datasheet
1Mb / 32P
16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8509IBDBR BURR-BROWN-ADS8509IBDBR Datasheet
693Kb / 26P
16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8509IBDBR TI1-ADS8509IBDBR Datasheet
1Mb / 32P
16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
More results


Similar Description - ADS8509IBDB

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS8509 BURR-BROWN-ADS8509 Datasheet
693Kb / 26P
16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8505 TI-ADS8505 Datasheet
600Kb / 25P
16-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
ADS8515 TI-ADS8515 Datasheet
526Kb / 22P
16-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
ADS8519 TI-ADS8519 Datasheet
390Kb / 25P
16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8508 TI-ADS8508 Datasheet
631Kb / 27P
12-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8509 TI1-ADS8509_14 Datasheet
1Mb / 32P
16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8515 TI1-ADS8515_14 Datasheet
573Kb / 23P
16-Bit 250-kSPS Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
ADS8505 TI1-ADS8505_14 Datasheet
1Mb / 27P
16-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
ADS8508 TI1-ADS8508_14 Datasheet
504Kb / 28P
12-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8509-HT TI1-ADS8509-HT Datasheet
568Kb / 29P
16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com