Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM26LV32 Datasheet (PDF) - Texas Instruments

AM26LV32 Datasheet PDF - Texas Instruments
Part # AM26LV32
Download  AM26LV32 Download
File Size   1122.04 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AM26LV32 Low-Voltage, High-Speed Quadruple Differential Line Receiver

AM26LV32 Datasheet (PDF)

Go To PDF Page Download Datasheet
AM26LV32 Datasheet PDF - Texas Instruments

Part # AM26LV32
Download  AM26LV32 Click to download

File Size   1122.04 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AM26LV32 Low-Voltage, High-Speed Quadruple Differential Line Receiver

AM26LV32 Datasheet (HTML) - Texas Instruments


AM26LV32 Product details

1 Features
• Switching rates up to 32 MHz
• Operates from single 3.3-V supply
• Ultra-low power dissipation: 27 mW typical
• Open-circuit, short-circuit, and terminated
fail-safe
• −0.3-V to 5.5-V Common-mode range with
±200-mV sensitivity
• Accepts 5-V logic inputs with 3.3-V VCC
• Input hysteresis: 50 mV typical
• 235 mW With four receivers at 32 MHz
• Pin-to-pin compatible with AM26C32 and
AM26LS32

2 Applications
• High-reliability automotive applications
• Factory automation
• ATM and cash counters
• Smart grid
• AC and servo motor drives

3 Description
The AM26LV32 device is a BiCMOS, quadruple
differential line receiver with 3-state outputs, which
is designed to be similar to the TIA/EIA-422-B and
ITU Recommendation V.11 receivers with reduced
common-mode voltage range due to reduced supply
voltage.
The device is optimized for balanced bus transmission
at switching rates up to 32 MHz. The enable function
is common to all four receivers and offers a choice of
active-high or active-low inputs. The 3-state outputs
permit connection directly to a bus-organized system.
Each device features high input impedance, input
hysteresis for increased noise immunity, and input
sensitivity of ±200 mV over a common-mode input
voltage range from −0.3 V to 5.5 V. When the inputs
are open-circuit, the outputs are in the high logic
state.
The AM26LV32C is characterized for operation from
0°C to 70°C. The AM26LV32I is characterized for
operation from −40°C to 85°C.




Similar Part No. - AM26LV32

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM26LV32 TI-AM26LV32 Datasheet
371Kb / 19P
LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26LV32C TI-AM26LV32C Datasheet
523Kb / 21P
LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26LV32C TI-AM26LV32C Datasheet
671Kb / 22P
LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26LV32CD TI-AM26LV32CD Datasheet
371Kb / 19P
LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26LV32CD TI-AM26LV32CD Datasheet
523Kb / 21P
LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE RECEIVER
More results


Similar Description - AM26LV32

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM26LV31 TI-AM26LV31 Datasheet
113Kb / 8P
LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVER
REVISED DECEMBER 1999
AM26LV32 TI-AM26LV32 Datasheet
371Kb / 19P
LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE RECEIVER
SN75ALS193 TI-SN75ALS193 Datasheet
162Kb / 12P
QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26LV31C TI-AM26LV31C Datasheet
247Kb / 12P
LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVERS
AM26C32 TI-AM26C32 Datasheet
541Kb / 17P
QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26LV32C TI-AM26LV32C Datasheet
523Kb / 21P
LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26LV31C TI-AM26LV31C_07 Datasheet
393Kb / 14P
LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVERS
AM26LV31C TI-AM26LV31C_08 Datasheet
500Kb / 15P
LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVERS
AM26LV32C TI-AM26LV32C_08 Datasheet
671Kb / 22P
LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32-EP TI1-AM26C32-EP_16 Datasheet
170Kb / 10P
QUADRUPLE DIFFERENTIAL LINE RECEIVER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com