Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC2541 Datasheet (PDF) - Texas Instruments

CC2541 Datasheet PDF - Texas Instruments
Part # CC2541
Download  CC2541 Download
File Size   1082.49 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CC2541-Q1 SimpleLink™ Bluetooth® Low Energy Wireless MCU for Automotive

CC2541 Datasheet (PDF)

Go To PDF Page Download Datasheet
CC2541 Datasheet PDF - Texas Instruments

Part # CC2541
Download  CC2541 Click to download

File Size   1082.49 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CC2541-Q1 SimpleLink™ Bluetooth® Low Energy Wireless MCU for Automotive

CC2541 Datasheet (HTML) - Texas Instruments


CC2541 Product details

1.1 Features 1
• RF
– 2.4-GHz Bluetooth Low Energy Compliant and
Proprietary RF Wireless MCU
– Supports Data Rates of 250 kbps, 500 kbps, 1
Mbps, and 2 Mbps
– Excellent Link Budget, Enabling Long-Range
Applications Without External Front End
– Programmable Output Power up to 0 dBm
– Excellent Receiver Sensitivity (–94 dBm at
1 Mbps), Selectivity, and Blocking Performance
– Suitable for Systems Targeting Compliance With
Worldwide Radio Frequency Regulations: ETSI
EN 300 328 and EN 300 440 Class 2 (Europe),
FCC CFR47 Part 15 (US), and ARIB STD-T66
(Japan)
• Layout
– Few External Components
– 6 mm × 6 mm QFN-40 Package
• Low Power
– Active-Mode RX Down to: 18.3 mA
– Active-Mode TX (0 dBm): 18.6 mA
– Power Mode 1 (4-μs Wake-Up): 270 μA
– Power Mode 2 (Sleep Timer On): 1 μA
– Power Mode 3 (External Interrupts): 0.5 μA
– Wide Supply-Voltage Range (2 V to 3.6 V)
• Microcontroller
– High-Performance and Low-Power 8051
Microcontroller Core With Code Prefetch
– 256KB In-System Programmable Flash
– 8KB of RAM With Retention in All Power Modes
– Hardware Debug Support
– Extensive Baseband Automation, Including
Auto-Acknowledgment and Address Decoding
– Retention of All Relevant Registers in All Power
Modes
• Peripherals
– Powerful Five-Channel DMA
– IR Generation Circuitry
– General-Purpose Timers (One 16-Bit, Two 8-Bit)
– 32-kHz Sleep Timer With Capture
– Accurate Digital RSSI Support
– Battery Monitor and Temperature Sensor
– 12-Bit ADC With Eight Channels and
Configurable Resolution
– AES Security Coprocessor
– Two Powerful USARTs With Support for Several
Serial Protocols
– 23 General-Purpose I/O Pins
(21 × 4 mA, 2 × 20 mA)
– I2C interface
– 2 I/O Pins Have LED Driving Capabilities
– Watchdog Timer
– Integrated High-Performance Comparator
• Development Tools
– CC2541 Evaluation Module
– SmartRF™ Software
– IAR Embedded Workbench™ Available
• Bluetooth v4.0 Compliant Protocol Stack for Single-Mode BLE Solution
– Complete Power-Optimized Stack, Including
Controller and Host
• GAP – Central, Peripheral, Observer, or
Broadcaster (Including Combination Roles)
• ATT / GATT – Client and Server
• SMP – AES-128 Encryption and Decryption
• L2CAP
– Sample Applications and Profiles
• Generic Applications for GAP Central and
Peripheral Roles
• Proximity, Accelerometer, Simple Keys, and
Battery GATT Services
• More Applications Supported in BLE
Software Stack
– Multiple Configuration Options
• Single-Chip Configuration, Allowing
Applications to Run on CC2541-Q1
• Network Processor Interface for Applications
Running on an External Microcontroller
– BTool–Windows PC Application for Evaluation,
Development, and Test
– Over the Air Update Capable

1.2 Applications
• 2.4-GHz Bluetooth Low-Energy Systems
• Proprietary 2.4-GHz Systems
• Keyless Entry (Passive and Remote)
• Tire Pressure Monitoring
• Proximity Sensing
• Interface and Control
• Diagnostics and Maintenance
• Cable Replacement
• Sensor Nodes
• Infotainment and Media
• Smart Phone Connectivity
• Beacons

1.3 Description
The CC2541-Q1 is a power-optimized true Wireless MCU solution for both Bluetooth low energy and
proprietary 2.4-GHz applications. This device enables the building of robust nework nodes with low total
bill-of-material costs. The CC2541-Q1 combines the excellent performance of a leading RF transceiver
with an industry-standard enhanced 8051 MCU, in-system programmable flash memory, 8KB of RAM, and
many other powerful supporting features and peripherals. The CC2541-Q1 is highly suited for systems in
which ultralow power consumption is required, which is specified by various operating modes. Short
transition times between operating modes further enable low power consumption.
The CC2541-Q1 comes in a 6 mm x 6 mm QFN40 package.




Similar Part No. - CC2541

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2541 TI-CC2541 Datasheet
742Kb / 33P
2.4-GHz Bluetooth??low energy and Proprietary System-on-Chip
CC2541 TI-CC2541 Datasheet
429Kb / 32P
2.4-GHz Bluetooth??low energy and Proprietary System-on-Chip
CC2541 TI-CC2541 Datasheet
345Kb / 30P
2.4-GHz Bluetooth??low energy and Proprietary System-on-Chip
CC2541 TI1-CC2541 Datasheet
972Kb / 34P
2.4-GHz Bluetooth low energy and Proprietary System-on-Chip
CC2541 TI2-CC2541 Datasheet
1Mb / 37P
2.4-GHz Bluetooth™ low energy and Proprietary System-on-Chip
REVISED JUNE 2013
More results


Similar Description - CC2541

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2540T TI-CC2540T_15 Datasheet
1,014Kb / 37P
SimpleLink CC2540T 2.4-GHz Bluetooth Low Energy Wireless MCU
CC2541-Q1 TI-CC2541-Q1_15 Datasheet
984Kb / 35P
CC2541-Q1 SimpleLink Bluetooth Low Energy Wireless MCU for Automotive
CC2541-Q1 TI1-CC2541-Q1 Datasheet
987Kb / 35P
SimpleLink Bluetooth Low Energy Wireless MCU for Automotive
CC2640R2F TI1-CC2640R2F Datasheet
1Mb / 64P
SimpleLink Bluetooth low energy Wireless MCU
CC2640R2F-Q1 TI1-CC2640R2F-Q1 Datasheet
1Mb / 40P
SimpleLink Bluetooth low energy Wireless MCU for Automotive
CC2642R TI1-CC2642R Datasheet
1,016Kb / 45P
SimpleLink Bluetooth 5 low energy Wireless MCU
CC2642R-Q1 TI1-CC2642R-Q1 Datasheet
1Mb / 61P
CC2642R-Q1 SimpleLink??Bluetooth짰 5.1 Low Energy Wireless MCU
logo
NXP Semiconductors
QN9090 NXP-QN9090 Datasheet
1Mb / 99P
Bluetooth Low Energy 5.0 wireless MCU
logo
Texas Instruments
CC2642R-Q1 TI-CC2642R-Q1_V01 Datasheet
1Mb / 54P
CC2642R-Q1 SimpleLink™ Bluetooth® 5.2 Low Energy Wireless MCU
REVISED JUNE 2022
CC2340R5 TI-CC2340R5 Datasheet
2Mb / 64P
CC2340R5 SimpleLink™ Bluetooth ® 5.3 Low Energy Wireless MCU
REVISED MAY 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com