Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV8842 Datasheet (PDF) - Texas Instruments

DRV8842 Datasheet PDF - Texas Instruments
Part # DRV8842
Download  DRV8842 Download
File Size   1117.08 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DRV8842 DC Motor Driver IC

DRV8842 Datasheet (PDF)

Go To PDF Page Download Datasheet
DRV8842 Datasheet PDF - Texas Instruments

Part # DRV8842
Download  DRV8842 Click to download

File Size   1117.08 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DRV8842 DC Motor Driver IC

DRV8842 Datasheet (HTML) - Texas Instruments


DRV8842 Product details

1 Features
1• Single H-Bridge Current-Control Motor Driver
• 8.2-V to 45-V Operating Supply Voltage Range
• Five-Bit Winding Current Control Allows Up to 32
Current Levels
• Low MOSFET RDS(on) Typical 0.2 Ω (HS + LS)
• 5-A Maximum Drive Current at 24 V, 25°C
• Built-In 3.3-V Reference Output
• Industry-Standard PWM Control Interface
• Thermally Enhanced Surface Mount Package
• Protection Features:
– Overcurrent Protection (OCP)
– Thermal Shutdown (TSD)
– VM Undervoltage Lockout (UVLO)
– Fault Condition Indication Pin (nFAULT)

2 Applications
• Printers
• Scanners
• Office Automation Machines
• Gaming Machines
• Factory Automation
• Robotics

3 Description
The DRV8842 provides an integrated motor driver
solution for printers, scanners, and other automated
equipment applications. The device has one H-bridge
driver, and is intended to drive one DC motor, one
coil of a stepper motor, or other loads. The output
driver block consists of N-channel power MOSFETs
configured as an H-bridge. The DRV8842 can supply
up to 5-A peak or 3.5-A RMS output current (with
proper heatsinking at 24 V and 25°C).
Separate inputs to independently control each half of
the H-bridge are provided.
Internal shutdown functions are provided for
overcurrent protection, short-circuit protection,
undervoltage lockout, and overtemperature.
TheDRV8842 is available in a 28-pin HTSSOP
package with PowerPAD™ (Eco-friendly: RoHS & no
Sb/Br).




Similar Part No. - DRV8842

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8842 TI1-DRV8842 Datasheet
665Kb / 18P
DC MOTOR DRIVER IC
DRV8842 TI1-DRV8842 Datasheet
1Mb / 26P
DC Motor Driver IC
DRV8842 TI2-DRV8842 Datasheet
1Mb / 28P
DRV8842 DC Motor Driver IC
REVISED MARCH 2016
DRV8842-EP TI1-DRV8842-EP Datasheet
1Mb / 26P
DC Motor Driver IC
DRV8842-EP TI2-DRV8842-EP Datasheet
1Mb / 28P
DRV8842 DC Motor Driver IC
REVISED MARCH 2016
More results


Similar Description - DRV8842

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA7259P TOSHIBA-TA7259P Datasheet
292Kb / 9P
DC MOTOR DRIVER IC
TA7736P TOSHIBA-TA7736P Datasheet
417Kb / 11P
DC MOTOR DRIVER IC
logo
Texas Instruments
DRV8840 TI-DRV8840 Datasheet
551Kb / 18P
DC MOTOR DRIVER IC
DRV8802 TI1-DRV8802 Datasheet
558Kb / 18P
DC MOTOR DRIVER IC
JUNE2011
DRV8814 TI1-DRV8814_14 Datasheet
873Kb / 19P
DC MOTOR DRIVER IC
DRV8842-EP TI-DRV8842-EP_15 Datasheet
994Kb / 26P
DRV8842-EP DC Motor Driver IC
DRV8814 TI-DRV8814_15 Datasheet
844Kb / 18P
DC MOTOR DRIVER IC
DRV8814 TI1-DRV8814_16 Datasheet
1Mb / 26P
DC Motor Driver IC
DRV8840 TI1-DRV8840_15 Datasheet
1Mb / 28P
DC Motor Driver IC
DRV8842-EP TI1-DRV8842-EP Datasheet
1Mb / 26P
DC Motor Driver IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com