Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

18-3P Datasheet (PDF) - Structured Cable Products Inc.

18-3P Datasheet PDF - Structured Cable Products Inc.
Part # 18-3P
Download  18-3P Download
File Size   278.74 Kbytes
Page   1 Pages
Manufacturer  STRUCTURED-CABLE [Structured Cable Products Inc.]
Direct Link  https://scpcat5e.com/
Logo STRUCTURED-CABLE - Structured Cable Products Inc.
Description 3C/18 AWG BC 16-Strand Plenum Rated Multipurpose Security/Audio Cable

18-3P Datasheet (PDF)

Go To PDF Page Download Datasheet
18-3P Datasheet PDF - Structured Cable Products Inc.

Part # 18-3P
Download  18-3P Click to download

File Size   278.74 Kbytes
Page   1 Pages
Manufacturer  STRUCTURED-CABLE [Structured Cable Products Inc.]
Direct Link  https://scpcat5e.com/
Logo STRUCTURED-CABLE - Structured Cable Products Inc.
Description 3C/18 AWG BC 16-Strand Plenum Rated Multipurpose Security/Audio Cable

18-3P Datasheet (HTML) - Structured Cable Products Inc.


18-3P Product details

3C/18 AWG BC 16-Strand Plenum Rated Multipurpose Security/Audio Cable, UL CMP/CL3P
Jkt- White - 1000ft/305m Spool




Similar Part No. - 18-3P

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
18-3 AMPHENOL-18-3 Datasheet
2Mb / 38P
Amphenol 97 Series Connectors
12-022-18
logo
Structured Cable Produc...
18-3-GY STRUCTURED-CABLE-18-3-GY Datasheet
185Kb / 1P
3C/18AWG STRANDED BC,SECURITY/COMMERCIAL AUDIO,
logo
List of Unclassifed Man...
18-3000 ETC1-18-3000 Datasheet
13Kb / 2P
Hercules Encoder Accessories
18-3010 ETC1-18-3010 Datasheet
13Kb / 2P
Hercules Encoder Accessories
18-3020 ETC1-18-3020 Datasheet
13Kb / 2P
Hercules Encoder Accessories
More results


Similar Description - 18-3P

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C6313 GENERAL-C6313 Datasheet
73Kb / 1P
3C 18 7/0.015 BC PVC UNJACKETED Sound, Alarm & Security Cable
E2033S GENERAL-E2033S Datasheet
60Kb / 1P
3C 18 AWG (7/26)BC SR-PVC, OAS, PVC SOUND, ALARM AND SECURITY CABLE
E3033S GENERAL-E3033S Datasheet
74Kb / 1P
3C 18 7/0.0152 BC FLEX FLEX Sound, Alarm & Security Cable
logo
Belden Inc.
6201UE BELDEN-6201UE Datasheet
172Kb / 2P
Security & Sound, 3 Conductor 16 AWG BC, Plenum
12-20-2022
6300FC BELDEN-6300FC Datasheet
179Kb / 2P
Security & Sound, 2 Conductor 18 AWG BC, Shielded, Plenum
12-20-2022
6302FC BELDEN-6302FC Datasheet
193Kb / 2P
Security & Sound, 4 Conductor 18 AWG BC, Shielded, Plenum
12-20-2022
6343PC BELDEN-6343PC Datasheet
183Kb / 2P
Security & Sound, 4 Pair 18 AWG BC, Individually Shielded, Plenum
12-20-2022
6345PC BELDEN-6345PC Datasheet
183Kb / 2P
Security & Sound, 6 Pair 18 AWG BC, Individually Shielded, Plenum
12-20-2022
6001UE BELDEN-6001UE Datasheet
168Kb / 2P
Security & Sound, 3 Conductor 12 AWG BC, Plenum
12-20-2022
6501UE BELDEN-6501UE Datasheet
172Kb / 2P
Security & Sound, 3 Conductor 22 AWG BC, Plenum
12-20-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com