Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5474 Datasheet (PDF) - Adafruit Industries

5474 Datasheet PDF - Adafruit Industries
Part # 5474
Download  5474 Download
File Size   128.51 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description 30 Piece 5.5 / 2.1mm to DC Barrel Jack Adapter Kit

5474 Datasheet (PDF)

Go To PDF Page Download Datasheet
5474 Datasheet PDF - Adafruit Industries

Part # 5474
Download  5474 Click to download

File Size   128.51 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description 30 Piece 5.5 / 2.1mm to DC Barrel Jack Adapter Kit

5474 Datasheet (HTML) - Adafruit Industries




Similar Part No. - 5474

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
5474 NSC-5474 Datasheet
121Kb / 6P
Dual Positive-Edge-Triggered D Flip-Flops with Preset, Clear and Complementary Outputs
logo
Texas Instruments
5474 TI1-5474 Datasheet
358Kb / 8P
Dual Positive-Edge-Triggered D Flip-Flops with Preset, Clear and Complementary Outputs
logo
List of Unclassifed Man...
5474 ETC-5474 Datasheet
992Kb / 8P
Low Voltage and Power Applications
January 2016
logo
Carclo Technical Plasti...
5474 COIL-5474 Datasheet
3Mb / 24P
OPTICS CATALOGUE
logo
List of Unclassifed Man...
54740 ETC-54740 Datasheet
269Kb / 1P
C-Tap Connectors for Copper Conductor
More results


Similar Description - 5474

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
73412-0032 MOLEX11-73412-0032 Datasheet
36Kb / 1P
75 Ohms, BNC Jack to Jack Adapter, Bulkhead, One Piece Per Bag
logo
List of Unclassifed Man...
JR8306-1.5M ETC2-JR8306-1.5M Datasheet
232Kb / 1P
2.1mm DC Plug to 2.1mm DC Jack
logo
Molex Electronics Ltd.
0734120032 MOLEX11-0734120032 Datasheet
31Kb / 1P
75 Ohms, BNC Jack to Jack Adapter, Bulkhead, One Piece Per Bag
0733860041 MOLEX-0733860041_V01 Datasheet
29Kb / 1P
50 Ohms, RF Adapter BNC Jack to SMA Jack, One Piece Per Bag
0733860141 MOLEX-0733860141 Datasheet
30Kb / 1P
50 Ohms, RF Adapter N Jack to SMA Jack, One Piece Per Bag
0733860201 MOLEX-0733860201 Datasheet
29Kb / 1P
50 Ohms, RF Adapter SMB Jack to SMA Jack, One Piece Per Bag
0734120032 MOLEX-0734120032_V01 Datasheet
33Kb / 1P
75 Ohms, BNC Jack to Jack Adapter, Bulkhead, One Piece Per Bag
logo
SparkFun Electronics
PRT-09518 SPARKFUN-PRT-09518 Datasheet
90Kb / 1P
9V to Barrel Jack Adapter
11/16/2015
PRT-10287 SPARKFUN-PRT-10287 Datasheet
90Kb / 1P
DC Barrel Jack Adapter - Male
8/5/2016
PRT-10288 SPARKFUN-PRT-10288 Datasheet
88Kb / 1P
DC Barrel Jack Adapter - Female
8/5/2016
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com