Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC08351 Datasheet (PDF) - Texas Instruments

ADC08351 Datasheet PDF - Texas Instruments
Part # ADC08351
Download  ADC08351 Download
File Size   1154.2 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC08351 8-Bit, 42 MSPS, 40 mW A/D Converter

ADC08351 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADC08351 Datasheet PDF - Texas Instruments

Part # ADC08351
Download  ADC08351 Click to download

File Size   1154.2 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC08351 8-Bit, 42 MSPS, 40 mW A/D Converter

ADC08351 Datasheet (HTML) - Texas Instruments


ADC08351 Product details

1FEATURES
2• Low Input Capacitance
• Internal Sample-and-Hold Function
• Single +3V Operation
• Power Down Feature
• TRI-STATE Outputs

KEY SPECIFICATIONS
• Resolution: 8 Bits
• Maximum Sampling Frequency: 42MSPS (min)
• ENOB @ fCLK = 42 MHz,
f IN = 4.4 MHz: 7.2 Bits (typ)
• Ensured No Missing Codes
• Power Consumption: 40 mW (typ); 48 mW
(max) (Excluding Reference Current)

APPLICATIONS
• Video Digitization
• Digital Still Cameras
• Set Top Boxes
• Digital Camcorders
• Communications
• Medical Imaging
• Personal Computer Video
• CCD Imaging
• Electro-Optics

DESCRIPTION
The ADC08351 is an easy to use low power, low
cost, small size, 42 MSPS analog-to-digital converter
that digitizes signals to 8 bits. The ADC08351 uses
an unique architecture that achieves 7.2 Effective Bits
with a 4.4 MHz input and 42 MHz clock frequency
and 6.8 Effective Bits with a 21 MHz input and 42 MHz clock frequency. Output formatting is straight
binary coding.
To minimize system cost and power consumption, the
ADC08351 requires minimal external components
and includes input biasing to allow optional a.c. input
signal coupling. The user need only provide a +3V
supply and a clock. Many applications require no
separate reference or driver components.
The excellent dc and ac characteristics of this device,
together with its low power consumption and +3V single supply operation, make it ideally suited for
many video and imaging applications, including use in
portable equipment. Total power consumption is
reduced to less than 7 mW in the power-down mode.
Furthermore, the ADC08351 is resistant to latch-up
and the outputs are short-circuit proof.
Fabricated on a 0.35 micron CMOS process, the ADC08351 is offered in TSSOP and WQFN (a
molded lead frame-based chip-scale package), and is
designed to operate over the industrial temperature
range of −40°C to +85°C.




Similar Part No. - ADC08351

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC08351 NSC-ADC08351 Datasheet
492Kb / 15P
8-Bit, 42 MSPS, 40 mW A/D Converter
ADC08351 NSC-ADC08351 Datasheet
519Kb / 17P
8-Bit, 42 MSPS, 40 mW A/D Converter
logo
Texas Instruments
ADC08351 TI1-ADC08351 Datasheet
1Mb / 25P
8-Bit, 42 MSPS, 40 mW A/D Converter
logo
National Semiconductor ...
ADC08351CILQ NSC-ADC08351CILQ Datasheet
519Kb / 17P
8-Bit, 42 MSPS, 40 mW A/D Converter
ADC08351CILQX NSC-ADC08351CILQX Datasheet
519Kb / 17P
8-Bit, 42 MSPS, 40 mW A/D Converter
More results


Similar Description - ADC08351

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC08351 NSC-ADC08351 Datasheet
492Kb / 15P
8-Bit, 42 MSPS, 40 mW A/D Converter
logo
Fairchild Semiconductor
SPT7734 FAIRCHILD-SPT7734 Datasheet
86Kb / 9P
8-BIT, 40 MSPS,175 mW A/D CONVERTER
SPT7860 FAIRCHILD-SPT7860 Datasheet
99Kb / 12P
10-BIT, 40 MSPS, 175 mW A/D CONVERTER
SPT7861 FAIRCHILD-SPT7861 Datasheet
87Kb / 11P
10-BIT, 40 MSPS, 160 mW A/D CONVERTER
logo
National Semiconductor ...
ADC08351 NSC-ADC08351_03 Datasheet
519Kb / 17P
8-Bit, 42 MSPS, 40 mW A/D Converter
logo
Cadeka Microcircuits LL...
SPT7734 CADEKA-SPT7734 Datasheet
191Kb / 9P
8-BIT, 40 MSPS,175 mW A/D CONVERTER
SPT7860 CADEKA-SPT7860 Datasheet
193Kb / 12P
10-BIT, 40 MSPS, 175 mW A/D CONVERTER
SPT7863 CADEKA-SPT7863 Datasheet
183Kb / 11P
10-BIT, 40 MSPS, 160 mW A/D CONVERTER
SPT7938 CADEKA-SPT7938 Datasheet
185Kb / 10P
12-BIT, 40 MSPS, 170 mW A/D CONVERTER
logo
Texas Instruments
ADC08351 TI1-ADC08351 Datasheet
1Mb / 25P
8-Bit, 42 MSPS, 40 mW A/D Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com