Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC08D1500 Datasheet (PDF) - Texas Instruments

ADC08D1500 Datasheet PDF - Texas Instruments
Part # ADC08D1500
Download  ADC08D1500 Download
File Size   1145.85 Kbytes
Page   54 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC08D1500 High Performance, Low Power, Dual 8-Bit, 1.5 GSPS A/D Converter

ADC08D1500 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADC08D1500 Datasheet PDF - Texas Instruments

Part # ADC08D1500
Download  ADC08D1500 Click to download

File Size   1145.85 Kbytes
Page   54 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC08D1500 High Performance, Low Power, Dual 8-Bit, 1.5 GSPS A/D Converter

ADC08D1500 Datasheet (HTML) - Texas Instruments


ADC08D1500 Product details

1FEATURES
2• Internal Sample-and-Hold
• Single +1.9V ±0.1V Operation
• Choice of SDR or DDR Output Clocking
• Interleave Mode for 2x Sample Rate
• Multiple ADC Synchronization Capability
• Ensured No Missing Codes
• Serial Interface for Extended Control
• Fine Adjustment of Input Full-Scale Range and selfOffset
• Duty Cycle Corrected Sample Clock

APPLICATIONS
• Direct RF Down Conversion
• Digital Oscilloscopes
• Satellite Set-Top Boxes
• Communications Systems
• Test Instrumentation

KEY SPECIFICATIONS
• Resolution 8 Bits
• Max Conversion Rate 1.5 GSPS (min)
• Error Rate 10-18 (typ)
• ENOB @ 748 MHz Input 7.25 Bits (typ)
• DNL ±0.15 LSB (typ)
• Power Consumption
– Operating 1.8 W (typ)
– Power Down Mode 3.5 mW (typ)

DESCRIPTION
The ADC08D1500 is a dual, low power, high
performance CMOS analog-to-digital converter that
digitizes signals to 8 bits resolution at sample rates
up to 1.7 GSPS. Consuming a typical 1.8 Watts at
1.5 GSPS from a single 1.9 Volt supply, this device is
ensured to have no missing codes over the full operating temperature range. The unique folding and
interpolating architecture, the fully differential
comparator design, the innovative design of the
internal sample-and-hold amplifier and the selfOffset
calibration scheme enable a very flat response of all dynamic parameters beyond Nyquist, producing a
high 7.25 ENOB with a 748 MHz input signal and a
1.5 GHz sample rate while providing a 10-18 C.E.R.
Output formatting is binary and the LVDS digital
outputs are compatible with IEEE 1596.3-1996, with the exception of an adjustable common mode voltage
between 0.8V and 1.2V.
Each converter has a 1:2 demultiplexer that feeds
two LVDS buses and reduces the output data rate on
each bus to half the sample rate. The two converters
can be interleaved and used as a single 3 GSPS
ADC.
The converter typically consumes less than 3.5 mW
in the Power Down Mode and is available in a 128-
lead, thermally enhanced exposed pad HLQFP and
operates over the Industrial (-40°C ≤ TA ≤ +85°C)
temperature range.




Similar Part No. - ADC08D1500

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC08D1500 NSC-ADC08D1500 Datasheet
868Kb / 33P
High Performance, Low Power, Dual 8-Bit, 1.5 GSPS A/D Converter
ADC08D1500 NSC-ADC08D1500 Datasheet
1Mb / 40P
High Performance, Low Power, Dual 8-Bit, 1.5 GSPS A/D Converter
logo
Texas Instruments
ADC08D1500 TI1-ADC08D1500 Datasheet
1Mb / 54P
High Performance, Low Power, Dual 8-Bit, 1.5 GSPS A/D Converter
ADC08D1500 TI2-ADC08D1500 Datasheet
990Kb / 33P
High Performance Quad DVGA
DECEMBER 2012
logo
National Semiconductor ...
ADC08D1500CIYB NSC-ADC08D1500CIYB Datasheet
868Kb / 33P
High Performance, Low Power, Dual 8-Bit, 1.5 GSPS A/D Converter
More results


Similar Description - ADC08D1500

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC08D1000 NSC-ADC08D1000 Datasheet
822Kb / 31P
High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
ADC08D1500 NSC-ADC08D1500 Datasheet
868Kb / 33P
High Performance, Low Power, Dual 8-Bit, 1.5 GSPS A/D Converter
ADC081500 NSC-ADC081500 Datasheet
830Kb / 28P
High Performance, Low Power, 8-Bit, 1.5 GSPS A/D Converter
ADC08D1000 NSC-ADC08D1000_08 Datasheet
1Mb / 40P
High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
ADC081500 NSC-ADC081500_06 Datasheet
1,016Kb / 32P
High Performance, Low Power, 8-Bit, 1.5 GSPS A/D Converter
ADC08D1500 NSC-ADC08D1500_09 Datasheet
1Mb / 40P
High Performance, Low Power, Dual 8-Bit, 1.5 GSPS A/D Converter
ADC081500 NSC-ADC081500_09 Datasheet
1Mb / 34P
High Performance, Low Power, 8-Bit, 1.5 GSPS A/D Converter
ADC08D1000QML NSC-ADC08D1000QML Datasheet
1Mb / 44P
High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
logo
Texas Instruments
ADC081500 TI1-ADC081500 Datasheet
1,011Kb / 47P
High Performance, Low Power, 8-Bit, 1.5 GSPS A/D Converter
ADC08D1500 TI1-ADC08D1500 Datasheet
1Mb / 54P
High Performance, Low Power, Dual 8-Bit, 1.5 GSPS A/D Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com