Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC104S021 Datasheet (PDF) - Texas Instruments

ADC104S021 Datasheet PDF - Texas Instruments
Part # ADC104S021
Download  ADC104S021 Download
File Size   1173.46 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC104S101 4 Channel, 500 ksps to 1 Msps, 10-Bit A/D Converter

ADC104S021 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADC104S021 Datasheet PDF - Texas Instruments

Part # ADC104S021
Download  ADC104S021 Click to download

File Size   1173.46 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC104S101 4 Channel, 500 ksps to 1 Msps, 10-Bit A/D Converter

ADC104S021 Datasheet (HTML) - Texas Instruments


ADC104S021 Product details

1FEATURES
2• Specified Over a Range of Sample Rates
• Four Input Channels
• Variable Power Management
• Single Power Supply with 2.7V - 5.25V Range

KEY SPECIFICATIONS
• DNL: +0.26/−0.16 LSB (Typ)
• INL: +0.4/−0.1 LSB (Typ)
• SNR: 61.7 dB (Typ)
• Power Consumption:
– 3V Supply: 3.9 mW (Typ)
– 5V Supply: 11.4 mW (Typ)

APPLICATIONS
• Portable Systems
• Remote Data Acquisition
• Instrumentation and Control Systems

DESCRIPTION
The ADC104S101 is a low-power, four-channel
CMOS 10-bit analog-to-digital converter with a high-
speed serial interface. Unlike the conventional
practice of specifying performance at a single sample
rate only, the ADC104S101 is fully specified over a
sample rate range of 500 ksps to 1 Msps. The
converter is based on a successive-approximation
register architecture with an internal track-and-hold
circuit. It can be configured to accept up to four input
signals at inputs IN1 through IN4.
The output serial data is straight binary, and is
compatible with several standards, such as SPI™,
QSPI™, MICROWIRE, and many common DSP serial interfaces.
The ADC104S101 operates with a single supply, that
can range from +2.7V to +5.25V. Normal power consumption using a +3V or +5V supply is 3.9 mW
and 11.4 mW, respectively. The power-down feature
reduces the power consumption to just 0.12 μW using
a +3.6V supply, or 0.47 μW using a +5.5V supply.
The ADC104S101 is packaged in a 10-lead VSSOP
package. Operation over the industrial temperature
range of −40°C to +85°C.




Similar Part No. - ADC104S021

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC104S021 NSC-ADC104S021 Datasheet
909Kb / 19P
4 Channel, 200 kSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC104S021 TI-ADC104S021 Datasheet
1Mb / 27P
ADC084S021 4-Channel, 50 ksps to 200 Ksps, 8-Bit A/D Converter
ADC104S021 TI-ADC104S021 Datasheet
1Mb / 28P
ADC084S051 4 Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
ADC104S021 TI-ADC104S021 Datasheet
1Mb / 27P
ADC104S101 4 Channel, 500 ksps to 1 Msps, 10-Bit A/D Converter
ADC104S021 TI-ADC104S021 Datasheet
1Mb / 27P
ADC124S101 4 Channel, 500 ksps to 1 Msps, 12-Bit A/D Converter
More results


Similar Description - ADC104S021

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC108S102 NSC-ADC108S102 Datasheet
877Kb / 17P
8-Channel, 500 kSPS to 1 MSPS, 10-Bit A/D Converter
logo
Texas Instruments
ADC102S101CIMMX TI1-ADC102S101CIMMX Datasheet
1Mb / 28P
ADC102S101 2 Channel, 500 ksps to 1 Msps, 10-Bit A/D Converter
ADC104S101CIMM TI-ADC104S101CIMM Datasheet
1Mb / 27P
ADC104S101 4 Channel, 500 ksps to 1 Msps, 10-Bit A/D Converter
ADC084S101CIMM TI1-ADC084S101CIMM Datasheet
1Mb / 27P
ADC084S101 4 Channel, 500 ksps to 1 Msps, 8-Bit A/D Converter
ADC108S102 TI1-ADC108S102_14 Datasheet
1Mb / 28P
ADC108S102 8-Channel, 500 kSPS to 1 MSPS, 10-Bit A/D Converter
ADC084S101 TI1-ADC084S101_14 Datasheet
1Mb / 28P
ADC084S101 4 Channel, 500 ksps to 1 Msps, 8-Bit A/D Converter
ADC102S101 TI1-ADC102S101_14 Datasheet
1Mb / 28P
ADC102S101 2 Channel, 500 ksps to 1 Msps, 10-Bit A/D Converter
ADC104S101 TI1-ADC104S101_14 Datasheet
1Mb / 28P
ADC104S101 4 Channel, 500 ksps to 1 Msps, 10-Bit A/D Converter
ADC102S101 TI1-ADC102S101_15 Datasheet
1Mb / 29P
2 Channel, 500 ksps to 1 Msps, 10-Bit A/D Converter
ADC108S102 TI1-ADC108S102_15 Datasheet
1Mb / 27P
8-Channel, 500 kSPS to 1 MSPS, 10-Bit A/D Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com