Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC12L080 Datasheet (PDF) - Texas Instruments

ADC12L080 Datasheet PDF - Texas Instruments
Part # ADC12L080
Download  ADC12L080 Download
File Size   1153.31 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC12L080 12-Bit, 80 MSPS, 450 MHz Bandwidth A/D Converter with Internal Reference

ADC12L080 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADC12L080 Datasheet PDF - Texas Instruments

Part # ADC12L080
Download  ADC12L080 Click to download

File Size   1153.31 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC12L080 12-Bit, 80 MSPS, 450 MHz Bandwidth A/D Converter with Internal Reference

ADC12L080 Datasheet (HTML) - Texas Instruments


ADC12L080 Product details

1FEATURES
2• Single Supply Operation
• Low Power Consumption
• Power Down Mode
• Internal or External Reference
• Selectable Offset Binary or 2's Complement
Data Format
• Pin-Compatible with ADC12010, ADC12020,
ADC12040, ADC12L063, ADC12L066

APPLICATIONS
• Ultrasound and Imaging
• Instrumentation
• Cellular Base Stations/Communication
Receivers single•
Sonar/Radar
• xDSL
• Wireless Local Loops
• Data Acquisition Systems
• DSP Front Ends

KEY SPECIFICATIONS
• Full Power Bandwidth: 450 MHz
• DNL: ±0.4 LSB (typ)
• SNR (fIN = 10 MHz): 66 dB (typ)
• SFDR (fIN = 10 MHz): 80 dB (typ)
• Power Consumption, 80 MHz
– Operating: 425 mW (typ)
– Power Down: 50 mW (typ)

DESCRIPTION
The ADC12L080 is a monolithic CMOS analog-to- digital converter capable of converting analog input
signals into 12-bit digital words at 80 Megasamples
per second (MSPS). This converter uses a
differential, pipeline architecture with digital error
correction and an on-chip sample-and-hold circuit to minimize die size and power consumption while
providing excellent dynamic performance. The
ADC12L080 can be operated with either the internal
or an external reference. Operating on a single 3.3V
power supply, this device consumes just 425 mW at
80 MSPS, including the reference current. The Power
Down feature reduces power consumption to just 50
mW.
The differential inputs provide a full scale input swing
equal to ±VREF. The buffered, high impedance, single•
ended external reference input is converted on-chip
to a differential reference for use by the processing
circuitry. Output data format may be selected as
either offset binary or two's complement.
This device is available in the 32-lead LQFP package
and operates over the industrial temperature range of
−40°C to +85°C.




Similar Part No. - ADC12L080

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC12L080 NSC-ADC12L080 Datasheet
1Mb / 23P
12-Bit, 80 MSPS, 450 MHz Bandwidth A/D Converter with Internal Reference
logo
Texas Instruments
ADC12L080 TI1-ADC12L080 Datasheet
987Kb / 28P
12-Bit, 80 MSPS, 450 MHz Bandwidth A/D Converter with Internal Reference
ADC12L080 TI1-ADC12L080 Datasheet
1,006Kb / 31P
450 MHz Bandwidth A/D Converter
ADC12L080 TI2-ADC12L080 Datasheet
990Kb / 33P
High Performance Quad DVGA
DECEMBER 2012
logo
National Semiconductor ...
ADC12L080CIVY NSC-ADC12L080CIVY Datasheet
1Mb / 23P
12-Bit, 80 MSPS, 450 MHz Bandwidth A/D Converter with Internal Reference
More results


Similar Description - ADC12L080

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC12L066 NSC-ADC12L066 Datasheet
756Kb / 27P
12-Bit, 66 MSPS, 450 MHz Bandwidth A/D Converter with Internal Sample-and-Hold
ADC11L066 NSC-ADC11L066 Datasheet
742Kb / 27P
11-Bit, 66 MSPS, 450 MHz Bandwidth A/D Converter with Internal Sample-and-Hold
ADC12L080 NSC-ADC12L080 Datasheet
1Mb / 23P
12-Bit, 80 MSPS, 450 MHz Bandwidth A/D Converter with Internal Reference
ADC12DL066 NSC-ADC12DL066 Datasheet
654Kb / 23P
Dual 12-Bit, 66 MSPS, 450 MHz Input Bandwidth A/D Converter w/Internal Reference
ADC11DL066 NSC-ADC11DL066 Datasheet
621Kb / 23P
Dual 11-Bit, 66 MSPS, 450 MHz Input Bandwidth A/D Converter w/Internal Reference
ADC11DL066 NSC-ADC11DL066_08 Datasheet
491Kb / 24P
Dual 11-Bit, 66 MSPS, 450 MHz Input Bandwidth A/D Converter w/Internal Reference
ADC12L066 NSC-ADC12L066_06 Datasheet
1Mb / 27P
12-Bit, 66 MSPS, 450 MHz Bandwidth A/D Converter with Internal Sample-and-Hold
logo
Analog Devices
AD9432BSQZ-80 AD-AD9432BSQZ-80 Datasheet
504Kb / 20P
12-Bit, 80 MSPS/105 MSPS A/D Converter
Rev. E
logo
Texas Instruments
ADC12DL066 TI1-ADC12DL066_14 Datasheet
804Kb / 31P
Dual 12-Bit, 66 Msps, 450 MHz Input Bandwidth A/D Converter w/Internal Reference
ADC12L080 TI1-ADC12L080_14 Datasheet
987Kb / 28P
12-Bit, 80 MSPS, 450 MHz Bandwidth A/D Converter with Internal Reference
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com