Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC104S021 Datasheet (PDF) - Texas Instruments

ADC104S021 Datasheet PDF - Texas Instruments
Part # ADC104S021
Download  ADC104S021 Download
File Size   1136.57 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC104S021/ADC104S021Q 4-Channel, 50 ksps to 200 ksps, 10-Bit A/D Converter

ADC104S021 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADC104S021 Datasheet PDF - Texas Instruments

Part # ADC104S021
Download  ADC104S021 Click to download

File Size   1136.57 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC104S021/ADC104S021Q 4-Channel, 50 ksps to 200 ksps, 10-Bit A/D Converter

ADC104S021 Datasheet (HTML) - Texas Instruments


ADC104S021 Product details

1FEATURES
2• Specified over a Range of Sample Rates.
• Four Input Channels
• Variable Power Management
• Single Power Supply with 2.7V - 5.25V Range
• ADC104S021Q is AEC-Q100 Grade 3 Qualified
and is Manufactured on an Automotive Grade
Flow
• Meets AEC-Q100-011 C2 CDM Classification

APPLICATIONS
• Portable Systems
• Remote Data Acquisition
• Instrumentation and Control Systems
• Automotive

KEY SPECIFICATIONS
• DNL: ± 0.13 LSB (typ)
• INL: ± 0.13 LSB (typ)
• SNR: 61.8 dB (typ)
• Power Consumption
– 3V Supply: 1.94 mW (typ)
– 5V Supply: 6.9 mW (typ)

DESCRIPTION
The ADC104S021/ADC104S021Q is a low-power,
four-channel CMOS 10-bit analog-to-digital converter
with a high-speed serial interface. Unlike the
conventional practice of specifying performance at a
single sample rate only, the
ADC104S021/ADC104S021Q is fully specified over a sample rate range of 50 ksps to 200 ksps. The
converter is based on a successive-approximation
register architecture with an internal track-and-hold
circuit. It can be configured to accept up to four input
signals at inputs IN1 through IN4.
The output serial data is straight binary, and is
compatible with several standards, such as SPI™,
QSPI™, MICROWIRE, and many common DSP
serial interfaces.
The ADC104S021/ADC104S021Q operates with a single supply, that can range from +2.7V to +5.25V.
Normal power consumption using a +3V or +5V
supply is 1.94 mW and 6.9 mW, respectively. The
power-down feature reduces the power consumption
to just 0.12 μW using a +3V supply, or 0.47 μW using
a +5V supply.
The ADC104S021/ADC104S021Q is packaged in a 10-lead VSSOP package. Operation over the
industrial temperature range of −40°C to +85°C is
ensured.




Similar Part No. - ADC104S021

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC104S021 NSC-ADC104S021 Datasheet
909Kb / 19P
4 Channel, 200 kSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC104S021 TI-ADC104S021 Datasheet
1Mb / 27P
ADC084S021 4-Channel, 50 ksps to 200 Ksps, 8-Bit A/D Converter
ADC104S021 TI-ADC104S021 Datasheet
1Mb / 28P
ADC084S051 4 Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
ADC104S021 TI-ADC104S021 Datasheet
1Mb / 27P
ADC104S101 4 Channel, 500 ksps to 1 Msps, 10-Bit A/D Converter
ADC104S021 TI-ADC104S021 Datasheet
1Mb / 27P
ADC124S101 4 Channel, 500 ksps to 1 Msps, 12-Bit A/D Converter
More results


Similar Description - ADC104S021

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC108S022 NSC-ADC108S022 Datasheet
842Kb / 17P
8-Channel, 50 kSPS to 200 kSPS, 10-Bit A/D Converter
logo
Texas Instruments
ADC084S021CIMM TI-ADC084S021CIMM Datasheet
1Mb / 27P
ADC084S021 4-Channel, 50 ksps to 200 Ksps, 8-Bit A/D Converter
ADC102S021CIMM TI-ADC102S021CIMM Datasheet
1Mb / 25P
ADC102S021 2 Channel, 50 ksps to 200 ksps, 10-Bit A/D Converter
ADC124S021 TI1-ADC124S021_14 Datasheet
1Mb / 28P
ADC124S021 4-Channel, 50 ksps to 200 ksps, 12-Bit A/D Converter
ADC108S022 TI1-ADC108S022_14 Datasheet
1Mb / 25P
ADC108S022 8-Channel, 50 ksps to 200 ksps, 10-Bit A/D Converter
ADC102S021 TI1-ADC102S021_14 Datasheet
1Mb / 26P
ADC102S021 2 Channel, 50 ksps to 200 ksps, 10-Bit A/D Converter
ADC084S021 TI1-ADC084S021_14 Datasheet
1Mb / 27P
ADC084S021 4-Channel, 50 ksps to 200 Ksps, 8-Bit A/D Converter
ADC104S021 TI1-ADC104S021 Datasheet
1Mb / 27P
4-Channel, 50 ksps to 200 ksps, 10-Bit A/D Converter
ADC108S022 TI1-ADC108S022_15 Datasheet
1Mb / 25P
8-Channel, 50 ksps to 200 ksps, 10-Bit A/D Converter
ADC124S021 TI1-ADC124S021 Datasheet
1Mb / 27P
4-Channel, 50 ksps to 200 ksps, 12-Bit A/D Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com