Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8325IBDGKT Datasheet (PDF) - Texas Instruments

ADS8325IBDGKT Datasheet PDF - Texas Instruments
Part # ADS8325IBDGKT
Download  ADS8325IBDGKT Download
File Size   1144.16 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER

ADS8325IBDGKT Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS8325IBDGKT Datasheet PDF - Texas Instruments

Part # ADS8325IBDGKT
Download  ADS8325IBDGKT Click to download

File Size   1144.16 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER

ADS8325IBDGKT Datasheet (HTML) - Texas Instruments


ADS8325IBDGKT Product details

1FEATURES
23· 16-Bits No Missing Codes
· Very Low Noise: 3LSBPP
· Excellent Linearity: ±1.5LSB typ
· microPower:
– 4.5mW at 100kHz
– 1mW at 10kHz
· MSOP-8 and SON-8 Packages (SON Package
Size Same as 3x3 QFN)
· 16-Bit Upgrade to the 12-Bit ADS7816 and
ADS7822
· Pin-Compatible With the ADS7816, ADS7822,
ADS7826, ADS7827, ADS7829, and ADS8320
· Serial (SPI™/SSI) Interfaces

APPLICATIONS
· Battery-Operated Systems
· Remote Data Acquisition
· Isolated Data Acquisition
· Simultaneous Sampling, Multi-Channel
Systems
· Industrial Controls
· Robotics
· Vibration Analysis

DESCRIPTION
The ADS8325 is a 16-bit, sampling, Analog-to-Digital
(A/D) converter specified for a supply voltage range
from 2.7V to 5.5V. It requires very little power, even
when operating at the full 100kHz data rate. At lower
data rates, the high speed of the device enables it to
spend most of its time in the power-down mode. For
example, the average power dissipation is less than
1mW at a 10kHz data rate.
The ADS8325 offers excellent linearity and very low
noise and distortion. It also features a synchronous serial (SPI/SSI compatible) interface and a differential
input. The reference voltage can be set to any level
within the range of 2.5V to VDD.
Low power and small size make the ADS8325 ideal
for portable and battery-operated systems. It is also a
perfect fit for remote data acquisition modules,
simultaneous multichannel systems, and isolated
data acquisition. The ADS8325 is available in
MSOP-8 and SON-8 packages. The SON package
size is the same as a 3x3 QFN package.




Similar Part No. - ADS8325IBDGKT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS8325IBDGKT BURR-BROWN-ADS8325IBDGKT Datasheet
444Kb / 21P
16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8325IBDGKT TI1-ADS8325IBDGKT Datasheet
1Mb / 36P
16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8325IBDGKTG4 TI1-ADS8325IBDGKTG4 Datasheet
1Mb / 36P
16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Similar Description - ADS8325IBDGKT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS8320 BURR-BROWN-ADS8320 Datasheet
105Kb / 13P
16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8325 BURR-BROWN-ADS8325 Datasheet
444Kb / 21P
16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8326 BURR-BROWN-ADS8326 Datasheet
711Kb / 31P
16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling
logo
Texas Instruments
ADS8317 TI-ADS8317 Datasheet
802Kb / 29P
16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8320EB TI-ADS8320EB Datasheet
860Kb / 21P
16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8325 TI1-ADS8325_14 Datasheet
1Mb / 37P
16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8317 TI1-ADS8317_14 Datasheet
1Mb / 36P
16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8326 TI1-ADS8326 Datasheet
1Mb / 39P
16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8320 TI1-ADS8320 Datasheet
875Kb / 21P
16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8325 TI1-ADS8325 Datasheet
1Mb / 36P
16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com