Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFE5808ZCF Datasheet (PDF) - Texas Instruments

AFE5808ZCF Datasheet PDF - Texas Instruments
Part # AFE5808ZCF
Download  AFE5808ZCF Download
File Size   1239.69 Kbytes
Page   75 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Fully Integrated, 8-Channel Ultrasound Analog Front End With Passive CW Mixer, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 153 mW/CH

AFE5808ZCF Datasheet (PDF)

Go To PDF Page Download Datasheet
AFE5808ZCF Datasheet PDF - Texas Instruments

Part # AFE5808ZCF
Download  AFE5808ZCF Click to download

File Size   1239.69 Kbytes
Page   75 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Fully Integrated, 8-Channel Ultrasound Analog Front End With Passive CW Mixer, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 153 mW/CH

AFE5808ZCF Datasheet (HTML) - Texas Instruments


AFE5808ZCF Product details

1FEATURES
• 8-Channel Complete Analog Front-End
– LNA, VCAT, PGA, LPF, ADC, and CW Mixer
• Programmable Gain Low-Noise Amplifier
(LNA)
– 24/18/12 dB Gain
– 0.25/0.5/1 VPP Linear Input Range
– 0.63/0.7/0.9 nV/rtHz Input Referred Noise
– Programmable Active Termination
• 40 dB Low Noise Voltage Controlled
Attenuator (VCAT)
• 24/30 dB Programmable Gain Amplifier (PGA)
• 3rd Order Linear Phase Low-Pass Filter (LPF)
– 10, 15, 20, 30 MHz
• 14-bit Analog to Digital Converter (ADC)
– 77 dBFS SNR at 65 MSPS
– LVDS Outputs
• Noise/Power Optimizations (Full Chain)
– 153 mW/CH at 0.75 nV/rtHz, 65 MSPS
– 98 mW/CH at 1.1 nV/rtHz, 40 MSPS
– 80 mW/CH at CW Mode
• Excellent Device-to-Device Gain Matching
– ±0.5 dB (typical) and ±0.9 dB (max)
• Low Harmonic Distortion
• Fast and Consistent Overload Recovery
• Passive Mixer for Continuous Wave Doppler
(CWD)
– Low Close-in Phase Noise –156 dBc/Hz at 1
KHz off 2.5 MHz Carrier
– Phase Resolution of 1/16λ
– Support 16X, 8X, 4X and 1X CW Clocks
– 12-dB Suppression on 3rd and 5th
Harmonics
– Flexible Input Clocks
• Small Package: 15 mm × 9 mm, 135-BGA

APPLICATIONS
• Medical Ultrasound Imaging
• Nondestructive Evaluation Equipments

DESCRIPTION
The AFE5808 is a highly integrated analog front-end
(AFE) solution specifically designed for ultrasound
systems in which high performance and small size
are required. The AFE5808 integrates a complete
time-gain-control (TGC) imaging path and a continuous wave Doppler (CWD) path. It also enables
users to select one of various power/noise
combinations to optimize system performance.
Therefore, the AFE5808 is a suitable ultrasound analog front end solution not only for high-end
systems, but also for portable ones.
The AFE5808 contains eight channels of voltage
controlled amplifier (VCA), 14/12-bit Analog-to-Digital
Converter (ADC), and CW mixer. The VCA includes
Low noise Amplifier(LNA), Voltage controlled Attenuator(VCAT), Programmable Gain
Amplifier(PGA), and Low-Pass Filter (LPF). The LNA
gain is programmable to support 250 mVPP to 1 VPP
input signals. Programmable active termination is
also supported by the LNA. The ultra-low noise VCAT
provides an attenuation control range of 40 dB and
improves overall low gain SNR which benefits
harmonic imaging and near field imaging. The PGA
provides gain options of 24 dB and 30 dB. Before the
ADC, a LPF can be configured as 10, 15, 20, or 30
MHz to support ultrasound applications with different
frequencies. The high-performance 14 bit/65 MSPS
ADC in the AFE5808 achieves 77 dBFS SNR. It
ensures excellent SNR at low chain gain. The ADC’s
LVDS outputs enable flexible system integration
desired for miniaturized systems.




Similar Part No. - AFE5808ZCF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE5808ZCF TI1-AFE5808ZCF Datasheet
1Mb / 68P
Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, 0.75nV/rtHz, 14/12-Bit, 65MSPS, 153mW/CH
AFE5808ZCF TI1-AFE5808ZCF Datasheet
1Mb / 76P
Fully Integrated, 8-Channel Ultrasound Analog Front End With Passive CW Mixer, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 153 mW/CH
More results


Similar Description - AFE5808ZCF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE5807 TI1-AFE5807 Datasheet
1Mb / 71P
Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, 1.05 nV/rtHz, 12-Bit, 80 MSPS, 117 mW/CH
AFE5808 TI1-AFE5808 Datasheet
1Mb / 68P
Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, 0.75nV/rtHz, 14/12-Bit, 65MSPS, 153mW/CH
AFE5808A TI1-AFE5808A Datasheet
1Mb / 66P
Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 158 mW/CH
VCA5807 TI-VCA5807 Datasheet
1Mb / 64P
Fully Integrated, 8-Channel Voltage Controlled Amplifier for Ultrasound with Passive CW Mixer, 0.75 nV/rtHz, 99 mW/CH
AFE5809 TI-AFE5809_13 Datasheet
1Mb / 90P
Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, and Digital I/Q Demodulator, 0.75 nV/rtHz, 14, 12-Bit, 65 MSPS, 158 mW/CH
AFE5808 TI1-AFE5808_14 Datasheet
1Mb / 76P
Fully Integrated, 8-Channel Ultrasound Analog Front End With Passive CW Mixer, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 153 mW/CH
AFE5807 TI1-AFE5807_14 Datasheet
1Mb / 75P
Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, 1.05 nV/rtHz, 12-Bit, 80 MSPS, 117 mW/CH
AFE5803 TI1-AFE5803_14 Datasheet
791Kb / 53P
Fully Integrated, 8-Channel Ultrasound Analog Front End, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 158 mW/CH
AFE5812 TI-AFE5812_15 Datasheet
2Mb / 109P
AFE5812 Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, and Digital I/Q Demodulator, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 180 mW/CH
AFE5808A TI1-AFE5808A_17 Datasheet
1Mb / 83P
65-MSPS, 158 mW/Channel, Fully-Integrated, 8-Channel, 14- and 12-Bit, Ultrasound Analog Front-End With Passive CW Mixer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com