Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC1106E05DWVR Datasheet (PDF) - Texas Instruments

AMC1106E05DWVR Datasheet PDF - Texas Instruments
Part # AMC1106E05DWVR
Download  AMC1106E05DWVR Download
File Size   1133.13 Kbytes
Page   39 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AMC1106x Small, High-Precision, Basic Isolated Delta-Sigma Modulators

AMC1106E05DWVR Datasheet (PDF)

Go To PDF Page Download Datasheet
AMC1106E05DWVR Datasheet PDF - Texas Instruments

Part # AMC1106E05DWVR
Download  AMC1106E05DWVR Click to download

File Size   1133.13 Kbytes
Page   39 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AMC1106x Small, High-Precision, Basic Isolated Delta-Sigma Modulators

AMC1106E05DWVR Datasheet (HTML) - Texas Instruments


AMC1106E05DWVR Product details

1 Features
1• ±50-mV input voltage range optimized for current
measurement with shunt resistors
• Manchester coded or uncoded bitstream options
• Excellent DC performance for high-precision
sensing on system level:
– Offset error and drift: ±50 μV, ±1 μV/°C (max)
– Gain error and drift: ±0.2%, ±40 ppm/°C (max)
• 3.3-V operation for reduced power dissipation on
both sides of the isolation barrier
• System-level diagnostic features
• High electromagnetic field immunity
(see the ISO72x Digital Isolator Magnetic-Field
Immunity application report)
• Safety-related certifications:
– 5657-VPK basic isolation per DIN VDE V 0884-
11: 2017-01
– 4000-VRMS isolation for 1 minute per UL1577
– CAN/CSA No. 5A-component acceptance
service notice
and DIN EN 61010-1 end equipment standard

2 Applications
Shunt-resistor-based current sensing in 3-phase
electricity meters

3 Description
The AMC1106 is a precision, delta-sigma (ΔΣ)
modulator with the output separated from the input
circuitry by a capacitive isolation barrier that is highly
resistant to magnetic interference.
The input stage of the AMC1106 is optimized for
direct connection to shunt resistors or other low
voltage-level signal sources commonly used in multiphase
electricity meters to achieve excellent ac and
dc performance. The device low input voltage range
of ±50-mV allows use of small shunt resistor values
to minimize power dissipation. Decimate the output
bitstream of the AMC1106 with an appropriate digital
filter. The MSP430F67x, TMS320F2807x, and
TMS320F2837x microcontrollers, and the AMC1210
integrate these digital filters for seamless operation
with the AMC1106.
On the high-side, the modulator is supplied by a
3.3-V or 5-V power supply (AVDD). The isolated
digital interface operates from a 3.0-V, 3.3-V, or 5-V
power supply (DVDD).
The AMC1106 is specified over the extended
industrial temperature range of –40°C to +125°C.




Similar Part No. - AMC1106E05DWVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1106E05DWVR TI1-AMC1106E05DWVR Datasheet
1Mb / 38P
Small, High-Precision, Basic Isolated Delta-Sigma Modulators
More results


Similar Description - AMC1106E05DWVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1305L25 TI-AMC1305L25_15 Datasheet
1Mb / 39P
AMC1305x High-Precision,Reinforced Isolated Delta-Sigma Modulators
AMC1304L05 TI1-AMC1304L05 Datasheet
1Mb / 39P
High-Precision Reinforced Isolated Delta-Sigma Modulators
AMC1305L25 TI1-AMC1305L25 Datasheet
1Mb / 39P
AMC1305x High-Precision, Reinforced Isolated Delta-Sigma Modulators
AMC1304L05-Q1 TI1-AMC1304L05-Q1 Datasheet
1Mb / 39P
High-Precision, Reinforced Isolated Delta-Sigma Modulators with LDO
AMC1305L25-Q1 TI1-AMC1305L25-Q1 Datasheet
1Mb / 38P
High-Precision, Reinforced Isolated Delta-Sigma Modulators
AMC1306E05 TI1-AMC1306E05 Datasheet
1Mb / 40P
Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with High CMTI
AMC1303E0510 TI1-AMC1303E0510 Datasheet
1Mb / 40P
Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with Internal Clock
AMC1306E05 TI1-AMC1306E05_17 Datasheet
1Mb / 40P
Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with High CMTI
AMC1306E05_017 TI1-AMC1306E05_017 Datasheet
689Kb / 38P
Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with High CMTI
AMC1106E05 TI1-AMC1106E05 Datasheet
1Mb / 38P
Small, High-Precision, Basic Isolated Delta-Sigma Modulators
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com