Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ25101H Datasheet (PDF) - Texas Instruments

BQ25101H Datasheet PDF - Texas Instruments
Part # BQ25101H
Download  BQ25101H Download
File Size   1204.33 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description bq2510x 250-mA Single Cell Li-Ion Battery Chargers, 1-mA Termination, 75-nA Battery Leakage

BQ25101H Datasheet (PDF)

Go To PDF Page Download Datasheet
BQ25101H Datasheet PDF - Texas Instruments

Part # BQ25101H
Download  BQ25101H Click to download

File Size   1204.33 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description bq2510x 250-mA Single Cell Li-Ion Battery Chargers, 1-mA Termination, 75-nA Battery Leakage

BQ25101H Datasheet (HTML) - Texas Instruments


BQ25101H Product details

1 Features
1• Charging
– 1% Charge Voltage Accuracy
– 10% Charge Current Accuracy low–
Supports Applications for Very Low Charge
Currents - 10 mA to 250 mA
– Supports minimum 1-mA Charge Termination
Current
– Ultra Low Battery Output Leakage Current -
Maximum 75 nA
– Adjustable Termination and Precharge
Threshold
– High voltage Chemistry Support: 4.35 V with
bq25100H/01H, 4.30 V with bq25100A
• Protection
– 30-V Input Rating; with 6.5-V Input
Overvoltage Protection
– Input Voltage Dynamic Power Management
– 125°C Thermal Regulation; 150°C Thermal
Shutdown Protection
– OUT Short-Circuit Protection and ISET Short
Detection
– Operation over JEITA Range via Battery
NTC – 1/2 Fast-Charge-Current at Cold, 4.06
V (bq25100/01) or 4.2 V (bq25100H/01H) at
Hot
– Fixed 10 Hour Safety Timer
• System
– Automatic Termination and Timer Disable
Mode (TTDM) for Absent Battery Pack
– Available in Small 1.60 mm × 0.90 mm
DSBGA Package

2 Applications
• Fitness Accessories
• Smart Watches
• Bluetooth® Headsets
• Low-Power Handheld Devices

3 Description
The bq2510x series of devices are highly integrated
Li-Ion and Li-Pol linear chargers targeted at space- limited portable applications. The high input voltage
range with input overvoltage protection supports low–
cost unregulated adapters.
The bq2510x has a single power output that charges
the battery. A system load can be placed in parallel
with the battery as long as the average system load
does not keep the battery from charging fully during
the 10 hour safety timer.
The battery is charged in three phases: conditioning,
constant current and constant voltage. In all charge phases, an internal control loop monitors the IC
junction temperature and reduces the charge current
if an internal temperature threshold is exceeded.
The charger power stage and charge current sense
functions are fully integrated. The charger function
has high accuracy current and voltage regulation
loops and charge termination. The pre-charge current
and termination current threshold are programmed via an external resistor on the bq2510x. The fast
charge current value is also programmable via an
external resistor.




Similar Part No. - BQ25101H

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25101H TI1-BQ25101H Datasheet
1Mb / 32P
75-nA Battery Leakage
BQ25101H TI2-BQ25101H Datasheet
1Mb / 35P
bq25100B 250-mA Single Cell Li-Ion Battery Chargers, 1-mA Termination, 75-nA Battery Leakage
REVISED JULY 2016
BQ25101HYFPR TI1-BQ25101HYFPR Datasheet
1Mb / 32P
75-nA Battery Leakage
BQ25101HYFPT TI1-BQ25101HYFPT Datasheet
1Mb / 32P
75-nA Battery Leakage
BQ25101H TI-BQ25101H_15 Datasheet
1Mb / 32P
bq2510x 250-mA Single Cell Li-Ion Battery Chargers, 1-mA Termination, 75-nA Battery Leakage
More results


Similar Description - BQ25101H

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2441 DALLAS-DS2441 Datasheet
134Kb / 29P
1-Cell Li-Ion Battery Manager
logo
NXP Semiconductors
NE57611 PHILIPS-NE57611 Datasheet
131Kb / 12P
Single cell Li-ion battery charger
2003 Oct 15
logo
Texas Instruments
BQ25100 TI-BQ25100_15 Datasheet
1Mb / 32P
bq2510x 250-mA Single Cell Li-Ion Battery Chargers, 1-mA Termination, 75-nA Battery Leakage
BQ25100A TI-BQ25100A_15 Datasheet
1Mb / 32P
bq2510x 250-mA Single Cell Li-Ion Battery Chargers, 1-mA Termination, 75-nA Battery Leakage
BQ25100H TI-BQ25100H_15 Datasheet
1Mb / 32P
bq2510x 250-mA Single Cell Li-Ion Battery Chargers, 1-mA Termination, 75-nA Battery Leakage
BQ25101 TI-BQ25101_15 Datasheet
1Mb / 32P
bq2510x 250-mA Single Cell Li-Ion Battery Chargers, 1-mA Termination, 75-nA Battery
BQ25101H TI-BQ25101H_15 Datasheet
1Mb / 32P
bq2510x 250-mA Single Cell Li-Ion Battery Chargers, 1-mA Termination, 75-nA Battery Leakage
BQ25100 TI1-BQ25100_16 Datasheet
1Mb / 32P
75-nA Battery Leakage
BQ25100B TI1-BQ25100B Datasheet
1Mb / 34P
75-nA Battery Leakage
logo
ACE Technology Co., LTD...
ACE4559P ACE-ACE4559P Datasheet
613Kb / 15P
150mA Single Cell Li-ion Battery Charger, 0.1mA Termination, 45nA Battery leakage Current
VER 1.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com