Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HHV Datasheet (PDF) - YAGEO Corporation

HHV Datasheet PDF - YAGEO Corporation
Part # HHV
Download  HHV Download
File Size   984.95 Kbytes
Page   17 Pages
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation
Description METAL GLAZED FILM RESISTORS

HHV Datasheet (PDF)

Go To PDF Page Download Datasheet
HHV Datasheet PDF - YAGEO Corporation

Part # HHV
Download  HHV Click to download

File Size   984.95 Kbytes
Page   17 Pages
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation
Description METAL GLAZED FILM RESISTORS

HHV Datasheet (HTML) - YAGEO Corporation


HHV Product details

APPLICATIONS
Power applications
Home appliance
Industry
FEATURES
Metal glazed thick film
Max. resistance up to 68Mohm
Max. working voltage: 7KV
Max. overload capability:
14KV
Resistance to high
temperature/humidity
UL1676, VDE certified
PPAP ready (HHV1WS)
Flameproof coating equivalent
to UL-94V-0
RoHS compliant &
halogen-free




Similar Part No. - HHV

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
HHV-25JT-52-1M YAGEO-HHV-25JT-52-1M Datasheet
274Kb / 2P
Metal Glazed Film Resistors
logo
Advanced Semiconductor
HHV0405-175 ASI-HHV0405-175 Datasheet
1Mb / 8P
175 Watts, 50V, 420-470MHz, 300us, 10% Duty Cycle
More results


Similar Description - HHV

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
MFR WELWYN-MFR Datasheet
1Mb / 4P
Metal Film Resistors
MFR4P WELWYN-MFR4P Datasheet
384Kb / 2P
Metal Film Resistors
logo
MERITEK ELECTRONICS COR...
MGR MERITEK-MGR Datasheet
226Kb / 2P
Metal Glazed Resistor
logo
HOKURIKU ELECTRIC INDUS...
E011203 HOKURIKU-E011203 Datasheet
107Kb / 3P
Miniature Glazed Metal Film Fixed Resistors
logo
YAGEO Corporation
HHV-25JT-52-1M YAGEO-HHV-25JT-52-1M Datasheet
274Kb / 2P
Metal Glazed Film Resistors
logo
List of Unclassifed Man...
MGR25 ETC-MGR25 Datasheet
476Kb / 1P
METAL GLAZED RESISTORS
logo
TT Electronics.
4800 TTELEC-4800_17 Datasheet
425Kb / 3P
Metal Film Resistors Metal Film Resistors
logo
RFE international
MGHV25 RFE-MGHV25 Datasheet
603Kb / 3P
METAL GLAZED FILM RESISTOR
2020.08.14
MGHV RFE-MGHV Datasheet
603Kb / 3P
METAL GLAZED FILM RESISTOR
2020.08.14
MGSV RFE-MGSV Datasheet
596Kb / 3P
METAL GLAZED FILM RESISTOR
2020.08.14
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com