Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI1012R Datasheet (PDF) - TECH PUBLIC Electronics co LTD

SI1012R Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # SI1012R
Download  SI1012R Download
File Size   910.45 Kbytes
Page   3 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description N-Channel Enhancement Mode MOSFET

SI1012R Datasheet (PDF)

Go To PDF Page Download Datasheet
SI1012R Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # SI1012R
Download  SI1012R Click to download

File Size   910.45 Kbytes
Page   3 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description N-Channel Enhancement Mode MOSFET

SI1012R Datasheet (HTML) - TECH PUBLIC Electronics co LTD


SI1012R Product details

Features
* Vos=20Vb=08A |
Roson=250m0 @ Vos45V (yp)
Roson = 300mO@ Ves=2.5V (typ)
+ ESD Protection




Similar Part No. - SI1012R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1012R VISHAY-SI1012R Datasheet
50Kb / 5P
N-Channel 1.8-V (G-S) MOSFET
25-Oct-00
SI1012R VISHAY-SI1012R Datasheet
94Kb / 6P
N-Channel 1.8-V (G-S) MOSFET
28-Feb-05
SI1012R VISHAY-SI1012R Datasheet
108Kb / 6P
N-Channel 1.8-V (G-S) MOSFET
07-Jul-08
SI1012R VISHAY-SI1012R Datasheet
204Kb / 10P
N-Channel 1.8 V (G-S) MOSFET
25-Oct-10
SI1012R VISHAY-SI1012R Datasheet
235Kb / 11P
N-Channel 1.8 V (G-S) MOSFET
15-Apr-13
More results


Similar Description - SI1012R

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN1012 SYNC-POWER-SPN1012 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN1423A SYNC-POWER-SPN1423A Datasheet
211Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2302M STANSON-ST2302M Datasheet
170Kb / 6P
N Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN4920A SYNC-POWER-SPN4920A Datasheet
235Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN4972 SYNC-POWER-SPN4972 Datasheet
242Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN8080 SYNC-POWER-SPN8080 Datasheet
239Kb / 10P
N-Channel Enhancement Mode MOSFET
SPN9507 SYNC-POWER-SPN9507 Datasheet
237Kb / 9P
N-Channel Enhancement Mode MOSFET
SPN9971 SYNC-POWER-SPN9971 Datasheet
269Kb / 10P
N-Channel Enhancement Mode MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com