Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TP431R250T3 Datasheet (PDF) - TECH PUBLIC Electronics co LTD

TP431R250T3 Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # TP431R250T3
Download  TP431R250T3 Download
File Size   2658.6 Kbytes
Page   5 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description Precision adjustable reference source

TP431R250T3 Datasheet (PDF)

Go To PDF Page Download Datasheet
TP431R250T3 Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # TP431R250T3
Download  TP431R250T3 Click to download

File Size   2658.6 Kbytes
Page   5 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description Precision adjustable reference source

TP431R250T3 Datasheet (HTML) - TECH PUBLIC Electronics co LTD


TP431R250T3 Product details

Features

« Adjustable output voltage range: 2.5V~36V

» Low Dynamic Output Resistance: 0.15Q(typ)

o Low Temperature Deviation: 5mV(typ)

« Low Output Noise

« High Stability under Capacitive Load

o Current capacity range 1-100 mA

accuracy 0.5%

o Package appearance SOT89-3

Applications

o Adjustable voltage and current reference

© Zener diode replacement products

« Voltage monitoring

«A comparator with an integrated benchmark

o Secondary side voltage regulation in flyback
switch mode power supply (SMPS)




Similar Part No. - TP431R250T3

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
TP431R250S3 TECHPUBLIC-TP431R250S3 Datasheet
2Mb / 5P
Precision adjustable reference source
TP431R250S3-1 TECHPUBLIC-TP431R250S3-1 Datasheet
2Mb / 5P
Precision adjustable reference source
More results


Similar Description - TP431R250T3

ManufacturerPart #DatasheetDescription
logo
Avic Technology
AV431LT1 AVICTEK-AV431LT1 Datasheet
208Kb / 4P
Adjustable Reference Source
logo
Guangdong Kexin Industr...
TL431 KEXIN-TL431 Datasheet
54Kb / 2P
Adjustable Accurate Reference Source
TL431-89 KEXIN-TL431-89 Datasheet
915Kb / 2P
Adjustable Accurate Reference Source
TL431-HF-89 KEXIN-TL431-HF-89 Datasheet
992Kb / 2P
Adjustable Accurate Reference Source
TL431K KEXIN-TL431K Datasheet
1Mb / 3P
Adjustable Accurate Reference Source
TL431K-3 KEXIN-TL431K-3 Datasheet
1Mb / 3P
Adjustable Accurate Reference Source
TL431K-89 KEXIN-TL431K-89 Datasheet
1Mb / 3P
Adjustable Accurate Reference Source
logo
SHENZHEN SLS TECHNOLOGY...
SLS431 SHENZHENSLS-SLS431 Datasheet
585Kb / 3P
Encapsulate Precision Adjustable Reference Source
logo
Shenzhen Luguang Electr...
431 LUGUANG-431 Datasheet
795Kb / 2P
Adjustable Accurate Reference Source
logo
DONGGUAN YOU FENG WEI E...
TL431 YFWDIODE-TL431 Datasheet
424Kb / 3P
Adjustable Accurate Reference Source
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com