Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TP6018BS6 Datasheet (PDF) - TECH PUBLIC Electronics co LTD

TP6018BS6 Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # TP6018BS6
Download  TP6018BS6 Download
File Size   5947.75 Kbytes
Page   8 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 60V, 1A Asynchronous Step-Down DC/DC Converter

TP6018BS6 Datasheet (PDF)

Go To PDF Page Download Datasheet
TP6018BS6 Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # TP6018BS6
Download  TP6018BS6 Click to download

File Size   5947.75 Kbytes
Page   8 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 60V, 1A Asynchronous Step-Down DC/DC Converter

TP6018BS6 Datasheet (HTML) - TECH PUBLIC Electronics co LTD


TP6018BS6 Product details

Features

« Wide input voltage: 6V-60V

Up to 1A Output Current

« Switching Frequency 600kHz

« Low Typical 7.5pA Shutdown Current

Stable with Low ESR Ceramic Output

« PFMin Light Load Condition

« 0.8V Voltage Reference with 1.5% Accuracy

Integrated 300mQ High-Side MOSEFT

« Cycle-by-cycle Current Limit Protection

» Peak Current Mode with Internal
Compensation

Thermal Shutdown

o Compact package: SOT23-6

Applications

eo IPCAM

e LCD TV

« Smart Home Applications

» Telecom and Datacom Systems

« Power over Ethernet Applications

o General 12V, 24V, 48V Power Bus Supply




Similar Part No. - TP6018BS6

ManufacturerPart #DatasheetDescription
logo
3PEAK INC.
TP6001 3PEAK-TP6001 Datasheet
944Kb / 17P
1MHz, 80關A, RRIO, Op Amps
TP6001-CR 3PEAK-TP6001-CR Datasheet
944Kb / 17P
1MHz, 80關A, RRIO, Op Amps
TP6001-TR 3PEAK-TP6001-TR Datasheet
944Kb / 17P
1MHz, 80關A, RRIO, Op Amps
TP6001R 3PEAK-TP6001R Datasheet
944Kb / 17P
1MHz, 80關A, RRIO, Op Amps
TP6001R-TR 3PEAK-TP6001R-TR Datasheet
944Kb / 17P
1MHz, 80關A, RRIO, Op Amps
More results


Similar Description - TP6018BS6

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AUR9713 BCDSEMI-AUR9713 Datasheet
768Kb / 14P
1.5MHz, 1A, STEP DOWN DC-DC CONVERTER
logo
Power Analog Micoelectr...
PAM2305D PAM-PAM2305D Datasheet
389Kb / 14P
1A Step-Down DC-DC Converter
PAM2309 PAM-PAM2309 Datasheet
424Kb / 16P
1A Step-Down DC-DC Converter
PAM2312 PAM-PAM2312 Datasheet
411Kb / 14P
1A Step-Down DC-DC Converter
logo
Diodes Incorporated
PAM2304 DIODES-PAM2304 Datasheet
449Kb / 12P
3MHz, 1A STEP-DOWN DC-DC CONVERTER
Rev 2
PAM2305 DIODES-PAM2305 Datasheet
568Kb / 17P
1A STEP-DOWN DC-DC CONVERTER
Rev 2
PAM2305D DIODES-PAM2305D Datasheet
394Kb / 15P
1A STEP-DOWN DC-DC CONVERTER
Rev 3
PAM2309 DIODES-PAM2309 Datasheet
572Kb / 17P
1A STEP-DOWN DC-DC CONVERTER
Rev 2
PAM2312 DIODES-PAM2312 Datasheet
657Kb / 14P
1A STEP-DOWN DC-DC CONVERTER
Rev 3
logo
Maxim Integrated Produc...
MAX20058 MAXIM-MAX20058 Datasheet
713Kb / 17P
60V, 1A, Automotive Synchronous Step-Down DC-DC Converter
Rev 2; 5/19
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com