Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUF08832AIPWPR Datasheet (PDF) - Texas Instruments

BUF08832AIPWPR Datasheet PDF - Texas Instruments
Part # BUF08832AIPWPR
Download  BUF08832AIPWPR Download
File Size   1145.21 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Programmable Gamma-Voltage Generator and High Slew Rate VCOM with Integrated Two-Bank Memory

BUF08832AIPWPR Datasheet (PDF)

Go To PDF Page Download Datasheet
BUF08832AIPWPR Datasheet PDF - Texas Instruments

Part # BUF08832AIPWPR
Download  BUF08832AIPWPR Click to download

File Size   1145.21 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Programmable Gamma-Voltage Generator and High Slew Rate VCOM with Integrated Two-Bank Memory

BUF08832AIPWPR Datasheet (HTML) - Texas Instruments


BUF08832AIPWPR Product details

1FEATURES
23• 10-BIT RESOLUTION
• 8-CHANNEL P-GAMMA
• 1-CHANNEL P-VCOM
• HIGH SLEW RATE V COM: 45V/μs
• 16x REWRITABLE NONVOLATILE MEMORY
• TWO INDEPENDENT PIN-SELECTABLE
MEMORY BANKS
• RAIL-TO-RAIL OUTPUT
– 300mV Min Swing-to-Rail (10mA)
– > 300mA Max IOUT • LOW SUPPLY CURRENT
• SUPPLY VOLTAGE: 9V to 20V
• DIGITAL SUPPLY: 2V to 5.5V
• TWO-WIRE INTERFACE: Supports 400kHz and
3.4MHz

APPLICATIONS
• TFT-LCD REFERENCE DRIVERS.

APPLICATIONS
• TFT-LCD REFERENCE DRIVERS




Similar Part No. - BUF08832AIPWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BUF08832AIPWPR TI-BUF08832AIPWPR Datasheet
800Kb / 30P
Programmable Gamma-Voltage Generator and High Slew Rate VCOM with Integrated Two-Bank Memory
More results


Similar Description - BUF08832AIPWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BUF22821 TI-BUF22821 Datasheet
751Kb / 25P
Programmable Gamma-Voltage Generator and VCOM Calibrator with Integrated Two-Bank Memory
logo
EPCOS
BUF16821 EPCOS-BUF16821 Datasheet
826Kb / 29P
Programmable Gamma-Voltage Generator and VCOM Calibrator with Integrated Two-Bank Memory
logo
Texas Instruments
BUF16821 TI-BUF16821 Datasheet
826Kb / 29P
Programmable Gamma-Voltage Generator and VCOM Calibrator with Integrated Two-Bank Memory
BUF16821 TI-BUF16821_1 Datasheet
813Kb / 30P
Programmable Gamma-Voltage Generator and VCOM Calibrator with Integrated Two-Bank Memory
BUF08821 TI-BUF08821 Datasheet
778Kb / 27P
Programmable Gamma-Voltage Generator and VCOM Calibrator with Integrated Two-Bank Memory
BUF08832 TI-BUF08832 Datasheet
800Kb / 30P
Programmable Gamma-Voltage Generator and High Slew Rate VCOM with Integrated Two-Bank Memory
BUF12840 TI-BUF12840_12 Datasheet
395Kb / 26P
Programmable Gamma-Voltage Generator with Integrated Two-Bank Memory and External EEPROM
BUF08832 TI1-BUF08832_14 Datasheet
1Mb / 31P
Programmable Gamma-Voltage Generator and High Slew Rate VCOM with Integrated Two-Bank Memory
BUF12840 TI1-BUF12840_14 Datasheet
1Mb / 32P
Programmable Gamma-Voltage Generator with Integrated Two-Bank Memory and External EEPROM
BUF08630 TI1-BUF08630_14 Datasheet
1Mb / 35P
Programmable Gamma-Voltage Generator and High Slew Rate VCOM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com