Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC2544RHBR Datasheet (PDF) - Texas Instruments

CC2544RHBR Datasheet PDF - Texas Instruments
Part # CC2544RHBR
Download  CC2544RHBR Download
File Size   1161.65 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description System-on-Chip for 2.4-GHz USB Applications

CC2544RHBR Datasheet (PDF)

Go To PDF Page Download Datasheet
CC2544RHBR Datasheet PDF - Texas Instruments

Part # CC2544RHBR
Download  CC2544RHBR Click to download

File Size   1161.65 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description System-on-Chip for 2.4-GHz USB Applications

CC2544RHBR Datasheet (HTML) - Texas Instruments


CC2544RHBR Product details

1FEATURES
• RF section
– Single-Chip 2.4-GHz RF Transceiver and
MCU
– Data Rates and Modulation Formats:
– 2-Mbps GFSK, 320-kHz Deviation
– 2-Mbps GFSK, 500-kHz Deviation
– 1-Mbps GFSK, 160-kHz Deviation
– 1-Mbps GFSK, 250-kHz Deviation
– 500-kbps MSK
– 250-kbps GFSK, 160-kHz Deviation
– 250-kbps MSK
– Excellent Link Budget, Enabling Long
Range Without External Front-Ends
– Programmable Output Power up to 4 dBm
– Excellent Receiver Sensitivity (–88 dBm at
2 Mbps)
– Suitable for Systems Targeting Compliance
With Worldwide Radio Frequency
Regulations: ETSI EN 300 328 and EN 300
440 Category 2 (Europe), FCC CFR47 Part
15 (US), and ARIB STD-T66 (Japan)
– Accurate RSSI Function
• Layout
– Few External Components
– Reference Designs Available
– 32-pin 5-mm × 5-mm QFN (8 General I/O
Pins) Package
• Low Power
– Active Mode RX: 22.5 mA
– Active Mode TX (0 dBm): 27 mA
– Power Mode 1 (4-μs Wake-Up): 1 mA
– Wide Supply-Voltage Range
– 3.3V LDO Output
– Supply Range: 2 V–3.6 V
– USB 5-V Regulator: 4 V–5.45 V
• Microcontroller
– High-Performance and Low-Power 8051
Microcontroller Core With Code Prefetch
– 32-KB Flash Program Memory
– 2 KB SRAM
– Hardware Debug Support
– Extensive Baseband Automation, Including
Auto-Acknowledgement and Address
Decoding
• Peripherals
– Full Speed USB 2.0
– 6 Endpoints (Endpoint 0 and 5 IN/OUT
Endpoints)
– Internal Pullup for D+
– 5-V to 3.3-V Regulator
– Powerful Two-Channel DMA
– General-Purpose Timers (One 16-Bit, Two
8-Bit)
– Radio Timer, 40-Bit
– IR Generation Circuitry
– Several Oscillators:
– 32-MHz XOSC
– 16-MHz RCOSC
– 32-kHz RCOSC
– 32-kHz Sleep Timer With Capture
– AES Security Coprocessor
– UART/SPI Serial Interface
– 8 General-Purpose I/O pins (6 × 4-mA and 2
× 20-mA Drive Strength)
– Watchdog Timer
– True Random-Number Generator

APPLICATIONS
• Proprietary 2.4-GHz Systems
• Human Interface Devices (USB Dongle)
• Consumer Electronics

DESCRIPTION
The CC2544 is an optimized system-on-chip (SoC) solution for USB applications with datarates upto 2Mbps built
with low bill-of-material cost. The CC2544 combines the excellent performance of a leading RF transceiver with a
single-cycle 8051 compliant CPU, 32-KB in-system programmable flash memory, up to 2-KB RAM, and many
other powerful features.
The CC2544 is compatible with the CC2541/CC2543/CC2545. It comes in a 5-mm × 5-mm QFN32 package, with
SPI/UART/USB interface. The CC2544 comes complete with reference designs from Texas Instruments.
The devices target wireless consumer and HID applications. The CC2544 is ideal for USB dongle applications.




Similar Part No. - CC2544RHBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2544RHBR TI1-CC2544RHBR Datasheet
387Kb / 29P
System-on-Chip for 2.4-GHz USB Applications
More results


Similar Description - CC2544RHBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2531 TI-CC2531 Datasheet
850Kb / 32P
A USB Enabled System-On-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2531F128 TI-CC2531F128 Datasheet
619Kb / 35P
A USB-Enabled System-On-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2543 TI-CC2543 Datasheet
811Kb / 29P
System-on-Chip for 2.4-GHz RF Applications
CC2544 TI-CC2544 Datasheet
770Kb / 30P
System-on-Chip for 2.4-GHz USB Applications
CC2543 TI-CC2543_15 Datasheet
882Kb / 30P
System-on-Chip for 2.4-GHz RF Applications
CC2544 TI-CC2544_15 Datasheet
346Kb / 29P
System-on-Chip for 2.4-GHz USB Applications
CC2545 TI-CC2545_15 Datasheet
899Kb / 31P
System-on-Chip for 2.4-GHz RF Applications
CC2543 TI1-CC2543_16 Datasheet
926Kb / 30P
System-on-Chip for 2.4-GHz RF Applications
CC2545 TI1-CC2545 Datasheet
935Kb / 31P
System-on-Chip for 2.4-GHz RF Applications
CC2544 TI1-CC2544_16 Datasheet
387Kb / 29P
System-on-Chip for 2.4-GHz USB Applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com