Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4069UBPWR Datasheet (PDF) - Texas Instruments

CD4069UBPWR Datasheet PDF - Texas Instruments
Part # CD4069UBPWR
Download  CD4069UBPWR Download
File Size   1141.73 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CD4069UB CMOS hex inverter

CD4069UBPWR Datasheet (PDF)

Go To PDF Page Download Datasheet
CD4069UBPWR Datasheet PDF - Texas Instruments

Part # CD4069UBPWR
Download  CD4069UBPWR Click to download

File Size   1141.73 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CD4069UB CMOS hex inverter

CD4069UBPWR Datasheet (HTML) - Texas Instruments


CD4069UBPWR Product details

1 Features
1• Standardized symmetrical output characteristics
• Medium speed operation: tPHL, tPLH = 30 ns at 10
V (Typical)
• 100% Tested for quiescent current at 20 V
• Maximum input current of 1 μA at 18 V over full
package-temperature range, 100 nA at 18 V and
25°C
• Meets all requirements of JEDEC tentative
standard No. 13B, Standard Specifications for
Description of B Series CMOS Devices

2 Applications
• Logic inversion
• Pulse shaping
• Oscillators
• High-input-impedance amplifiers

3 Description
The CD4069UB device consist of six CMOS inverter
circuits. These devices are intended for all generalpurpose
inverter applications where the mediumpower
TTL-drive and logic-level-conversion
capabilities of circuits such as the CD4009 and
CD4049 hex inverter and buffers are not required.




Similar Part No. - CD4069UBPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4069UBPWR TI-CD4069UBPWR Datasheet
940Kb / 16P
CMOS Hex Inverter
CD4069UBPWR TI1-CD4069UBPWR Datasheet
1Mb / 30P
CMOS Hex Inverter
CD4069UBPWRE4 TI-CD4069UBPWRE4 Datasheet
940Kb / 16P
CMOS Hex Inverter
CD4069UBPWRE4 TI1-CD4069UBPWRE4 Datasheet
1Mb / 30P
CMOS Hex Inverter
CD4069UBPWRG4 TI-CD4069UBPWRG4 Datasheet
940Kb / 16P
CMOS Hex Inverter
More results


Similar Description - CD4069UBPWR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CD4069UBMS INTERSIL-CD4069UBMS Datasheet
94Kb / 8P
CMOS Hex Inverter
December 1992
CD4502BMS INTERSIL-CD4502BMS Datasheet
81Kb / 8P
CMOS Strobed Hex Inverter/Buffer
December 1992
logo
Integrated Device Techn...
IDT74ALVC04 IDT-IDT74ALVC04 Datasheet
54Kb / 5P
3.3V CMOS HEX INVERTER
logo
Texas Instruments
CD4502B TI-CD4502B Datasheet
506Kb / 10P
CMOS Strobed Hex Inverter/Buffer
logo
STMicroelectronics
74LVQ04 STMICROELECTRONICS-74LVQ04_04 Datasheet
221Kb / 11P
LOW VOLTAGE CMOS HEX INVERTER
29-Jul-2004
logo
Texas Instruments
CD4069UBF TI-CD4069UBF Datasheet
940Kb / 16P
CMOS Hex Inverter
logo
ON Semiconductor
MC74LCX04DTR2G ONSEMI-MC74LCX04DTR2G Datasheet
138Kb / 7P
Low-Voltage CMOS Hex Inverter
October, 2012 ??Rev. 8
logo
Texas Instruments
CD4069UB TI1-CD4069UB_16 Datasheet
1Mb / 30P
CMOS Hex Inverter
logo
ON Semiconductor
MC74LCX04 ONSEMI-MC74LCX04_14 Datasheet
110Kb / 7P
Low-Voltage CMOS Hex Inverter
August, 2014 ??Rev. 9
logo
Renesas Technology Corp
CD4069UBMS RENESAS-CD4069UBMS Datasheet
411Kb / 8P
CMOS Hex Inverter
December 1992
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com