Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD54HC11F3A.A Datasheet (PDF) - Texas Instruments

CD54HC11F3A.A Datasheet PDF - Texas Instruments
Part # CD54HC11F3A.A
Download  CD54HC11F3A.A Download
File Size   1205.87 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CDx4HC11 Triple 3-Input AND Gates

CD54HC11F3A.A Datasheet (PDF)

Go To PDF Page Download Datasheet
CD54HC11F3A.A Datasheet PDF - Texas Instruments

Part # CD54HC11F3A.A
Download  CD54HC11F3A.A Click to download

File Size   1205.87 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CDx4HC11 Triple 3-Input AND Gates

CD54HC11F3A.A Datasheet (HTML) - Texas Instruments


CD54HC11F3A.A Product details

1 Features
• Buffered inputs
• Wide operating voltage range: 2 V to 6 V
• Wide operating temperature range:
–55°C to +125°C
• Supports fanout up to 10 LSTTL loads
• Significant power reduction compared to LSTTL
logic ICs

2 Applications
• Combining power good signals
• Enable digital signals

3 Description
This device contains three independent 3-input AND
gates. Each gate performs the Boolean function
Y = A ● B ● C in positive logic.




Similar Part No. - CD54HC11F3A.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC11F3A TI-CD54HC11F3A Datasheet
33Kb / 6P
High Speed CMOS Logic Triple 3-Input AND Gate
CD54HC11F3A TI-CD54HC11F3A Datasheet
260Kb / 11P
High-Speed CMOS Logic Triple 3-Input AND Gate
CD54HC11F3A TI-CD54HC11F3A Datasheet
440Kb / 13P
High-Speed CMOS Logic Triple 3-Input AND Gate
CD54HC11F3A TI1-CD54HC11F3A Datasheet
616Kb / 15P
High-Speed CMOS Logic Triple 3-Input AND Gate
More results


Similar Description - CD54HC11F3A.A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54LS11 NSC-54LS11 Datasheet
120Kb / 6P
Triple 3-Input AND Gates
logo
Texas Instruments
SN54AC11 TI-SN54AC11 Datasheet
521Kb / 15P
TRIPLE 3-INPUT POSITIVE-AND GATES
logo
Hitachi Semiconductor
HD74HC11 HITACHI-HD74HC11 Datasheet
39Kb / 7P
Triple 3-input AND Gates
logo
Panasonic Semiconductor
MN4073B PANASONIC-MN4073B Datasheet
115Kb / 2P
TRIPLE 3-INPUT AND GATES
logo
Texas Instruments
SN54LV11A TI-SN54LV11A Datasheet
323Kb / 13P
TRIPLE 3-INPUT POSITIVE-AND GATES
54ACT11011 TI-54ACT11011 Datasheet
68Kb / 5P
TRIPLE 3-INPUT POSITIVE-AND GATES
SN54LV11A TI-SN54LV11A_08 Datasheet
505Kb / 15P
TRIPLE 3-INPUT POSITIVE-AND GATES
SN54AC11 TI-SN54AC11_07 Datasheet
695Kb / 17P
TRIPLE 3-INPUT POSITIVE-AND GATES
logo
Renesas Technology Corp
HD74HC11 RENESAS-HD74HC11 Datasheet
84Kb / 7P
Triple 3-input AND Gates
logo
Aeroflex Circuit Techno...
UT54ACS11 AEROFLEX-UT54ACS11 Datasheet
228Kb / 9P
Triple 3-Input AND Gates
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com