Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74HCT126M96 Datasheet (PDF) - Texas Instruments

CD74HCT126M96 Datasheet PDF - Texas Instruments
Part # CD74HCT126M96
Download  CD74HCT126M96 Download
File Size   1143.58 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CDx4HCT126 Quadruple Buffers with 3-State Outputs

CD74HCT126M96 Datasheet (PDF)

Go To PDF Page Download Datasheet
CD74HCT126M96 Datasheet PDF - Texas Instruments

Part # CD74HCT126M96
Download  CD74HCT126M96 Click to download

File Size   1143.58 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CDx4HCT126 Quadruple Buffers with 3-State Outputs

CD74HCT126M96 Datasheet (HTML) - Texas Instruments


CD74HCT126M96 Product details

1 Features
• LSTTL input logic compatible
– VIL(max) = 0.8 V, VIH(min) = 2 V
• CMOS input logic compatible
– II ≤ 1 μA at VOL, VOH
• Buffered inputs
• 4.5 V to 5.5 V operation
• Wide operating temperature range:
-55°C to +125°C
• Supports fanout up to 10 LSTTL loads
• Significant power reduction compared to LSTTL
logic ICs

2 Applications
• Enable digital signals

3 Description
This device contains four independent buffers with
3-state outputs. Each gate performs the Boolean
function Y = A in positive logic.




Similar Part No. - CD74HCT126M96

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HCT126M96 TI-CD74HCT126M96 Datasheet
257Kb / 10P
High-Speed CMOS Logic Quad Buffer, Three-State
CD74HCT126M96 TI-CD74HCT126M96 Datasheet
444Kb / 14P
High-Speed CMOS Logic Quad Buffer, Three-State
CD74HCT126M96 TI1-CD74HCT126M96 Datasheet
831Kb / 16P
High-Speed CMOS Logic Quad Buffer, Three-State
CD74HCT126M96E4 TI-CD74HCT126M96E4 Datasheet
444Kb / 14P
High-Speed CMOS Logic Quad Buffer, Three-State
CD74HCT126M96E4 TI1-CD74HCT126M96E4 Datasheet
831Kb / 16P
High-Speed CMOS Logic Quad Buffer, Three-State
More results


Similar Description - CD74HCT126M96

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54125 TI-SN54125 Datasheet
265Kb / 18P
QUADRUPLE BUS BUFFERS WITH 3-STATE OUTPUTS
SN54LVTH125 TI-SN54LVTH125 Datasheet
103Kb / 15P
3.3-V ABT QUADRUPLE BUS BUFFERS WITH 3-STATE OUTPUTS
SN74LVTH126 TI-SN74LVTH126 Datasheet
333Kb / 13P
3.3-V ABT QUADRUPLE BUS BUFFERS WITH 3-STATE OUTPUTS
SN54LVTH125 TI-SN54LVTH125_07 Datasheet
705Kb / 17P
3.3-V ABT QUADRUPLE BUS BUFFERS WITH 3-STATE OUTPUTS
SN54125 TI-SN54125_07 Datasheet
648Kb / 22P
QUADRUPLE BUS BUFFERS WITH 3-STATE OUTPUTS
SN54125 TI-SN54125_08 Datasheet
769Kb / 21P
QUADRUPLE BUS BUFFERS WITH 3-STATE OUTPUTS
SN54LVTH125 TI-SN54LVTH125_09 Datasheet
765Kb / 19P
3.3-V ABT QUADRUPLE BUS BUFFERS WITH 3-STATE OUTPUTS
logo
Diodes Incorporated
74LVC125A DIODES-74LVC125A Datasheet
231Kb / 10P
QUADRUPLE 3-STATE BUFFERS
Rev 3
74LVC126A DIODES-74LVC126A Datasheet
230Kb / 10P
QUADRUPLE 3-STATE BUFFERS
Rev 3
logo
Texas Instruments
SN54125 TI1-SN54125_15 Datasheet
906Kb / 23P
QUADRUPLE BUS BUFFERS WITH 3-STATE OUTPUTS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com