Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCEL925 Datasheet (PDF) - Texas Instruments

CDCEL925 Datasheet PDF - Texas Instruments
Part # CDCEL925
Download  CDCEL925 Download
File Size   1125.93 Kbytes
Page   40 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CDCE(L)925: Flexible Low Power LVCMOS Clock Generator With SSC Support for EMI Reduction

CDCEL925 Datasheet (PDF)

Go To PDF Page Download Datasheet
CDCEL925 Datasheet PDF - Texas Instruments

Part # CDCEL925
Download  CDCEL925 Click to download

File Size   1125.93 Kbytes
Page   40 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CDCE(L)925: Flexible Low Power LVCMOS Clock Generator With SSC Support for EMI Reduction

CDCEL925 Datasheet (HTML) - Texas Instruments


CDCEL925 Product details

1 Features
1• Member of Programmable Clock Generator
Family
– CDCEx913: 1-PLL, 3 Outputs
– CDCEx925: 2-PLL, 5 Outputs
– CDCEx925: 3-PLL, 7 Outputs
– CDCEx949: 4-PLL, 9 Outputs
• In-System Programmability and EEPROM
– Serial Programmable Volatile Register
– Nonvolatile EEPROM to Store Customer
Settings
• Flexible Input Clocking Concept
– External Crystal: 8 MHz to 32 MHz
– On-Chip VCXO: Pull Range ±150 ppm
– Single-Ended LVCMOS Up to 160 MHz
• Free Selectable Output Frequency Up to
230 MHz
• Low-Noise PLL Core
– PLL Loop Filter Components Integrated
– Low Period Jitter (Typical 60 ps)
• Separate Output Supply Pins
– CDCE925: 3.3 V and 2.5 V
– CDCEL925: 1.8 V
• Flexible Clock Driver
– Three User-Definable Control Inputs
[S0/S1/S2], for Example, SSC Selection,
Frequency Switching, Output Enable, or Power
Down
– Generates Highly Accurate Clocks for Video,
Audio, USB, IEEE1394, RFID, Bluetooth®,
WLAN, Ethernet™, and GPS
– Generates Common Clock Frequencies Used
With TI-DaVinci™, OMAP™, DSPs
– Programmable SSC Modulation
– Enables 0-PPM Clock Generation
• 1.8-V Device Power Supply
• Wide Temperature Range: –40°C to 85°C
• Packaged in TSSOP
• Development and Programming Kit for Easy PLL
Design and Programming (TI Pro-Clock™)

2 Applications
D-TVs, STBs, IP-STBs, DVD Players, DVD
Recorders, and Printers

3 Description
The CDCE925 and CDCEL925 are modular PLLbased
low-cost, high-performance, programmable
clock synthesizers, multipliers, and dividers. They
generate up to five output clocks from a single input
frequency. Each output can be programmed insystem
for any clock frequency up to 230 MHz, using
up to two independent configurable PLLs.
The CDCEx925 has a separate output supply pin,
VDDOUT, which is 1.8 V for CDCEL925 and 2.5 V to
3.3 V for CDCE925.
The input accepts an external crystal or LVCMOS
clock signal. In case of a crystal input, an on-chip
load capacitor is adequate for most applications. The
value of the load capacitor is programmable from 0 to
20 pF. Additionally, an on-chip VCXO is selectable
which allows synchronization of the output frequency
to an external control signal, that is, PWM signal.




Similar Part No. - CDCEL925

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCEL925 TI-CDCEL925 Datasheet
376Kb / 21P
Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCEL925 TI-CDCEL925 Datasheet
485Kb / 27P
PROGRAMMABLE 2-PLL VCXO CLOCK SYNTHESIZER WITH 1.8-V, 2.5-V and 3.3-V LVCMOS OUTPUTS
CDCEL925PW TI-CDCEL925PW Datasheet
485Kb / 27P
PROGRAMMABLE 2-PLL VCXO CLOCK SYNTHESIZER WITH 1.8-V, 2.5-V and 3.3-V LVCMOS OUTPUTS
CDCEL925PWG4 TI-CDCEL925PWG4 Datasheet
485Kb / 27P
PROGRAMMABLE 2-PLL VCXO CLOCK SYNTHESIZER WITH 1.8-V, 2.5-V and 3.3-V LVCMOS OUTPUTS
CDCEL925PWR TI-CDCEL925PWR Datasheet
485Kb / 27P
PROGRAMMABLE 2-PLL VCXO CLOCK SYNTHESIZER WITH 1.8-V, 2.5-V and 3.3-V LVCMOS OUTPUTS
More results


Similar Description - CDCEL925

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY25200 CYPRESS-CY25200 Datasheet
280Kb / 11P
Programmable Spread Spectrum Clock Generator for EMI Reduction
CY25000 CYPRESS-CY25000 Datasheet
271Kb / 10P
Programmable Spread Spectrum Clock Generator for EMI Reduction
CY25200 CYPRESS-CY25200_07 Datasheet
364Kb / 12P
Programmable Spread Spectrum Clock Generator for EMI Reduction
logo
Texas Instruments
CDCS501 TI-CDCS501 Datasheet
309Kb / 10P
SSC Clock Generator/Buffer
logo
Cypress Semiconductor
CY25200 CYPRESS-CY25200_09 Datasheet
380Kb / 11P
Programmable Spread Spectrum Clock Generator for EMI Reduction
CY25200 CYPRESS-CY25200_12 Datasheet
583Kb / 15P
Programmable Spread Spectrum Clock Generator for EMI Reduction
logo
ON Semiconductor
P3MS650100H ONSEMI-P3MS650100H Datasheet
218Kb / 7P
LVCMOS Peak EMI Reduction Clock Generator
August, 2011 ??Rev. 0
P3MS650103H ONSEMI-P3MS650103H Datasheet
156Kb / 7P
LVCMOS Peak EMI Reduction Clock Generator
September, 2011 ??Rev. 0
logo
Texas Instruments
CDCE937 TI1-CDCE937_17 Datasheet
1Mb / 39P
Flexible Low Power LVCMOS Clock Generator With SSC Support For EMI Reduction
logo
Silicon Laboratories
SL38000-15AH SILABS-SL38000-15AH Datasheet
177Kb / 10P
4-PLL Clock Generator with SSC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com