Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY74FCT191CTQCT Datasheet (PDF) - Texas Instruments

CY74FCT191CTQCT Datasheet PDF - Texas Instruments
Part # CY74FCT191CTQCT
Download  CY74FCT191CTQCT Download
File Size   1231.72 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 4-BIT UP/DOWN BINARY COUNTER

CY74FCT191CTQCT Datasheet (PDF)

Go To PDF Page Download Datasheet
CY74FCT191CTQCT Datasheet PDF - Texas Instruments

Part # CY74FCT191CTQCT
Download  CY74FCT191CTQCT Click to download

File Size   1231.72 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 4-BIT UP/DOWN BINARY COUNTER

CY74FCT191CTQCT Datasheet (HTML) - Texas Instruments


CY74FCT191CTQCT Product details

Function, Pinout, and Drive Compatible
With FCT and F Logic
Reduced VOH (Typically = 3.3 V) Versions
of Equivalent FCT Functions
Edge-Rate Control Circuitry for
Significantly Improved Noise
Characteristics
Ioff Supports Partial-Power-Down Mode
Operation
ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 200-V Machine Model (A115-A)
– 1000-V Charged-Device Model (C101)
Matched Rise and Fall Times
64-mA Output Sink Current
32-mA Output Source Current

description
The CY74FCT191T is a reversible modulo-16 binary counter, featuring synchronous counting and
asynchronous presetting. The preset allows the CY74FCT191T to be used in programmable dividers. The count
enable input, terminal count output, and ripple-clock output make possible a variety of methods of implementing
multiusage counters. In the counting modes, state changes are initiated by the rising edge of the clock.
This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs,
preventing damaging current backflow through the device when it is powered down.




Similar Part No. - CY74FCT191CTQCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT191CTQCT TI-CY74FCT191CTQCT Datasheet
61Kb / 6P
4-Bit Up/Down Binary Counter
CY74FCT191CTQCT TI1-CY74FCT191CTQCT Datasheet
326Kb / 14P
4-BIT UP/DOWN BINARY COUNTER
CY74FCT191CTQCT TI2-CY74FCT191CTQCT Datasheet
1Mb / 20P
4-BIT UP/DOWN BINARY COUNTER
REVISED SEPTEMBER 2001
CY74FCT191CTQCT.B TI2-CY74FCT191CTQCT.B Datasheet
1Mb / 20P
4-BIT UP/DOWN BINARY COUNTER
REVISED SEPTEMBER 2001
More results


Similar Description - CY74FCT191CTQCT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF40193B PHILIPS-HEF40193B Datasheet
120Kb / 9P
4-bit up/down binary counter
January 1995
logo
Texas Instruments
CY74FCT191T TI-CY74FCT191T Datasheet
61Kb / 6P
4-Bit Up/Down Binary Counter
SN74F169 TI-SN74F169 Datasheet
126Kb / 9P
SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTER
logo
System Logic Semiconduc...
SL74HC193 SLS-SL74HC193 Datasheet
68Kb / 7P
Presettable 4-Bit Binary UP/DOWN Counter
logo
Fairchild Semiconductor
DM74LS169A FAIRCHILD-DM74LS169A Datasheet
72Kb / 8P
Synchronous 4-Bit Up/Down Binary Counter
MM74C192 FAIRCHILD-MM74C192 Datasheet
62Kb / 6P
Synchronous 4-Bit Up/Down Decade Counter . Synchronous 4-Bit Up/Down Binary Counter
logo
Toshiba Semiconductor
TC74HC191AP TOSHIBA-TC74HC191AP_07 Datasheet
441Kb / 12P
4-Bit Binary Up/Down Counter
logo
Texas Instruments
74ACT11191 TI1-74ACT11191 Datasheet
135Kb / 9P
SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTER
CY74FCT191T TI1-CY74FCT191T_14 Datasheet
326Kb / 14P
4-BIT UP/DOWN BINARY COUNTER
SN54HC191-DIE TI1-SN54HC191-DIE Datasheet
132Kb / 6P
4-Bit Synchronous Up/Down Binary Counter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com