Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV595DAPR.A Datasheet (PDF) - Texas Instruments

DRV595DAPR.A Datasheet PDF - Texas Instruments
Part # DRV595DAPR.A
Download  DRV595DAPR.A Download
File Size   1222.75 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 15V/±4A High-Efficiency PWM Power Driver

DRV595DAPR.A Datasheet (PDF)

Go To PDF Page Download Datasheet
DRV595DAPR.A Datasheet PDF - Texas Instruments

Part # DRV595DAPR.A
Download  DRV595DAPR.A Click to download

File Size   1222.75 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 15V/±4A High-Efficiency PWM Power Driver

DRV595DAPR.A Datasheet (HTML) - Texas Instruments


DRV595DAPR.A Product details

1FEATURES
2• ±4 A Output Current
• Wide Supply Voltage Range: 4.5 V – 26 V
• High Efficiency Generates Less Heat
• Multiple Switching Frequencies
– Master/Slave Synchronization
– Up to 1.2 MHz Switching Frequency
• Feedback Power Stage Architecture with High
PSRR Reduces PSU Requirements
• Single Power Supply Reduces Component
Count
• Integrated Self-Protection Circuits Including
Over-Voltage, Under-Voltage, Over-
Temperature, and Short Circuit with Error
Reporting
• Thermally Enhanced Package
– DAP (32-pin HTSSOP Pad-down)
• –40°C to 85°C Ambient Temperature Range

APPLICATIONS
• Power Line Communications (PLC) Driver
• Thermoelectric Cooler (TEC) Driver
• Laser Diode Biasing
• Motor Driver
• Servo Amplifier

DESCRIPTION
The DRV595 is a high-efficiency, high-current power driver ideal for driving a wide variety of loads in systems
powered from 4.5V to 26V. PWM operation and low output stage on-resistance significantly decrease power
dissipation in the amplifier.
The DRV595 advanced oscillator/PLL circuit employs multiple switching frequency options; this is achieved
together with a Master/Slave option, making it possible to synchronize multiple devices.
The DRV595 is fully protected against faults with short-circuit, thermal, over-voltage, and under-voltage
protection. Faults are reported back to the processor to prevent devices from being damaged during overload
conditions.




Similar Part No. - DRV595DAPR.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV595DAPR TI-DRV595DAPR Datasheet
995Kb / 24P
15V/짹3A High-Efficiency PWM Power Driver
More results


Similar Description - DRV595DAPR.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV590 TI-DRV590 Datasheet
237Kb / 16P
1.2-A HIGH-EFFICIENCY PWM POWER DRIVER
DRV591 TI-DRV591 Datasheet
141Kb / 16P
3-A HIGH-EFFICIENCY PWM POWER DRIVER
DRV593 TI-DRV593 Datasheet
185Kb / 22P
3−A HIGH−EFFICIENCY PWM POWER DRIVER
DRV595 TI-DRV595 Datasheet
995Kb / 24P
15V/짹3A High-Efficiency PWM Power Driver
logo
Unisonic Technologies
USL1650 UTC-USL1650 Datasheet
174Kb / 4P
HIGH EFFICIENCY PWM BUCK LED DRIVER CONTROLLER
logo
Texas Instruments
DRV591 TI1-DRV591_14 Datasheet
955Kb / 22P
3-A HIGH-EFFICIENCY PWM POWER DRIVER
DRV590 TI1-DRV590_16 Datasheet
318Kb / 18P
1.2-A HIGH-EFFICIENCY PWM POWER DRIVER
logo
Diodes Incorporated
AL9910EV5 DIODES-AL9910EV5 Datasheet
226Kb / 8P
PWM high-efficiency LED driver control IC
JUNE 2011
logo
Analog Devices
LT8722 AD-LT8722 Datasheet
1Mb / 30P
Ultracompact 4A, 15V, Full Bridge Driver with SPI
logo
STMicroelectronics
TDA7260 STMICROELECTRONICS-TDA7260 Datasheet
658Kb / 14P
HIGH EFFICIENCY AUDIO PWM DRIVER
Sep-1988
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com