Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV8802PWP Datasheet (PDF) - Texas Instruments

DRV8802PWP Datasheet PDF - Texas Instruments
Part # DRV8802PWP
Download  DRV8802PWP Download
File Size   1132.14 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DRV8802 DC Motor Driver IC

DRV8802PWP Datasheet (PDF)

Go To PDF Page Download Datasheet
DRV8802PWP Datasheet PDF - Texas Instruments

Part # DRV8802PWP
Download  DRV8802PWP Click to download

File Size   1132.14 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DRV8802 DC Motor Driver IC

DRV8802PWP Datasheet (HTML) - Texas Instruments


DRV8802PWP Product details

1 Features
1• 8.2-V to 45-V Operating Supply Voltage Range
• Dual H-Bridge Current-Control Motor Driver
– Drive Two DC Motors
– Brake Mode
– Four Level Winding Current Control
• 1.6-A Maximum Drive Current at 24 V and TA
25°C
• Industry Standard Parallel Digital Control Interface
• Low Current Sleep Mode
• Built-In 3.3-V Reference Output
• Small Package Footprint
• Protection Features
– Overcurrent Protection (OCP)
– Thermal Shutdown (TSD)
– VM Undervoltage Lockout (UVLO)
– Fault Condition Indication Pin (nFAULT)
• Thermally Enhanced Surface Mount Package

2 Applications
• Printers
• Scanners
• Office Automation Machines
• Gaming Machines
• Factory Automation
• Robotics

3 Description
The DRV8802 provides an integrated motor driver
solution for printers, scanners, and other automated equipment applications. The device has two H-bridge
drivers, and is intended to drive DC motors. The
output driver block for each consists of N-channel
power MOSFET’s configured as H-bridges to drive the motor windings. The DRV8802 can supply up to
1.6-A peak or 1.1-A RMS output current (with proper
heatsinking at 24 V and 25°C) per H-bridge.
A simple parallel digital control interface is compatible
with industry-standard devices. Decay mode is
programmable to allow braking or coasting of the
motor when disabled.
Internal shutdown functions are provided for over
current protection, short circuit protection, under voltage lockout and overtemperature.
The DRV8802 is available in a 28-pin HTSSOP
package with PowerPAD™ (Eco-friendly: RoHS & no
Sb/Br).




Similar Part No. - DRV8802PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8802PWP TI1-DRV8802PWP Datasheet
558Kb / 18P
DC MOTOR DRIVER IC
JUNE2011
DRV8802PWP TI1-DRV8802PWP Datasheet
1Mb / 28P
DC Motor Driver IC
DRV8802PWPR TI1-DRV8802PWPR Datasheet
558Kb / 18P
DC MOTOR DRIVER IC
JUNE2011
DRV8802PWPR TI1-DRV8802PWPR Datasheet
1Mb / 28P
DC Motor Driver IC
More results


Similar Description - DRV8802PWP

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA7259P TOSHIBA-TA7259P Datasheet
292Kb / 9P
DC MOTOR DRIVER IC
TA7736P TOSHIBA-TA7736P Datasheet
417Kb / 11P
DC MOTOR DRIVER IC
logo
Texas Instruments
DRV8840 TI-DRV8840 Datasheet
551Kb / 18P
DC MOTOR DRIVER IC
DRV8802 TI1-DRV8802 Datasheet
558Kb / 18P
DC MOTOR DRIVER IC
JUNE2011
DRV8814 TI1-DRV8814_14 Datasheet
873Kb / 19P
DC MOTOR DRIVER IC
DRV8802-Q1 TI-DRV8802-Q1_15 Datasheet
978Kb / 26P
DRV8802-Q1 Automotive DC Motor-Driver IC
DRV8814 TI-DRV8814_15 Datasheet
844Kb / 18P
DC MOTOR DRIVER IC
DRV8814 TI1-DRV8814_16 Datasheet
1Mb / 26P
DC Motor Driver IC
DRV8840 TI1-DRV8840_15 Datasheet
1Mb / 28P
DC Motor Driver IC
DRV8842-EP TI1-DRV8842-EP Datasheet
1Mb / 26P
DC Motor Driver IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com