Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV8805DWR.A Datasheet (PDF) - Texas Instruments

DRV8805DWR.A Datasheet PDF - Texas Instruments
Part # DRV8805DWR.A
Download  DRV8805DWR.A Download
File Size   1233.55 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DRV8805 Unipolar Stepper Motor Driver IC

DRV8805DWR.A Datasheet (PDF)

Go To PDF Page Download Datasheet
DRV8805DWR.A Datasheet PDF - Texas Instruments

Part # DRV8805DWR.A
Download  DRV8805DWR.A Click to download

File Size   1233.55 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DRV8805 Unipolar Stepper Motor Driver IC

DRV8805DWR.A Datasheet (HTML) - Texas Instruments


DRV8805DWR.A Product details

1 Features
1• 4-Channel Protected Low-Side Driver
– Four NMOS FETs With Overcurrent Protection
– Integrated Inductive Clamp Diodes
• Indexer/Translator for Unipolar Stepper Motors
– Simple Step/Direction Interface
– Three Step Modes (2-Phase Full-Step, 1-2-
Phase Half-Step, 1-Phase Wave Drive)
• DW Package: 1.5-A (Single Channel On) /
800-mA (Four Channels On) Maximum Drive
Current per Channel (at 25°C)
• PWP Package: 2-A (Single Channel On) /
1-A (Four Channels On) Maximum Drive Current
per Channel (at 25°C, With Proper PCB
Heatsinking)
• 8.2-V to 60-V Operating Supply Voltage Range
• Thermally Enhanced Surface Mount Package

2 Applications
• Gaming Machines
• General Unipolar Stepper Motor Drivers

3 Description
The DRV8805 provides an integrated solution for
driving unipolar stepper motors. It includes four lowside
drivers with overcurrent protection and provides
built-in diodes to clamp turnoff transients generated
by the motor windings.
Indexer logic to control a unipolar stepper motor
using a simple step/direction interface is also
integrated. Three stepping modes are supported: 2
phase (full-step), 1-2 phase (half-step), and 1-phase
(wave drive).
In the SOIC (DW) package, the DRV8805 can supply
up to 1.5-A (one channel on) or 800-mA (all channels
on) continuous output current per channel, at 25°C. In
the HTSSOP (PWP) package, it can supply up to 2-A
(one channel on) or 1-A (four channels on)
continuous output current per channel, at 25°C with
proper PCB heatsinking.
Internal shutdown functions are provided for
overcurrent protection, short-circuit protection, under
voltage lockout, and overtemperature, and faults are
indicated by a fault output pin.
The DRV8805 is available in a 20-pin thermallyenhanced
SOIC package and a 16-pin HTSSOP
package (Eco-friendly: RoHS & no Sb/Br).




Similar Part No. - DRV8805DWR.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8805DWR TI1-DRV8805DWR Datasheet
598Kb / 16P
UNIPOLAR STEPPER MOTOR DRIVER IC
JULY2011
DRV8805DWR TI1-DRV8805DWR Datasheet
780Kb / 19P
UNIPOLAR STEPPER MOTOR DRIVER IC
More results


Similar Description - DRV8805DWR.A

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SI-7500A SANKEN-SI-7500A Datasheet
52Kb / 4P
5-phase Stepper Motor Star Connection Unipolar Driver IC
SMA7036M SANKEN-SMA7036M Datasheet
71Kb / 7P
2-Phase Stepper Motor Unipolar Driver IC
logo
Allegro MicroSystems
SLA7052M ALLEGRO-SLA7052M Datasheet
349Kb / 12P
UNIPOLAR STEPPER-MOTOR TRANSLATOR/PWM DRIVER
logo
List of Unclassifed Man...
EDE1200 ETC1-EDE1200 Datasheet
222Kb / 6P
Unipolar Stepper Motor IC
logo
Sanken electric
SLA7050M SANKEN-SLA7050M Datasheet
438Kb / 14P
2-Phase Unipolar Stepper Motor Driver
logo
New Japan Radio
NJW4351 NJRC-NJW4351 Datasheet
260Kb / 18P
Unipolar Stepper Motor Driver
logo
Shindengen Electric Mfg...
MTD1121F SHINDENGEN-MTD1121F Datasheet
84Kb / 5P
Unipolar PWM Stepper Motor Driver
logo
Texas Instruments
DRV8805 TI1-DRV8805 Datasheet
598Kb / 16P
UNIPOLAR STEPPER MOTOR DRIVER IC
JULY2011
DRV8805 TI1-DRV8805_12 Datasheet
780Kb / 19P
UNIPOLAR STEPPER MOTOR DRIVER IC
DRV8805 TI-DRV8805_15 Datasheet
970Kb / 21P
UNIPOLAR STEPPER MOTOR DRIVER IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com